Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GRM155R71C103KA01J Datasheet(PDF) 2 Page - Murata Manufacturing Co., Ltd.

Part # GRM155R71C103KA01J
Description  This product specification is applied to Chip Monolithic Ceramic Capacitor used for General Electronic equipment.
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

GRM155R71C103KA01J Datasheet(HTML) 2 Page - Murata Manufacturing Co., Ltd.

  GRM155R71C103KA01J Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. GRM155R71C103KA01J Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. GRM155R71C103KA01J Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. GRM155R71C103KA01J Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. GRM155R71C103KA01J Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. GRM155R71C103KA01J Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. GRM155R71C103KA01J Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. GRM155R71C103KA01J Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. GRM155R71C103KA01J Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 29 page
background image
Temperature
Compensating Type
High Dielectric
Constant Type
1 Operating
△C,1X:-55℃ to 125℃
B1,B3,F1:-25℃ to 85℃
Standard Temperature:20℃
Temperature Range
0C:-55℃ to 150℃
R1,R7,C7:-55℃ to 125℃
(R6,R7,R9,C7,C8,F5,L8:25℃)
Other :-25℃ to 85℃
R6:-55℃ to 85℃
R9,L8:-55℃ to 150℃
C8:-55℃ to 105℃
F5:-30℃ to 85℃
2 Rated Voltage
See the previous pages.
The rated voltage is defined as the maximum voltage which may be
applied continuously to the capacitor.
When AC voltage is superimposed on DC voltage, V
P-P or VO-P,
whichever is larger, should be maintained within the rated voltage range.
3 Appearance
No defects or abnormalities.
Visual inspection.
4 Dimension
Within the specified dimensions.
Using calipers. (GRM02 size is based on Microscope)
5 Dielectric Strength
No defects or abnormalities.
No failure should be observed when 300% of the rated voltage
(temperature compensating type) or 250% of the rated voltage
(high dielectric constant type) is applied between the
terminations for 1 to 5 seconds, provided the charge/discharge
current is less than 50mA.
6 Insulation
C≦0.047
μ F:More than 10000MΩ
The insulation resistance should be measured with a DC voltage
Resistance
C>0.047
μ F:More than 500Ω·F
not exceeding the rated voltage at 20℃/25℃ and 75%RH max.
C:Nominal Capacitance
and within 2 minutes of charging, provided the charge/discharge
current is less than 50mA.
7 Capacitance
Within the specified tolerance.
The capacitance/D.F. should be measured at 20℃/25℃ at the
frequency and voltage shown in the table.
8 Q/Dissipation
30pF and over:Q≧1000
[B1,B3,R1,R6,R7,C7,C8,L8]
Factor (D.F.)
30pF and below:Q≧400+20C W.V.:100V :0.025max.(C<0.068
mF) (1)Temperature Compensating Type
:0.05max.(C≧0.068
mF)
C:Nominal Capacitance(pF) W.V.:50V/25V :0.025max.
W.V.:16V/10V :0.035max.
W.V.:6.3V/4V :0.05max.(C<3.3
mF)
:0.1max.(C≧3.3
mF)
[R9]
(2)High Dielectric Constant Type
W.V.:50V: 0.05max.
[F1,F5]
W.V.:25Vmin
:0.05max. (C<0.1
mF)
:0.09max.(C≧0.1
mF)
W.V.:16V/10V:0.125max.
W.V.:6.3V:0.15max.
9 Capacitance
No bias
Within the specified
B1,B3 : Within ±10%
The capacitance change should be measured after 5min. at each
Temperature
tolerance.(Table A)
(-25°C to +85°C)
specified temp.stage.
Characteristics
R1,R7 : Within ±15%
(1)Temperature Compensating Type
(-55°C to +125°C)
The temperature coefficient is determind using the capacitance
R6
: Within ±15%
measured in step 3 as a reference.
(-55°C to +85°C)
When cycling the temperature sequentially from step 1 through
R9
: Within ±15%
5 (
Δ C:+20℃ to +125℃:other temp.coeffs.:+20℃ to +85℃) the
(-55°C to +150°C)
capacitance should be within the specified tolerance for the
C7
: Within ±22%
temperature coefficient and capacitance change as Table A-1.
(-55°C to +125°C)
The capacitance drift is caluculated by dividing the differences
C8
: Within ±22%
between the maximum and minimum measured values in the
(-55°C to +105°C)
step 1,3 and 5 by the cap.value in step 3.
F1
: Within +30/-80%
(-25°C to +85°C)
F5
:Within +22/-82%
(-30°C to +85°C)
L8
: Within ±15%
(-55°C to +125°C)
: Within +15/-40%
(+125°C to +150°C)
50% of
B1: Within +10/-30%
the rated
R1: Within +15/-40%
voltage
F1: Within +30/-95%
2) High Dielectric Constant Type
The ranges of capacitance change compared with the 20℃
value over the temperature ranges shown in the table should be
CapacitanceWithin±0.2% or±0.05pF
within the specified ranges.*
Drift
(Whichever is larger.)
In case of applying voltage, the capacitance change should be
*Not apply to 1X/25V
measured after 1 more min. with applying voltage in
equilibration of each temp. stage.
*Initial measurement for high
dielectric constant type
Perform a heat treatment at 150
+0/-10℃ for one hour and then
set for 24±2 hours at room
temperature.
Perform the initial measure-ment.
■SPECIFICATIONS AND TEST METHODS
No
Item
Specification
Test Method
Step
Temperature(
C)
1
20±2
2
-55±3(for
C)/-25±3(for other TC)
3
20±2
4
125±3(for 2C/3C/4C)
150±3(for 0C)
85±3(for other TC)
5
20±2
Step
Temperature(℃)
Applying
voltage
1
20±2/25±2
No bias
2
-55±3(for R1,R7,R6,R9,C7,C8,L8)/
-25±3(for B1,B3,F1)/
-30±3(for F5)
3
20±2/25±2
4
125±3(for R1,R7,C7)/150±3(for R9,L8)
105±3(for C8)/85±3(for B1,B3,R6,F1,F5)
5
20±2
50% of the
rated voltage
6
-55±3(for R1)/-25±3(for B1,F1)
7
20±2
8
125±3(for R1)/85±3(for B1,F1)
Capacitance
Frequency
Voltage
C≦1000pF
1±0.1MHz
0.5 to 5Vrms
C>1000pF
1±0.1kHz
1±0.2Vrms
Capacitance
Frequency
Voltage
C≦
10μF
1±0.1kHz
1±0.2Vrms
C>
10μF
120±24Hz
0.5±0.1Vrms
JEMCGS-0001S
2


Similar Part No. - GRM155R71C103KA01J

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
GRM155R71C103KA01J MURATA1-GRM155R71C103KA01J Datasheet
782Kb / 30P
   Chip Multilayer Ceramic Capacitors for General Purpose
More results

Similar Description - GRM155R71C103KA01J

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
GRM155R71H561KA01D MURATA-GRM155R71H561KA01D Datasheet
742Kb / 29P
   This product specification is applied to Chip Monolithic Ceramic Capacitor used for General Electronic equipment.
GRM155R60J104KA01D MURATA-GRM155R60J104KA01D Datasheet
748Kb / 29P
   This product specification is applied to Chip Monolithic Ceramic Capacitor used for General Electronic equipment.
GRM3195C1H152JA01D MURATA-GRM3195C1H152JA01D Datasheet
735Kb / 29P
   This product specification is applied to Chip Monolithic Ceramic Capacitor used for General Electronic equipment.
GNM212R61C474MA16 MURATA-GNM212R61C474MA16 Datasheet
703Kb / 25P
   This product specification is applied to Chip Monolithic Ceramic Capacitor, Capacitor Arrays used for General Electronic equipment
GNM1M25C1H470KD01 MURATA-GNM1M25C1H470KD01 Datasheet
602Kb / 24P
   This product specification is applied to Chip Monolithic Ceramic Capacitor, Capacitor Arrays used for General Electronic equipment
GNM214C80J105MEA2 MURATA-GNM214C80J105MEA2 Datasheet
679Kb / 24P
   This product specification is applied to Chip Monolithic Ceramic Capacitor, Capacitor Arrays used for General Electronic equipment
GNM1M25C1H680KD01 MURATA-GNM1M25C1H680KD01 Datasheet
602Kb / 24P
   This product specification is applied to Chip Monolithic Ceramic Capacitor, Capacitor Arrays used for General Electronic equipment
GNM212R61A105MA13 MURATA-GNM212R61A105MA13 Datasheet
603Kb / 24P
   This product specification is applied to Chip Monolithic Ceramic Capacitor, Capacitor Arrays used for General Electronic equipment
GNM212R61A225ME16 MURATA-GNM212R61A225ME16 Datasheet
667Kb / 24P
   This product specification is applied to Chip Monolithic Ceramic Capacitor, Capacitor Arrays used for General Electronic equipment
GNM212R61C105MA16 MURATA-GNM212R61C105MA16 Datasheet
703Kb / 25P
   This product specification is applied to Chip Monolithic Ceramic Capacitor, Capacitor Arrays used for General Electronic equipment
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com