Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GRM0225C1C2R5BD05 Datasheet(PDF) 11 Page - Murata Manufacturing Co., Ltd.

Part # GRM0225C1C2R5BD05
Description  Chip Monolithic Ceramic Capacitors
Download  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

GRM0225C1C2R5BD05 Datasheet(HTML) 11 Page - Murata Manufacturing Co., Ltd.

Back Button GRM0225C1C2R5BD05 Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. GRM0225C1C2R5BD05 Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. GRM0225C1C2R5BD05 Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. GRM0225C1C2R5BD05 Datasheet HTML 10Page - Murata Manufacturing Co., Ltd. GRM0225C1C2R5BD05 Datasheet HTML 11Page - Murata Manufacturing Co., Ltd. GRM0225C1C2R5BD05 Datasheet HTML 12Page - Murata Manufacturing Co., Ltd. GRM0225C1C2R5BD05 Datasheet HTML 13Page - Murata Manufacturing Co., Ltd. GRM0225C1C2R5BD05 Datasheet HTML 14Page - Murata Manufacturing Co., Ltd. GRM0225C1C2R5BD05 Datasheet HTML 15Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 182 page
background image
C02E.pdf
Sep.25,2013
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
separate volume 3
(
c GRM Series Temperature Compensating Type)
p00
Part Number List
Capacitance Table p00 Each number in the Part Number List refers to the page number printed at the bottom of the page.
CK
U2J
CJ
CH
SL
UJ
C0G
JIS:
EIA:
L×W (mm)
T max. (mm)
Rated Voltage (Vdc)
Cap. / TC Code
10pF
12pF
15pF
18pF
22pF
27pF
33pF
39pF
47pF
56pF
68pF
82pF
100pF
120pF
150pF
180pF
220pF
270pF
330pF
390pF
470pF
560pF
680pF
820pF
1000pF
1200pF
1500pF
1800pF
2200pF
2700pF
3300pF
3900pF
4700pF
5600pF
6800pF
8200pF
10000pF
12000pF
15000pF
18000pF
22000pF
27000pF
33000pF
39000pF
47000pF
56000pF
68000pF
82000pF
0.10μF
2.0×1.25
p65
p65
p65
p65
p65
p65
p65
p65
p65
p65
p65
p66
p66
p66
p66
p66
p66
p66
p66
C0G
250
1.0
p66
p66
p66
p66
p66
p66
p66
p66
p66
p66
p66
p66
p66
p66
p66
p66
p66
U2J
p66
p66
p66
p66
p66
p66
p66
p66
p66
p66
p66
p66
p66
p66
p66
p66
p66
p66
p66
C0G
200
p66
p66
p66
p66
p66
p66
p66
p66
p66
p66
p66
p66
p66
p66
p66
p66
p66
U2J
p66
SL
50
p66
UJ
p66
U2J
p66
p66
CH
50
1.35
p66
p66
C0G
p66
p66
SL
p66
p66
UJ
p66
p66
U2J
p66
p66
p66
SL
10
p66
p66
p66
UJ
p66
p66
p66
U2J
p66
p66
p66
p66
p66
U2J
250
1.45
p66
p66
p66
p66
p66
U2J
200
p67
p67
p67
p67
p67
p67
p67
p67
p67
p67
p67
p67
p67
p67
CH
100
0.95
3.2×1.6
p66
p66
p66
p66
p66
p66
p66
p66
p66
p66
p67
p67
p67
p67
C0G
p67
p67
p67
p67
p67
p67
p67
CH
50
p67
p67
p67
p67
p67
p67
p67
C0G
p67
SL
p67
U2J


Similar Part No. - GRM0225C1C2R5BD05

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
GRM0225C1C2R5BD05 MURATA-GRM0225C1C2R5BD05 Datasheet
4Mb / 237P
   Explanation of Symbols in This Catalog Lx W dimension: products of 0.6 x 0.3 mm or less
GRM0225C1C2R5BD05 MURATA-GRM0225C1C2R5BD05 Datasheet
4Mb / 237P
   Chip Monolithic Ceramic Capacitors
GRM0225C1C2R5BD05 MURATA-GRM0225C1C2R5BD05 Datasheet
3Mb / 182P
   Chip Monolithic Ceramic Capacitors
GRM0225C1C2R5BD05L MURATA-GRM0225C1C2R5BD05L Datasheet
4Mb / 221P
   Chip Monolithic Ceramic Capacitors
More results

Similar Description - GRM0225C1C2R5BD05

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
GRM155 MURATA-GRM155 Datasheet
204Kb / 13P
   Chip Monolithic Ceramic Capacitors
GCJ188R72A223KA01D MURATA-GCJ188R72A223KA01D Datasheet
29Kb / 2P
   Chip Monolithic Ceramic Capacitors
GRM188R71C104KA01J MURATA-GRM188R71C104KA01J Datasheet
42Kb / 4P
   Chip Monolithic Ceramic Capacitors
GRM31B7U3A471JW31L MURATA-GRM31B7U3A471JW31L Datasheet
18Kb / 1P
   Chip Monolithic Ceramic Capacitors
GRM31C5C1H104FA01L MURATA-GRM31C5C1H104FA01L Datasheet
4Mb / 237P
   Chip Monolithic Ceramic Capacitors
GRM32DR72J473KW01L MURATA-GRM32DR72J473KW01L Datasheet
3Mb / 182P
   Chip Monolithic Ceramic Capacitors
GRM216R71H222KA01D MURATA-GRM216R71H222KA01D Datasheet
43Kb / 4P
   Chip Monolithic Ceramic Capacitors
GRM1885C1H6R8DZ01D MURATA-GRM1885C1H6R8DZ01D Datasheet
204Kb / 13P
   Chip Monolithic Ceramic Capacitors
GJM1555C1H9R0CB01D MURATA-GJM1555C1H9R0CB01D Datasheet
3Mb / 182P
   Chip Monolithic Ceramic Capacitors
GR442QR7LB102KW01L MURATA-GR442QR7LB102KW01L Datasheet
4Mb / 237P
   chip monolithic ceramic capacitors
GRM31CR72A104KW03L MURATA-GRM31CR72A104KW03L Datasheet
4Mb / 237P
   Chip Monolithic Ceramic Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com