Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CMKDM8005 Datasheet(PDF) 2 Page - Central Semiconductor Corp

Part # CMKDM8005
Description  SURFACE MOUNT SILICON DUAL P-CHANNEL ENHANCEMENT-MODE MOSFET
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CMKDM8005 Datasheet(HTML) 2 Page - Central Semiconductor Corp

  CMKDM8005 Datasheet HTML 1Page - Central Semiconductor Corp CMKDM8005 Datasheet HTML 2Page - Central Semiconductor Corp CMKDM8005 Datasheet HTML 3Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
CMKDM8005
SURFACE MOUNT SILICON
DUAL P-CHANNEL
ENHANCEMENT-MODE
MOSFET
SOT-363 CASE - MECHANICAL OUTLINE
ELECTRICAL CHARACTERISTICS PER TRANSISTOR - Continued: (TA=25°C unless otherwise noted)
SYMBOL
TEST CONDITIONS
TYP
MAX
UNITS
Qg(tot)
VDS=10V, VGS=4.5V, ID=200mA
1.2
nC
Qgs
VDS=10V, VGS=4.5V, ID=200mA
0.24
nC
Qgd
VDS=10V, VGS=4.5V, ID=200mA
0.36
nC
ton
VDD=10V, VGS=4.5V, ID=200mA, RG=10Ω
38
ns
toff
VDD=10V, VGS=4.5V, ID=200mA, RG=10Ω
48
ns
PIN CONFIGURATION
LEAD CODE:
1) Source Q1
2) Gate Q1
3) Drain Q2
4) Source Q2
5) Gate Q2
6) Drain Q1
MARKING CODE: C85M
www.centr a lsemi.com
R3 (3-June 2013)


Similar Part No. - CMKDM8005

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMKDM8005 CENTRAL-CMKDM8005 Datasheet
488Kb / 2P
   SURFACE MOUNT DUAL P-CHANNEL ENHANCEMENT-MODE SILICON MOSFETS
CMKDM8005 CENTRAL-CMKDM8005_15 Datasheet
945Kb / 3P
   SURFACE MOUNT SILICON DUAL P-CHANNEL ENHANCEMENT-MODE MOSFET
More results

Similar Description - CMKDM8005

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CWDM305PD CENTRAL-CWDM305PD Datasheet
660Kb / 2P
   SURFACE MOUNT DUAL P-CHANNEL ENHANCEMENT-MODE SILICON MOSFET
CMRDM7590 CENTRAL-CMRDM7590_12 Datasheet
437Kb / 2P
   SURFACE MOUNT DUAL P-CHANNEL ENHANCEMENT-MODE SILICON MOSFET
CMKDM8005 CENTRAL-CMKDM8005_15 Datasheet
945Kb / 3P
   SURFACE MOUNT SILICON DUAL P-CHANNEL ENHANCEMENT-MODE MOSFET
CMLDM8002A CENTRAL-CMLDM8002A_10 Datasheet
524Kb / 2P
   SURFACE MOUNT DUAL P-CHANNEL ENHANCEMENT-MODE SILICON MOSFET
CMRDM7590 CENTRAL-CMRDM7590_15 Datasheet
437Kb / 2P
   SURFACE MOUNT DUAL P-CHANNEL ENHANCEMENT-MODE SILICON MOSFET
CTLDM304P-M832DS CENTRAL-CTLDM304P-M832DS_15 Datasheet
683Kb / 2P
   SURFACE MOUNT DUAL P-CHANNEL ENHANCEMENT-MODE SILICON MOSFET
CMLDM8005 CENTRAL-CMLDM8005_15 Datasheet
1Mb / 4P
   SURFACE MOUNT SILICON DUAL P-CHANNEL ENHANCEMENT-MODE MOSFET
CTLDM8120-M832DS CENTRAL-CTLDM8120-M832DS Datasheet
758Kb / 5P
   SURFACE MOUNT DUAL P-CHANNEL ENHANCEMENT-MODE SILICON MOSFET
R0 2-March 2012
CMLDM5757 CENTRAL-CMLDM5757_13 Datasheet
1Mb / 3P
   SURFACE MOUNT SILICON DUAL P-CHANNEL ENHANCEMENT-MODE MOSFET
CMLDM8005 CENTRAL-CMLDM8005_13 Datasheet
1Mb / 3P
   SURFACE MOUNT SILICON DUAL P-CHANNEL ENHANCEMENT-MODE MOSFET
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com