Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SRU1028A-151Y Datasheet(PDF) 2 Page - Bourns Electronic Solutions

Part # SRU1028A-151Y
Description  Shielded Power Inductors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

SRU1028A-151Y Datasheet(HTML) 2 Page - Bourns Electronic Solutions

  SRU1028A-151Y Datasheet HTML 1Page - Bourns Electronic Solutions SRU1028A-151Y Datasheet HTML 2Page - Bourns Electronic Solutions SRU1028A-151Y Datasheet HTML 3Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SRF0504 Series - Line Filter
SRU1028A Series - Shielded Power Inductors
Soldering Profile
L vs. IDC
0.0
0.3
0.6
0.9
1.2
1.5
0.0
3.0
6.0
9.0
12.0
15.0
0.0
1.0
2.0
3.0
4.0
5.0
6.0
7.0
8.0
0.0
2.0
4.0
6.0
8.0
0.0
20.0
40.0
60.0
80.0
100.0
120.0
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
0.0
2.0
4.0
6.0
8.0
10.0
12.0
14.0
16.0
18.0
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
SRU1028A-1R0Y
SRU1028A-6R8Y
SRU1028A-101Y
SRU1028A-150Y
IDC (A)
IDC (A)
IDC (A)
IDC (A)
L @ 25
L @ 125
L @ 25
L @ 125
L @ 25
L @ 125
L @ 25
L @ 125
Specifications are subject to change without notice.
The device characteristics and parameters in this data sheet can and do vary in different applications and actual device performance may vary over time.
Users should verify actual device performance in their specific applications.
200
Max. Peak
Temperature -5
30 sec. max.
Max. Time Above
217
:
60~150 sec. max.
Peak Temperature
250
max.
250
150
200
100
50
0
100
50
150
Time (Seconds)
+4.0 °C/Sec. Max.
150~200 °C / 60~120 Sec.
+3.0 °C/Sec. Max.
-(1.0~5.0) °C/Sec. Max.
Temperature
Rising Area
Preheat
Area
Reflow
Area
Forced
Cooling Area
250
Peak Temperature: 250 °C
217 °C
60~120 Sec.
60 Sec.
Max.
60~150 Sec.


Similar Part No. - SRU1028A-151Y

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SRU1028 BOURNS-SRU1028 Datasheet
155Kb / 2P
   Shielded SMD Power Inductors
SRU1028 BOURNS-SRU1028 Datasheet
256Kb / 2P
   Shielded SMD Power Inductors
SRU1028-100Y BOURNS-SRU1028-100Y Datasheet
155Kb / 2P
   Shielded SMD Power Inductors
SRU1028-100Y BOURNS-SRU1028-100Y Datasheet
256Kb / 2P
   Shielded SMD Power Inductors
SRU1028-101Y BOURNS-SRU1028-101Y Datasheet
155Kb / 2P
   Shielded SMD Power Inductors
More results

Similar Description - SRU1028A-151Y

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CTCDRH2D11H CT-CTCDRH2D11H Datasheet
176Kb / 1P
   Power Inductors - Shielded
CTCDRH4D18 CT-CTCDRH4D18 Datasheet
199Kb / 1P
   Power Inductors - Shielded
CT916CYF CT-CT916CYF Datasheet
162Kb / 1P
   Power Inductors - Shielded
CT918CYF CT-CT918CYF Datasheet
163Kb / 1P
   Power Inductors - Shielded
CT960AWF CT-CT960AWF Datasheet
445Kb / 1P
   Power Inductors - Shielded
CTCDRH8D43 CT-CTCDRH8D43 Datasheet
176Kb / 1P
   Power Inductors - Shielded
CTCDRH74 CT-CTCDRH74 Datasheet
201Kb / 1P
   Power Inductors - Shielded
CTDS5022 CT-CTDS5022 Datasheet
229Kb / 1P
   Power Inductors - Shielded
logo
Coilcraft lnc.
LPS3314 COILCRAFT-LPS3314 Datasheet
205Kb / 2P
   Shielded Power Inductors
LPS4012-331ML COILCRAFT-LPS4012-331ML Datasheet
212Kb / 2P
   Shielded Power Inductors
LPS5030-901ML COILCRAFT-LPS5030-901ML Datasheet
210Kb / 2P
   Shielded Power Inductors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com