Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SRR1260A-121K Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # SRR1260A-121K
Description  Shielded Power Inductors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

SRR1260A-121K Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  SRR1260A-121K Datasheet HTML 1Page - Bourns Electronic Solutions SRR1260A-121K Datasheet HTML 2Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Features
Shielded construction
Inductance range: 1 to 1000 µH
Heating current up to 9.4 A
AEC-Q200 qualified
RoHS compliant* and halogen free**
Applications
Automotive systems:
- Driver assistant
- Information
- Entertainment
- Lighting
DC/DC converters
Power supplies
SRR1260A Series - Shielded Power Inductors
Operating Temperature
................................-40 °C to +125 °C
(Temperature rise included)
Storage Temperature
................................-40 °C to +125 °C
Resistance to Soldering Heat
............................. +245 °C for 10 sec.
Temperature Rise
......................40 °C typ. at rated I rms
Inductance Drop .......... 25 % typ. at I sat
Electrical Specifications @ 25 °C
General Specifications
Core..............................................Ferrite
Wire ............................Enameled copper
Terminal Finish ...................................Sn
Packaging.................... 600 pcs. per reel
Materials
Product Dimensions
Recommended Layout
DIMENSIONS:
MM
(INCHES)
How to Order
SRR1260A - 100M
Model
Value Code (see table)
* RoHS Directive 2002/95/EC Jan. 27, 2003 including annex and RoHS Recast 2011/65/EU June 8, 2011.
** Bourns follows the prevailing definition of “halogen free” in the industry. Bourns considers a product to be
“halogen free” if (a) the Bromine (Br) content is 900 ppm or less; (b) the Chlorine (Cl) content is 900 ppm or less;
and (c) the total Bromine (Br) and Chlorine (Cl) content is 1500 ppm or less.
Specifications are subject to change without notice.
The device characteristics and parameters in this data sheet can and do vary in different applications and actual device
performance may vary over time.
Users should verify actual device performance in their specific applications.
Bourns
Part Number
Inductance
Q
(Ref.)
Test
Freq.
(MHz)
SRF
(MHz)
Typ.
DCR
(m
Ω)
Max.
I rms
(A)
I sat
(A)
L
(µH)
Tol.
(%)
Test Frequency/
Voltage
SRR1260A-1R0Y
1.0
±30
100 KHz/0.1 V
26
7.96
100
7.8
9.4
10.0
SRR1260A-1R2Y
1.2
±30
100 KHz/0.1 V
18
7.96
91.1
8.0
9.2
9.8
SRR1260A-1R5Y
1.5
±30
100 KHz/0.1 V
24
7.96
86
9.5
8.8
9.0
SRR1260A-2R2Y
2.2
±30
100 KHz/0.1 V
22
7.96
70
10.5
8.2
8.5
SRR1260A-2R4Y
2.4
±30
100 KHz/0.1 V
18
7.96
63.8
11.5
7.8
8.0
SRR1260A-3R3Y
3.3
±30
100 KHz/0.1 V
20
7.96
40
12.0
7.6
7.8
SRR1260A-3R5Y
3.5
±30
100 KHz/0.1 V
22
7.96
37.6
13.0
7.5
7.6
SRR1260A-4R7Y
4.7
±30
100 KHz/0.1 V
19
7.96
36.7
15.5
6.8
7.0
SRR1260A-5R6Y
5.6
±30
100 KHz/0.1 V
19
7.96
33
16.2
6.7
6.9
SRR1260A-6R1Y
6.1
±30
100 KHz/0.1 V
21
7.96
29.8
17.0
6.6
6.8
SRR1260A-6R8Y
6.8
±30
100 KHz/0.1 V
20
7.96
28.2
18.0
6.3
6.5
SRR1260A-7R6Y
7.6
±30
100 KHz/0.1 V
16
7.96
27.9
19.0
6.0
6.2
SRR1260A-8R2Y
8.2
±30
100 KHz/0.1 V
18
7.96
24
19.5
5.7
5.8
SRR1260A-100M
10
±20
1 KHz/1 V
32
2.52
21
20.0
5.5
5.5
SRR1260A-120M
12
±20
1 KHz/1 V
27
2.52
19.4
23.0
5.2
5.0
SRR1260A-150M
15
±20
1 KHz/1 V
25
2.52
17.6
27.0
5.0
4.6
SRR1260A-180M
18
±20
1 KHz/1 V
28
2.52
15.5
36.0
4.2
3.9
SRR1260A-220M
22
±20
1 KHz/1 V
29
2.52
13.4
43.0
4.0
3.7
SRR1260A-270M
27
±20
1 KHz/1 V
26
2.52
12.7
45.0
3.6
3.3
SRR1260A-330M
33
±20
1 KHz/1 V
27
2.52
9.97
60.0
3.0
2.8
SRR1260A-390M
39
±20
1 KHz/1 V
22
2.52
10.4
70.0
2.8
2.7
SRR1260A-470M
47
±20
1 KHz/1 V
22
2.52
7.63
86.0
2.6
2.5
SRR1260A-560M
56
±20
1 KHz/1 V
24
2.52
7.92
100
2.3
2.2
SRR1260A-680M
68
±20
1 KHz/1 V
22
2.52
7.43
110
2.1
2.1
SRR1260A-820M
82
±20
1 KHz/1 V
25
2.52
6.85
145
1.95
1.9
SRR1260A-101M
100
±20
1 KHz/1 V
26
0.796
6.07
180
1.7
1.7
SRR1260A-121K
120
±10
1 KHz/1 V
26
0.796
5.5
210
1.65
1.65
SRR1260A-151K
150
±10
1 KHz/1 V
20
0.796
5
260
1.55
1.55
SRR1260A-181K
180
±10
1 KHz/1 V
26
0.796
4.5
320
1.4
1.4
SRR1260A-221K
220
±10
1 KHz/1 V
22
0.796
4.2
380
1.38
1.3
SRR1260A-271K
270
±10
1 KHz/1 V
20
0.796
3.6
450
1.3
1.2
SRR1260A-331K
330
±10
1 KHz/1 V
22
0.796
3.2
580
1.15
1.1
SRR1260A-391K
390
±10
1 KHz/1 V
20
0.796
2.8
700
1.08
1.0
SRR1260A-471K
470
±10
1 KHz/1 V
18
0.796
2.6
820
0.95
0.9
SRR1260A-561K
560
±10
1 KHz/1 V
22
0.796
2.4
1000
0.88
0.8
SRR1260A-681K
680
±10
1 KHz/1 V
18
0.796
2.2
1150
0.8
0.75
SRR1260A-821K
820
±10
1 KHz/1 V
20
0.796
2
1500
0.73
0.63
SRR1260A-102K
1000 ±10
1 KHz/1 V
30
0.252
1.8
1700
0.68
0.6
100
12.5
± 0.3
(.492
± .012)
12.5
± 0.3
(.492
± .012)
2.9
(.114)
2.9
(.114)
5.4
(.213)
6.0
± 0.5
(.236
± .020)
5.0
± 0.3
(.197
± .012)
7.0
(.276)
TYP.
6.8
(.268)
Electrical Schematic


Similar Part No. - SRR1260A-121K

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SRR1260 BOURNS-SRR1260 Datasheet
272Kb / 2P
   Shielded SMD Power Inductors
SRR1260-100M BOURNS-SRR1260-100M Datasheet
272Kb / 2P
   Shielded SMD Power Inductors
SRR1260-100M BOURNS-SRR1260-100M Datasheet
145Kb / 2P
   SRR1260 Series - Shielded SMD Power Inductors
SRR1260-101M BOURNS-SRR1260-101M Datasheet
272Kb / 2P
   Shielded SMD Power Inductors
SRR1260-101M BOURNS-SRR1260-101M Datasheet
145Kb / 2P
   SRR1260 Series - Shielded SMD Power Inductors
More results

Similar Description - SRR1260A-121K

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CTCDRH2D11H CT-CTCDRH2D11H Datasheet
176Kb / 1P
   Power Inductors - Shielded
CTCDRH4D18 CT-CTCDRH4D18 Datasheet
199Kb / 1P
   Power Inductors - Shielded
CT916CYF CT-CT916CYF Datasheet
162Kb / 1P
   Power Inductors - Shielded
CT918CYF CT-CT918CYF Datasheet
163Kb / 1P
   Power Inductors - Shielded
CT960AWF CT-CT960AWF Datasheet
445Kb / 1P
   Power Inductors - Shielded
CTCDRH8D43 CT-CTCDRH8D43 Datasheet
176Kb / 1P
   Power Inductors - Shielded
CTCDRH74 CT-CTCDRH74 Datasheet
201Kb / 1P
   Power Inductors - Shielded
CTDS5022 CT-CTDS5022 Datasheet
229Kb / 1P
   Power Inductors - Shielded
logo
Coilcraft lnc.
LPS3314 COILCRAFT-LPS3314 Datasheet
205Kb / 2P
   Shielded Power Inductors
LPS4012-331ML COILCRAFT-LPS4012-331ML Datasheet
212Kb / 2P
   Shielded Power Inductors
LPS5030-901ML COILCRAFT-LPS5030-901ML Datasheet
210Kb / 2P
   Shielded Power Inductors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com