Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS5541 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # ADS5541
Description  12-Bit, 80 MSPS Analog-To-Digital Converter
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS5541 Datasheet(HTML) 4 Page - Texas Instruments

  ADS5541 Datasheet HTML 1Page - Texas Instruments ADS5541 Datasheet HTML 2Page - Texas Instruments ADS5541 Datasheet HTML 3Page - Texas Instruments ADS5541 Datasheet HTML 4Page - Texas Instruments ADS5541 Datasheet HTML 5Page - Texas Instruments ADS5541 Datasheet HTML 6Page - Texas Instruments ADS5541 Datasheet HTML 7Page - Texas Instruments ADS5541 Datasheet HTML 8Page - Texas Instruments ADS5541 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
www.ti.com
ADS5522
SBAS320C – MAY 2004 – REVISED FEBRUARY 2007
ELECTRICAL CHARACTERISTICS (continued)
Typical values given at T
A = 25  C, min and max specified over the full recommended operating temperature range, AVDD =
DRV
DD = 3.3 V, sampling rate = 80 MSPS, 50% clock duty cycle, 3-VPP differential clock, and –1-dBFS differential input,
unless otherwise noted
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
Dynamic AC Characteristics
25
  C
68
70.5
fIN = 10 MHz
Full temp range
66.5
69.5
fIN = 55 MHz
70.3
25
  C
68
70.2
Signal-to-noise ratio. SNR
fIN = 70 MHz
dBFS
Full temp range
66.5
69
fIN = 100 MHz
69.7
fIN = 150 MHz
68.6
fIN = 220 MHz
67.2
RMS idle channel noise
Input tied to common-mode
0.43
LSB
25
  C
79
87
fIN = 10 MHz
Full temp range
76
84
fIN = 55 MHz
87
25
  C
78
84
Spurious-free dynamic range, SFDR
fIN = 70 MHz
dBc
Full temp range
76
83
fIN = 100 MHz
83
fIN = 150 MHz
78
fIN = 220 MHz
71
25
  C
79
87
fIN = 10 MHz
Full temp range
76
86
fIN = 55 MHz
86
25
  C
78
84
Second-harmonic, HD2
fIN = 70 MHz
dBc
Full temp range
76
83
fIN = 100 MHz
83
fIN = 150 MHz
78
fIN = 220 MHz
71
25
  C
79
91
fIN = 10 MHz
Full temp range
76
87
fIN = 55 MHz
90
25
  C
78
83
Third-harmonic, HD3
fIN = 70 MHz
dBc
Full temp range
76
83
fIN = 100 MHz
83
fIN = 150 MHz
86
fIN = 220 MHz
84
fIN = 10 MHz
25
  C
90
Worst-harmonic/spur (other than HD2 and HD3)
dBc
fIN = 70 MHz
25
  C
89
25
  C
67.5
70.4
fIN = 10 MHz
Full temp range
66
69
fIN = 55 MHz
70.1
25
  C
67.5
69.9
Signal-to-noise + distortion, SINAD
fIN = 70 MHz
dBFS
Full temp range
66
68.5
fIN = 100 MHz
69.4
fIN = 150 MHz
68.1
fIN = 220 MHz
65.8
4
Submit Documentation Feedback


Similar Part No. - ADS5541

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS5541 BURR-BROWN-ADS5541 Datasheet
401Kb / 30P
   14-Bit, 80MSPS Analog-to-Digital Converter
ADS5541 BURR-BROWN-ADS5541 Datasheet
274Kb / 20P
   12-Bit, 105MSPS Analog-toDigital Converter
ADS5541 BURR-BROWN-ADS5541 Datasheet
861Kb / 29P
   11-Bit, 125-MSPS Analog-To-Digital Converter
ADS5541 BURR-BROWN-ADS5541 Datasheet
995Kb / 30P
   11-Bit, 125-MSPS Analog-To-Digital Converter
logo
Texas Instruments
ADS5541 TI1-ADS5541 Datasheet
1Mb / 37P
[Old version datasheet]   14-Bit, 105MSPS Analog-To-Digital Converter
More results

Similar Description - ADS5541

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS5522IPAP TI-ADS5522IPAP Datasheet
1Mb / 32P
[Old version datasheet]   12-Bit, 80 MSPS Analog-To-Digital Converter
ADS5410 TI-ADS5410 Datasheet
283Kb / 14P
[Old version datasheet]   12-BIT, 80 MSPS CommsADCTM ANALOG-TO-DIGITAL CONVERTER
ADS5433 TI-ADS5433 Datasheet
1Mb / 22P
[Old version datasheet]   14 BIT, 80 MSPS ANALOG-TO-DIGITAL CONVERTER
ADS5423 TI-ADS5423 Datasheet
1Mb / 24P
[Old version datasheet]   14 Bit, 80 MSPS Analog-to-Digital Converter
ADS5423 TI1-ADS5423_14 Datasheet
1Mb / 28P
[Old version datasheet]   14 Bit, 80 MSPS Analog-to-Digital Converter
ADS5542IPAP TI1-ADS5542IPAP Datasheet
612Kb / 33P
[Old version datasheet]   14-Bit, 80 MSPS Analog-To-Digital Converter
logo
Analog Devices
AD9233 AD-AD9233 Datasheet
1Mb / 44P
   12-Bit, 80 MSPS/105 MSPS/125 MSPS, 1.8 V Analog-to-Digital Converter
REV. A
AD9233 AD-AD9233_15 Datasheet
1Mb / 44P
   12-Bit, 80 MSPS/105 MSPS/125 MSPS, 1.8 V Analog-to-Digital Converter
REV. A
logo
Texas Instruments
ADS5463 TI-ADS5463 Datasheet
1Mb / 25P
[Old version datasheet]   12-Bit, 500-MSPS Analog-to-Digital Converter
logo
Analog Devices
AD9629 AD-AD9629 Datasheet
984Kb / 32P
   12-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS 1.8 V Analog-to-Digital Converter
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com