Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM78L05ACM Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # LM78L05ACM
Description  LM78LXX Series 3-Terminal Positive Regulators
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM78L05ACM Datasheet(HTML) 3 Page - Texas Instruments

  LM78L05ACM Datasheet HTML 1Page - Texas Instruments LM78L05ACM Datasheet HTML 2Page - Texas Instruments LM78L05ACM Datasheet HTML 3Page - Texas Instruments LM78L05ACM Datasheet HTML 4Page - Texas Instruments LM78L05ACM Datasheet HTML 5Page - Texas Instruments LM78L05ACM Datasheet HTML 6Page - Texas Instruments LM78L05ACM Datasheet HTML 7Page - Texas Instruments LM78L05ACM Datasheet HTML 8Page - Texas Instruments LM78L05ACM Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
LM78L05, LM78L09, LM78L12, LM78L15, LM78L62, LM78L82
www.ti.com
SNVS754I – JANUARY 2000 – REVISED APRIL 2013
LM78LXX Electrical Characteristics LM78L05AC / LM78L05I (continued)
Limits in standard typeface are for TJ = 25°C, Bold typeface applies over the entire operating temperature range of the
indicated package. Limits are ensured by production testing or correlation techniques using standard Statistical Quality
Control (SQC) methods. Unless otherwise specified: IO = 40mA, CI = 0.33μF, CO = 0.1μF.
Unless otherwise specified, VIN = 10V
Symbol
Parameter
Conditions
Min
Typ
Max
Units
IQ
Quiescent Current
3
5
ΔIQ
Quiescent Current Change
8V
≤ VIN ≤ 20V
1.0
mA
1mA
≤ IO ≤ 40mA
0.1
Vn
Output Noise Voltage
f = 10 Hz to 100 kHz (2)
40
μV
ΔVIN/ΔVOUT
Ripple Rejection
f = 120 Hz
47
62
dB
8V
≤ VIN ≤ 16V
IPK
Peak Output Current
140
mA
ΔVO/ΔT
Average Output Voltage Tempco
IO = 5mA
−0.65
mV/°C
VIN (Min)
Minimum Value of Input Voltage
6.7
7
V
Required to Maintain Line Regulation
θJA
Thermal Resistance
230.9
°C/W
(8-Bump micro SMD)
(2)
Recommended minimum load capacitance of 0.01
μF to limit high frequency noise.
LM78LXX Electrical Characteristics LM78L62AC
Unless otherwise specified, VIN = 12V
Symbol
Parameter
Conditions
Min
Typ
Max
Units
VO
Output Voltage
5.95
6.2
6.45
8.5V
≤ VIN ≤ 20V
1mA
≤ IO ≤ 40mA
5.9
6.5
V
(1)
1mA
≤ IO ≤ 70mA
5.9
6.5
(1)
ΔVO
Line Regulation
8.5V
≤ VIN ≤ 20V
65
175
9V
≤ VIN ≤ 20V
55
125
mV
ΔVO
Load Regulation
1mA
≤ IO ≤ 100mA
13
80
1mA
≤ IO ≤ 40mA
6
40
IQ
Quiescent Current
2
5.5
ΔIQ
Quiescent Current Change
8V
≤ VIN ≤ 20V
1.5
mA
1mA
≤ IO ≤ 40mA
0.1
Vn
Output Noise Voltage
f = 10 Hz to 100 kHz
50
μV
(2)
ΔVIN/ΔVOUT
Ripple Rejection
f = 120 Hz
40
46
dB
10V
≤ VIN ≤ 20V
IPK
Peak Output Current
140
mA
ΔVO/ΔT
Average Output Voltage Tempco
IO = 5mA
−0.75
mV/°C
VIN (Min)
Minimum Value of Input Voltage
7.9
V
Required to Maintain Line Regulation
(1)
Power dissipation
≤ 0.75W.
(2)
Recommended minimum load capacitance of 0.01
μF to limit high frequency noise.
Copyright © 2000–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM78L05 LM78L09 LM78L12 LM78L15 LM78L62 LM78L82


Similar Part No. - LM78L05ACM

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM78L05ACM NSC-LM78L05ACM Datasheet
211Kb / 12P
   3-Terminal Positive Regulators
LM78L05ACM NSC-LM78L05ACM Datasheet
685Kb / 14P
   3-Terminal Positive Regulators
logo
Texas Instruments
LM78L05ACM TI1-LM78L05ACM Datasheet
1,014Kb / 21P
[Old version datasheet]   LM78LXX Series 3-Terminal Positive Regulators
LM78L05ACM TI1-LM78L05ACM Datasheet
1Mb / 35P
[Old version datasheet]   LM78L 100-mA Fixed Output Linear Regulator
JUNE 2020
LM78L05ACM/NOPB TI1-LM78L05ACM/NOPB Datasheet
1,014Kb / 21P
[Old version datasheet]   LM78LXX Series 3-Terminal Positive Regulators
More results

Similar Description - LM78L05ACM

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM78L05 TI1-LM78L05 Datasheet
1,014Kb / 21P
[Old version datasheet]   LM78LXX Series 3-Terminal Positive Regulators
logo
National Semiconductor ...
LM7800C NSC-LM7800C Datasheet
512Kb / 15P
   Series 3-Terminal Positive Regulators
LM140L NSC-LM140L Datasheet
143Kb / 6P
   3-Terminal Positive Regulators
logo
Minilogic Device Corpor...
78LXXPRG MINILOGIC-78LXXPRG Datasheet
202Kb / 7P
   3-Terminal Positive Regulators
logo
National Semiconductor ...
LM78L05 NSC-LM78L05 Datasheet
211Kb / 12P
   3-Terminal Positive Regulators
LM78LXX NSC-LM78LXX Datasheet
685Kb / 14P
   3-Terminal Positive Regulators
logo
Minilogic Device Corpor...
78LXXPRG MINILOGIC-78LXXPRG_10 Datasheet
200Kb / 6P
   3-Terminal Positive Regulators
logo
National Semiconductor ...
LM342 NSC-LM342 Datasheet
138Kb / 6P
   3-Terminal Positive Regulators
logo
Sipex Corporation
SP7805V-L SIPEX-SP7805V-L Datasheet
391Kb / 10P
   3-Terminal Positive Regulators
SP78XX SIPEX-SP78XX Datasheet
368Kb / 10P
   3-Terminal Positive Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com