Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM334SMX Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # LM334SMX
Description  LM134/LM234/LM334 3-Terminal Adjustable Current Sources
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM334SMX Datasheet(HTML) 3 Page - Texas Instruments

  LM334SMX Datasheet HTML 1Page - Texas Instruments LM334SMX Datasheet HTML 2Page - Texas Instruments LM334SMX Datasheet HTML 3Page - Texas Instruments LM334SMX Datasheet HTML 4Page - Texas Instruments LM334SMX Datasheet HTML 5Page - Texas Instruments LM334SMX Datasheet HTML 6Page - Texas Instruments LM334SMX Datasheet HTML 7Page - Texas Instruments LM334SMX Datasheet HTML 8Page - Texas Instruments LM334SMX Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
LM134, LM234, LM334
www.ti.com
SNVS746E – MARCH 2000 – REVISED MAY 2013
Electrical Characteristics
(1)
LM134/LM234
LM334
Parameter
Conditions
Units
Min
Typ
Max
Min
Typ
Max
Set Current Error, V+=2.5V(2)
10
μA ≤ ISET ≤ 1mA
3
6
%
1mA < ISET ≤ 5mA
5
8
%
2
μA ≤ ISET < 10μA
8
12
%
Ratio of Set Current to Bias
100
μA ≤ ISET ≤ 1mA
14
18
23
14
18
26
Current
1mA
≤ ISET ≤ 5mA
14
14
2
μA≤ISET≤100 μA
18
23
18
26
Minimum Operating Voltage
2
μA ≤ ISET ≤ 100μA
0.8
0.8
V
100
μA < ISET ≤ 1mA
0.9
0.9
V
1mA < ISET ≤ 5mA
1.0
1.0
V
Average Change in Set Current 2
μA ≤ ISET ≤ 1mA
1.5
≤ V+ ≤ 5V
0.02
0.05
0.02
0.1
%/V
with Input Voltage
5V
≤ V+ ≤ 40V
0.01
0.03
0.01
0.05
%/V
1mA < ISET ≤ 5mA
1.5V
≤ V ≤ 5V
0.03
0.03
%/V
5V
≤ V ≤ 40V
0.02
0.02
%/V
Temperature Dependence of
25
μA ≤ ISET ≤ 1mA
0.96T
T
1.04T
0.96T
T
1.04T
Set Current(3)
Effective Shunt Capacitance
15
15
pF
(1)
Unless otherwise specified, tests are performed at Tj = 25°C with pulse testing so that junction temperature does not change during test
(2)
Set current is the current flowing into the V+ pin. For the Basic 2-Terminal Current Source circuit shown in Figure 13. ISET is determined
by the following formula: ISET = 67.7 mV/RSET (@ 25°C). Set current error is expressed as a percent deviation from this amount. ISET
increases at 0.336%/°C @ Tj = 25°C (227 μV/°C).
(3)
ISET is directly proportional to absolute temperature (°K). ISET at any temperature can be calculated from: ISET = Io (T/To) where Io is ISET
measured at To (°K).
Electrical Characteristics
(1)
LM234-3
LM234-6
Parameter
Conditions
Units
Min
Typ
Max
Min
Typ
Max
Set Current Error, V+=2.5V (2)
100
μA ≤ ISET ≤ 1mA
±1
±2
%
TJ = 25°
Equivalent Temperature Error
±3
±6
°C
Ratio of Set Current to Bias
100
μA ≤ ISET ≤ 1mA
14
18
26
14
18
26
Current
Minimum Operating Voltage
100
μA ISET ≤ 1mA
0.9
0.9
V
Average Change in Set Current 100
μA ≤ ISET ≤ 1mA
1.5
≤ V+ ≤ 5V
0.02
0.05
0.02
0.01
%/V
with Input Voltage
5V
≤ V+ ≤ 30V
0.01
0.03
0.01
0.05
%/V
Temperature Dependence of
100
μA ≤ ISET ≤ 1mA
0.98T
T
1.02T
0.97T
T
1.03T
Set Current(3)
Equivalent Slope Error
±2
±3
%
Effective Shunt Capacitance
15
15
pF
(1)
Unless otherwise specified, tests are performed at Tj = 25°C with pulse testing so that junction temperature does not change during test
(2)
Set current is the current flowing into the V+ pin. For the Basic 2-Terminal Current Source circuit shown in Figure 13. ISET is determined
by the following formula: ISET = 67.7 mV/RSET (@ 25°C). Set current error is expressed as a percent deviation from this amount. ISET
increases at 0.336%/°C @ Tj = 25°C (227 μV/°C).
(3)
ISET is directly proportional to absolute temperature (°K). ISET at any temperature can be calculated from: ISET = Io (T/To) where Io is ISET
measured at To (°K).
Copyright © 2000–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM134 LM234 LM334


Similar Part No. - LM334SMX

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM334SMX NSC-LM334SMX Datasheet
273Kb / 14P
   3-Terminal Adjustable Current Sources
LM334SMX NSC-LM334SMX Datasheet
755Kb / 14P
   3-Terminal Adjustable Current Sources
logo
Texas Instruments
LM334SMX TI-LM334SMX Datasheet
1Mb / 26P
[Old version datasheet]   LM134/LM234/LM334 3-Terminal Adjustable Current Sources
LM334SMX TI-LM334SMX Datasheet
1Mb / 26P
[Old version datasheet]   LM134/LM234/LM334 3-Terminal Adjustable Current Sources
LM334SMX TI1-LM334SMX Datasheet
1Mb / 25P
[Old version datasheet]   LM134/LM234/LM334 3-Terminal Adjustable Current Sources
More results

Similar Description - LM334SMX

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM334M TI-LM334M Datasheet
1Mb / 26P
[Old version datasheet]   LM134/LM234/LM334 3-Terminal Adjustable Current Sources
LM234Z-6 TI-LM234Z-6 Datasheet
1Mb / 26P
[Old version datasheet]   LM134/LM234/LM334 3-Terminal Adjustable Current Sources
LM234Z-6 TI1-LM234Z-6 Datasheet
1Mb / 25P
[Old version datasheet]   LM134/LM234/LM334 3-Terminal Adjustable Current Sources
LM134 TI-LM134_15 Datasheet
1Mb / 26P
[Old version datasheet]   LM134/LM234/LM334 3-Terminal Adjustable Current Sources
logo
National Semiconductor ...
LM134 NSC-LM134_05 Datasheet
755Kb / 14P
   3-Terminal Adjustable Current Sources
LM134 NSC-LM134 Datasheet
273Kb / 14P
   3-Terminal Adjustable Current Sources
logo
Texas Instruments
LM134 TI1-LM134_16 Datasheet
1Mb / 26P
[Old version datasheet]   3-Terminal Adjustable Current Sources
logo
STMicroelectronics
LM134-LM234 STMICROELECTRONICS-LM134-LM234 Datasheet
109Kb / 10P
   THREE TERMINAL ADJUSTABLE CURRENT SOURCES
LM134 STMICROELECTRONICS-LM134_07 Datasheet
500Kb / 16P
   Three terminal adjustable current sources
LM134 STMICROELECTRONICS-LM134_03 Datasheet
1Mb / 11P
   THREE TERMINAL ADJUSTABLE CURRENT SOURCES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com