Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

LM78L15ACMX Datasheet(HTML) 3 Page - Texas Instruments

Click here to check the latest version.
Part No. LM78L15ACMX
Description  LM78LXX Series 3-Terminal Positive Regulators
Download  21 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TI1 [Texas Instruments]
Homepage  http://www.ti.com
Logo 

LM78L15ACMX Datasheet(HTML) 3 Page - Texas Instruments

 
Zoom Inzoom in Zoom Outzoom out
Go To Page :
/ 21 page
background image
LM78L05, LM78L09, LM78L12, LM78L15, LM78L62, LM78L82
www.ti.com
SNVS754I – JANUARY 2000 – REVISED APRIL 2013
LM78LXX Electrical Characteristics LM78L05AC / LM78L05I (continued)
Limits in standard typeface are for TJ = 25°C, Bold typeface applies over the entire operating temperature range of the
indicated package. Limits are ensured by production testing or correlation techniques using standard Statistical Quality
Control (SQC) methods. Unless otherwise specified: IO = 40mA, CI = 0.33μF, CO = 0.1μF.
Unless otherwise specified, VIN = 10V
Symbol
Parameter
Conditions
Min
Typ
Max
Units
IQ
Quiescent Current
3
5
ΔIQ
Quiescent Current Change
8V
≤ VIN ≤ 20V
1.0
mA
1mA
≤ IO ≤ 40mA
0.1
Vn
Output Noise Voltage
f = 10 Hz to 100 kHz (2)
40
μV
ΔVIN/ΔVOUT
Ripple Rejection
f = 120 Hz
47
62
dB
8V
≤ VIN ≤ 16V
IPK
Peak Output Current
140
mA
ΔVO/ΔT
Average Output Voltage Tempco
IO = 5mA
−0.65
mV/°C
VIN (Min)
Minimum Value of Input Voltage
6.7
7
V
Required to Maintain Line Regulation
θJA
Thermal Resistance
230.9
°C/W
(8-Bump micro SMD)
(2)
Recommended minimum load capacitance of 0.01
μF to limit high frequency noise.
LM78LXX Electrical Characteristics LM78L62AC
Unless otherwise specified, VIN = 12V
Symbol
Parameter
Conditions
Min
Typ
Max
Units
VO
Output Voltage
5.95
6.2
6.45
8.5V
≤ VIN ≤ 20V
1mA
≤ IO ≤ 40mA
5.9
6.5
V
(1)
1mA
≤ IO ≤ 70mA
5.9
6.5
(1)
ΔVO
Line Regulation
8.5V
≤ VIN ≤ 20V
65
175
9V
≤ VIN ≤ 20V
55
125
mV
ΔVO
Load Regulation
1mA
≤ IO ≤ 100mA
13
80
1mA
≤ IO ≤ 40mA
6
40
IQ
Quiescent Current
2
5.5
ΔIQ
Quiescent Current Change
8V
≤ VIN ≤ 20V
1.5
mA
1mA
≤ IO ≤ 40mA
0.1
Vn
Output Noise Voltage
f = 10 Hz to 100 kHz
50
μV
(2)
ΔVIN/ΔVOUT
Ripple Rejection
f = 120 Hz
40
46
dB
10V
≤ VIN ≤ 20V
IPK
Peak Output Current
140
mA
ΔVO/ΔT
Average Output Voltage Tempco
IO = 5mA
−0.75
mV/°C
VIN (Min)
Minimum Value of Input Voltage
7.9
V
Required to Maintain Line Regulation
(1)
Power dissipation
≤ 0.75W.
(2)
Recommended minimum load capacitance of 0.01
μF to limit high frequency noise.
Copyright © 2000–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM78L05 LM78L09 LM78L12 LM78L15 LM78L62 LM78L82


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21 


Datasheet Download




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn