Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

LM78L15ACMX Datasheet(HTML) 10 Page - Texas Instruments

Click here to check the latest version.
Part No. LM78L15ACMX
Description  LM78LXX Series 3-Terminal Positive Regulators
Download  21 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TI1 [Texas Instruments]
Homepage  http://www.ti.com
Logo 

LM78L15ACMX Datasheet(HTML) 10 Page - Texas Instruments

Zoom Inzoom in Zoom Outzoom out
Go To Page :
/ 21 page
background image
LM78L05, LM78L09, LM78L12, LM78L15, LM78L62, LM78L82
SNVS754I – JANUARY 2000 – REVISED APRIL 2013
www.ti.com
*Solid tantalum.
**Heat sink Q1.
***Optional: Improves ripple rejection and transient response.
Load Regulation: 0.6% 0
≤ IL ≤ 250mA pulsed with tON = 50ms.
Figure 16. 5V, 500mA Regulator with Short Circuit Protection
*Solid tantalum.
Figure 17. ±15V, 100mA Dual Power Supply
*Solid tantalum.
VOUT = VG + 5V, R1 = (−VIN/IQ LM78L05)
VOUT = 5V (R2/R4) for (R2 + R3) = (R4 + R5)
A 0.5V output will correspond to (R2/R4) = 0.1 (R3/R4) = 0.9
Figure 18. Variable Output Regulator 0.5V-18V
10
Submit Documentation Feedback
Copyright © 2000–2013, Texas Instruments Incorporated
Product Folder Links: LM78L05 LM78L09 LM78L12 LM78L15 LM78L62 LM78L82


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21 


Datasheet Download




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn