Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2587T-ADJ Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # LM2587T-ADJ
Description  LM2587 SIMPLE SWITCHER 5A Flyback Regulator
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM2587T-ADJ Datasheet(HTML) 2 Page - Texas Instruments

  LM2587T-ADJ Datasheet HTML 1Page - Texas Instruments LM2587T-ADJ Datasheet HTML 2Page - Texas Instruments LM2587T-ADJ Datasheet HTML 3Page - Texas Instruments LM2587T-ADJ Datasheet HTML 4Page - Texas Instruments LM2587T-ADJ Datasheet HTML 5Page - Texas Instruments LM2587T-ADJ Datasheet HTML 6Page - Texas Instruments LM2587T-ADJ Datasheet HTML 7Page - Texas Instruments LM2587T-ADJ Datasheet HTML 8Page - Texas Instruments LM2587T-ADJ Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
LM2587
SNVS115D – APRIL 2000 – REVISED APRIL 2013
www.ti.com
Connection Diagrams
Figure 2. Bent, Staggered Leads
Figure 3. Bent, Staggered Leads
5-Lead TO-220 (NDH)
5-Lead TO-220 (NDH)
Top View
Side View
Figure 4. 5-Lead TO-263 (KTT)
Figure 5. 5-Lead TO-263 (KTT)
Top View
Side View
For Fixed Versions 3.3V, R1 = 3.4k, R2 = 2k5V, R1 = 6.15k, R2 = 2k12V, R1 = 8.73k, R2 = 1kFor Adj. VersionR1 =
Short (0
Ω), R2 = Open
Figure 6. Block Diagram
2
Submit Documentation Feedback
Copyright © 2000–2013, Texas Instruments Incorporated
Product Folder Links: LM2587


Similar Part No. - LM2587T-ADJ

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2587T-ADJ NSC-LM2587T-ADJ Datasheet
676Kb / 26P
   SIMPLE SWITCHER 5A Flyback Regulator
LM2587T-ADJ NSC-LM2587T-ADJ Datasheet
810Kb / 27P
   SIMPLE SWITCHER짰 5A Flyback Regulator
More results

Similar Description - LM2587T-ADJ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM2587EVAL TI1-LM2587EVAL Datasheet
4Mb / 32P
[Old version datasheet]   LM2587 SIMPLE SWITCHER짰 5A Flyback Regulator
logo
National Semiconductor ...
LM2587 NSC-LM2587 Datasheet
676Kb / 26P
   SIMPLE SWITCHER 5A Flyback Regulator
LM2588 NSC-LM2588 Datasheet
786Kb / 29P
   SIMPLE SWITCHER 5A Flyback Regulator with
logo
Texas Instruments
LM2588 TI1-LM2588 Datasheet
2Mb / 38P
[Old version datasheet]   SIMPLE SWITCHER 5A Flyback Regulator with Shutdown
LM2588T-5 TI1-LM2588T-5 Datasheet
2Mb / 38P
[Old version datasheet]   LM2588 SIMPLE SWITCHER 5A Flyback Regulator with Shutdown
logo
National Semiconductor ...
LM2585 NSC-LM2585 Datasheet
627Kb / 25P
   SIMPLE SWITCHER 3A Flyback Regulator
LM2587 NSC-LM2587_04 Datasheet
810Kb / 27P
   SIMPLE SWITCHER짰 5A Flyback Regulator
LM2586 NSC-LM2586 Datasheet
778Kb / 28P
   SIMPLE SWITCHER 3A Flyback Regulator with Shutdown
LM2588 NSC-LM2588_05 Datasheet
1Mb / 30P
   SIMPLE SWITCHER짰 5A Flyback Regulator with Shutdown
logo
Texas Instruments
LM2586T-ADJ TI-LM2586T-ADJ Datasheet
2Mb / 38P
[Old version datasheet]   LM2586 SIMPLE SWITCHER 3A Flyback Regulator with Shutdown
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com