Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2990T-15 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # LM2990T-15
Description  LM2990 Negative Low Dropout Regulator
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM2990T-15 Datasheet(HTML) 2 Page - Texas Instruments

  LM2990T-15 Datasheet HTML 1Page - Texas Instruments LM2990T-15 Datasheet HTML 2Page - Texas Instruments LM2990T-15 Datasheet HTML 3Page - Texas Instruments LM2990T-15 Datasheet HTML 4Page - Texas Instruments LM2990T-15 Datasheet HTML 5Page - Texas Instruments LM2990T-15 Datasheet HTML 6Page - Texas Instruments LM2990T-15 Datasheet HTML 7Page - Texas Instruments LM2990T-15 Datasheet HTML 8Page - Texas Instruments LM2990T-15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
LM2990
SNVS093D – JUNE 1999 – REVISED APRIL 2013
www.ti.com
Connection Diagrams
Front View
Figure 1. 3-Lead TO-220 Package
See Package Number NDE0003B
Top View
Side View
Figure 2. Surface-Mount DDPAK/TO-263 Package
Figure 3. Surface-Mount DDPAK/TO-263 Package
See Package Number KTT0003B
See Package Number KTT0003B
Top View
Top View
Figure 4. 16-Lead CDIP Package
Figure 5. 16-Lead CLGA Package
See Package Number NFE0016A
See Package Number NAC0016A
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
Absolute Maximum Ratings
(1) (2)
Input Voltage
−26V to +0.3V
ESD Susceptibility(3)
2 kV
Power Dissipation(4)
Internally Limited
Junction Temperature (TJmax)
125°C
Storage Temperature
−65°C to +150°C
TO-220 (T), Wave
260°C, 10 sec
Soldering Temperature
DDPAK/TO-263 (S)
235°C, 30 sec
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is intended to be functional, but do not ensure specific performance limits. For ensured specifications and test
conditions, see the Electrical Characteristics.
(2)
If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office/Distributors for availability and
specifications.
(3)
Human body model, 100 pF discharged through a 1.5 k
Ω resistor.
(4)
The maximum power dissipation is a function of TJmax, θJA, and TA. The maximum allowable power dissipation at any ambient
temperature is PD = (TJmax − TA)/θJA. If this dissipation is exceeded, the die temperature will rise above 125°C, and the LM2990 will
eventually go into thermal shutdown at a TJ of approximately 160°C. For the LM2990, the junction-to-ambient thermal resistance, is
53°C/W, 73°C/W for the DDPAK/TO-263, and the junction-to-case thermal resistance is 3°C. If the DD[AK/TO-263 package is used, the
thermal resistance can be reduced by increasing the P.C. board copper area thermally connected to the package. Using 0.5 square
inches of copper area,
θJA is 50°C/W; with 1 square inch of copper area, θJA is 37°C/W; and with 1.6 or more square inches of copper
area,
θJA is 32°C/W.
2
Submit Documentation Feedback
Copyright © 1999–2013, Texas Instruments Incorporated
Product Folder Links: LM2990


Similar Part No. - LM2990T-15

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2990T-15 NSC-LM2990T-15 Datasheet
421Kb / 12P
   Negative Low Dropout Regulator
logo
Texas Instruments
LM2990T-15 TI-LM2990T-15 Datasheet
1Mb / 20P
[Old version datasheet]   LM2990 Negative Low Dropout Regulator
LM2990T-15 TI-LM2990T-15 Datasheet
1Mb / 20P
[Old version datasheet]   LM2990 Negative Low Dropout Regulator
LM2990T-15 TI1-LM2990T-15 Datasheet
1Mb / 20P
[Old version datasheet]   LM2990 Negative Low Dropout Regulator
LM2990T-15/NOPB TI1-LM2990T-15/NOPB Datasheet
1Mb / 20P
[Old version datasheet]   LM2990 Negative Low Dropout Regulator
More results

Similar Description - LM2990T-15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM2990 TI-LM2990_15 Datasheet
1Mb / 24P
[Old version datasheet]   LM2990 Negative Low-Dropout Regulator
LM2990S-5 TI-LM2990S-5 Datasheet
1Mb / 20P
[Old version datasheet]   LM2990 Negative Low Dropout Regulator
LM2990SX-12 TI-LM2990SX-12 Datasheet
1Mb / 20P
[Old version datasheet]   LM2990 Negative Low Dropout Regulator
LM2990S-5 TI1-LM2990S-5 Datasheet
1Mb / 20P
[Old version datasheet]   LM2990 Negative Low Dropout Regulator
logo
National Semiconductor ...
LM2990 NSC-LM2990 Datasheet
421Kb / 12P
   Negative Low Dropout Regulator
LM2991 NSC-LM2991_00 Datasheet
349Kb / 12P
   Negative Low Dropout Adjustable Regulator
logo
Texas Instruments
LM2991QML TI1-LM2991QML Datasheet
414Kb / 15P
[Old version datasheet]   Negative Low Dropout Adjustable Regulator
logo
Micrel Semiconductor
MIIC5271 MICREL-MIIC5271 Datasheet
117Kb / 10P
   UCAP NEGATIVE LOW DROPOUT REGULATOR
logo
Texas Instruments
LM2991 TI1-LM2991 Datasheet
1Mb / 19P
[Old version datasheet]   Negative Low Dropout Adjustable Regulator
logo
National Semiconductor ...
LM2991QML NSC-LM2991QML Datasheet
688Kb / 13P
   Negative Low Dropout Adjustable Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com