Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AU2064A Datasheet(PDF) 6 Page - Aplus Intergrated Circuits

Part # AU2064A
Description  single chip voice synthesizer with 4-bit microprocessor
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APLUS [Aplus Intergrated Circuits]
Direct Link  http://www.aplusinc.com.tw
Logo APLUS - Aplus Intergrated Circuits

AU2064A Datasheet(HTML) 6 Page - Aplus Intergrated Circuits

Back Button AU2064A Datasheet HTML 2Page - Aplus Intergrated Circuits AU2064A Datasheet HTML 3Page - Aplus Intergrated Circuits AU2064A Datasheet HTML 4Page - Aplus Intergrated Circuits AU2064A Datasheet HTML 5Page - Aplus Intergrated Circuits AU2064A Datasheet HTML 6Page - Aplus Intergrated Circuits AU2064A Datasheet HTML 7Page - Aplus Intergrated Circuits AU2064A Datasheet HTML 8Page - Aplus Intergrated Circuits AU2064A Datasheet HTML 9Page - Aplus Intergrated Circuits AU2064A Datasheet HTML 10Page - Aplus Intergrated Circuits Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Pad Description:
Pad No.
Pad Name
I/O
Function Description
1
VDD
P
Positive Power supply
2-3
CUP1-2
I
Voltage Halver Capacitor
4
OSCIN
I
Crystal Oscillator Input, 32768Hz
5
OSCOUT
I
Crystal Oscillator Output, 32768Hz
6
COM1
O
Common plate for LCD panel
7-30
SEG1-24
O
24 segment outputs for LCD panel
31
VDD
P
Positive Power supply
32-33
COM2-3
O
Common plate for LCD panel
34
GND
G
Backup negative power supply
35-36
VSS1-2
G
Negative power supply
37-38
S4-3
I
Input port
39
TRG
I
Audio output enable signal. Latch voice Section address
40-43
IOA1-4/S0-3
I/O
Voice section address. Internal pull-up
44
RESET
I
System reset
45
VOSC
I
Voice oscillator input
46
COUT
O
Audio signal current output
47
VOUT1
O
Audio signal voltage output
48
VSS2
G
Negative power supply
49
VOUT2
O
Audio signal voltage output
50-51
IOB1-2/S4-5
I/O
Voice section address. Internal pull-up.
52-53
IOB3-4
I/O
I/O port, 2 bits
54
INT/BUSY
I/O
Voice busy status, CPU interrupt request
55-58
P1-4
O
Output port
59-62
M1-4
I
Input port
63
N.C.
N.C.
64-65
S2-1
I
Input port
Rev 2.0
5
AU Series


Similar Part No. - AU2064A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
AU211 PHILIPS-AU211 Datasheet
86Kb / 8P
   Voltage comparator
2003 Sep 30
AU211D PHILIPS-AU211D Datasheet
86Kb / 8P
   Voltage comparator
2003 Sep 30
logo
Applied Power Microelec...
AU2401D5 APMICRO-AU2401D5 Datasheet
1Mb / 4P
   1-Line Uni-directional TVS Diode
AU2401P1 APMICRO-AU2401P1 Datasheet
737Kb / 4P
   1-Line Uni-directional TVS Diode
AU2401P4-3 APMICRO-AU2401P4-3 Datasheet
1Mb / 4P
   1-Line High Power TVS Diode
More results

Similar Description - AU2064A

ManufacturerPart #DatasheetDescription
logo
Aplus Intergrated Circu...
ASM0406CB APLUS-ASM0406CB Datasheet
677Kb / 7P
   VERY LOW-COST VOICE SYNTHESIZER WITH 4-BIT MICROPROCESSOR
ASM0906CB APLUS-ASM0906CB Datasheet
563Kb / 7P
   VERY LOW-COST VOICE SYNTHESIZER WITH 4-BIT MICROPROCESSOR
ASM2006C APLUS-ASM2006C Datasheet
419Kb / 7P
   VERY LOW-COST VOICE SYNTHESIZER WITH 4-BIT MICROPROCESSOR
ASM25512C APLUS-ASM25512C Datasheet
617Kb / 7P
   VERY LOW-COST VOICE SYNTHESIZER WITH 4-BIT MICROPROCESSOR
ASM7306C-1 APLUS-ASM7306C-1 Datasheet
428Kb / 7P
   VERY LOW-COST VOICE SYNTHESIZER WITH 4-BIT MICROPROCESSOR
ASM12712C-1 APLUS-ASM12712C-1 Datasheet
462Kb / 7P
   VERY LOW-COST VOICE SYNTHESIZER WITH 4-BIT MICROPROCESSOR
ASM3106C-1 APLUS-ASM3106C-1 Datasheet
647Kb / 7P
   VERY LOW-COST VOICE SYNTHESIZER WITH 4-BIT MICROPROCESSOR
ASM7306C APLUS-ASM7306C Datasheet
613Kb / 7P
   VERY LOW-COST VOICE SYNTHESIZER WITH 4-BIT MICROPROCESSOR
ASM8406C APLUS-ASM8406C Datasheet
451Kb / 7P
   VERY LOW-COST VOICE SYNTHESIZER WITH 4-BIT MICROPROCESSOR
API4000-6 APLUS-API4000-6 Datasheet
249Kb / 6P
   very low cost voice synthesizer with 4-bit microprocessor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com