Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD160C Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # HD160C
Description  HD160C Technical Specifications
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

HD160C Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  HD160C Datasheet HTML 1Page - List of Unclassifed Manufacturers HD160C Datasheet HTML 2Page - List of Unclassifed Manufacturers HD160C Datasheet HTML 3Page - List of Unclassifed Manufacturers HD160C Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
www.Amprobe.com
www.Amprobe.com
Amprobe® Test Tools
Data Sheet
No hassle
warranty
No waiting.
No shipping
charges.
Our commitment to
high-quality products
and customer service
is demonstrated by
our industry exclusive
“No Hassle” warranty.
In the unlikely event
that an Amprobe Test
Tool requires warranty
service, any of our
local dealers are
authorized to replace
it, on the spot.
HD160C
Heavy-Duty Digital Multimeter
Rugged autoranging meter with true-rms
Key features:
Measures 1500 VDC
CAT IV 1000 V
IP67 Rated
Temperature, Frequency
& Capacitance
Magne-Grip™ holster
with magnetic hanging
strap
Highest voltage capability,
measuring to 1500 Vdc and 1000
Vac
CAT IV 1000 V rated
Special sealing for environment
and water resistance. IP67 rated
Constructed with drop-resistant
housing and PCB mounting
Measures capacitance,
temperature and frequency
Superior 10,000 count resolution
with bar graph
Magne-Grip™ holster, frees both
hands for work
Includes high voltage test leads
with threaded alligator clips
Temperature measurement built-in
Frequency and capacitance
Digi-Glo™ bright backlight
The HD160C is designed for profes-
sional use in harsh environments.
The meter is unusually rugged and
reliable in everyday heavy use ap-
plications. The meter is made using
waterproof construction to prevent
dirt, grime and moisture from enter-
ing the case and causing inaccurate
readings or damaging shorts.
Built of tough, fire-retardant
thermoplastic resistant to grease
and chemical spills, with all sensi-
tive components shock-mounted for
a drop resistance to at least eight
feet.
Model HD160C has an extended
voltage measurement capability of
1500 V dc and 1000 V ac, unmatched
by any other line of digital multime-
ters. The extended voltage ranges
can withstand transients up to 12 kV.
HD160C
N10140


Similar Part No. - HD160C

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HD16-9-96S ETC-HD16-9-96S Datasheet
289Kb / 1P
   PLUG CONNECTOR HDIO SERIES
REV.G
logo
Jiangsu High diode Semi...
HD16-J HDSEMI-HD16-J Datasheet
1Mb / 4P
   SMAJ Plastic-Encapsulate Diodes
More results

Similar Description - HD160C

ManufacturerPart #DatasheetDescription
logo
American Microsemicondu...
AMS-G2M AMMSEMI-AMS-G2M Datasheet
374Kb / 2P
   Technical Specifications
AMS-CL03-15T AMMSEMI-AMS-CL03-15T Datasheet
499Kb / 1P
   Technical Specifications
logo
List of Unclassifed Man...
EBH500 ETC2-EBH500 Datasheet
50Kb / 1P
   Technical Specifications
DSA815 ETC1-DSA815 Datasheet
422Kb / 10P
   Technical Specifications
logo
American Microsemicondu...
CL03-15T AMMSEMI-CL03-15T Datasheet
499Kb / 1P
   Technical Specifications
H21B2 AMMSEMI-H21B2 Datasheet
1Mb / 4P
   Technical Specifications
1N6622 AMMSEMI-1N6622 Datasheet
175Kb / 1P
   Technical Specifications
2CLGXKV AMMSEMI-2CLGXKV Datasheet
285Kb / 2P
   Technical Specifications
SD400R08PV AMMSEMI-SD400R08PV Datasheet
410Kb / 2P
   Technical Specifications
H21B3 AMMSEMI-H21B3 Datasheet
1Mb / 4P
   Technical Specifications
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com