Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LQM18NN68NM00D Datasheet(PDF) 4 Page - Murata Manufacturing Co., Ltd.

Part # LQM18NN68NM00D
Description  Chip Coils for General Use Monolithic Type
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

LQM18NN68NM00D Datasheet(HTML) 4 Page - Murata Manufacturing Co., Ltd.

  LQM18NN68NM00D Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. LQM18NN68NM00D Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. LQM18NN68NM00D Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. LQM18NN68NM00D Datasheet HTML 4Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
t
N
y
331
q
LQ
u
K
r
M
e
32
w
H
i
2
(Part Number)
!0Packaging
K
L
B
J
D
LQH*1 /LQWppH/LQM31F/LQM21*2
LQH/LQWppH/LQM31F/LQM21*2 /LQM31P
LQH2MC/LQW/LQG/LQM/LQP
LQW15A/LQW18A/LQG/LQM18/LQM21*3 /LQP*5
LQWppA/LQG/LQM18/LQM21*4 /LQP
Embossed Taping (ø330mm Reel)
Embossed Taping (ø180mm Reel)
Bulk
Paper Taping (ø330mm Reel)
Paper Taping (ø180mm Reel)
Code
Packaging
Series
Continued from the preceding page.
*1 Except LQH2MC/LQH3NP/LQH43C
*2 LQM21D(22 - 47
µH)/LQM21F(4.7 - 47µH)/LQM21N(2.7 - 4.7µH) only.
*3 LQM21D(1.0 - 10
µH)/LQM21F(1.0 - 2.2µH)/LQM21N(0.1 - 2.2µH) only.
*4 LQM21D(1.0 - 10
µH)/LQM21F(1.0 - 2.2µH)/LQM21N(0.1 - 2.2µH)/LQM21P only.
*5 Except LQP15T
3
o!0
L
3
• This PDF catalog is downloaded from the website of Murata Manufacturing co., ltd. Therefore, it’s specifications are subject to change or our products in it may be discontinued without advance notice. Please check with our
sales representatives or product engineers before ordering.
• This PDF catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
!Note
O05E.pdf
07.2.22


Similar Part No. - LQM18NN68NM00D

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
LQM18NN68NM00 MURATA-LQM18NN68NM00 Datasheet
1,015Kb / 39P
   DESIGN ENGINEERING KITS
LQM18NN68NM00p MURATA-LQM18NN68NM00p Datasheet
111Kb / 4P
   Chip Coils for General Use Monolithic Type
More results

Similar Description - LQM18NN68NM00D

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
LQM18NN1R8K00D MURATA-LQM18NN1R8K00D Datasheet
111Kb / 4P
   Chip Coils for General Use Monolithic Type
LQG18H MURATA-LQG18H Datasheet
48Kb / 2P
   Chip Coils for High Frequency Monolithic Type
LQM31PN1R0M00L MURATA-LQM31PN1R0M00L Datasheet
33Kb / 1P
   Chip Coils for DC-DC Converter Monolithic Type
logo
PREMO CORPORATION S.L
C-CP-CS PREMO-C-CP-CS Datasheet
192Kb / 1P
   Coils and Chokes for general use
SR-0513 PREMO-SR-0513 Datasheet
432Kb / 3P
   Coils and Chokes for general use
K-KP PREMO-K-KP Datasheet
156Kb / 1P
   Coils and Chokes for general use
P-PP PREMO-P-PP Datasheet
411Kb / 4P
   Coils and Chokes for general use
logo
Murata Manufacturing Co...
LQM21NN3R3K10L MURATA-LQM21NN3R3K10L Datasheet
64Kb / 2P
   Chip Inductor (Chip Coil) for General Use Multilayer Type
LQM21NN4R7K10L MURATA-LQM21NN4R7K10L Datasheet
64Kb / 2P
   Chip Inductor (Chip Coil) for General Use Multilayer Type
L0075S0092LQM21N MURATA-L0075S0092LQM21N Datasheet
64Kb / 2P
   Chip Inductor (Chip Coil) for General Use Multilayer Type
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com