Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LQM18NN82NM00D Datasheet(PDF) 1 Page - Murata Manufacturing Co., Ltd.

Part # LQM18NN82NM00D
Description  Chip Coils for General Use Monolithic Type
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

LQM18NN82NM00D Datasheet(HTML) 1 Page - Murata Manufacturing Co., Ltd.

  LQM18NN82NM00D Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. LQM18NN82NM00D Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. LQM18NN82NM00D Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. LQM18NN82NM00D Datasheet HTML 4Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
6
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
49
• This PDF catalog is downloaded from the website of Murata Manufacturing co., ltd. Therefore, it’s specifications are subject to change or our products in it may be discontinued without advance notice. Please check with our
sales representatives or product engineers before ordering.
• This PDF catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
!Note
O05E.pdf
07.2.22
Chip Coils for General Use Monolithic Type
LQM18N Series (0603 Size)
LQM18N series consisting of magnetically shielded chip
coils was developed by using original multilayer
process technology and magnetic materials.
Compact size is suitable for high density mounting.
Shielded construction is not affected by interference
from peripheral components.
s Features
1. Magnetically shielded structure provides excellent
characteristics in crosstalk and magnetic
coupling.
2. Compact size (1.6x0.8mm) and lightweight
3. The external electrodes with nickel barrier
structure provide excellent solder heat resistance.
Applicable soldering methods are both flow soldering
and reflow soldering.
s Applications
1. Resonance circuit, traps, filter circuits
2. RF choke in telecommunications equipment, cordless
phones, radio equipment
s Dimension
s Rated Value (p: packaging code)
Continued on the following page.
1.6
±0.15
0.35
±0.15
0.8
±0.15
(in mm)
Electrode
Part Number
Inductance
Test Frequency
Rated Current
Max. of DC resistance
Q (min.) Test Frequency
Self Resonance Frequency (min.)
LQM18NN47NM00p
47nH
±20%
50MHz
50mA
0.30ohm
10
50MHz
260MHz
LQM18NN68NM00p
68nH
±20%
50MHz
50mA
0.30ohm
10
50MHz
250MHz
LQM18NN82NM00p
82nH
±20%
50MHz
50mA
0.30ohm
10
50MHz
245MHz
LQM18NNR10K00p
100nH
±10%
25MHz
50mA
0.50ohm
15
25MHz
240MHz
LQM18NNR12K00p
120nH
±10%
25MHz
50mA
0.50ohm
15
25MHz
205MHz
LQM18NNR15K00p
150nH
±10%
25MHz
50mA
0.60ohm
15
25MHz
180MHz
LQM18NNR18K00p
180nH
±10%
25MHz
50mA
0.60ohm
15
25MHz
165MHz
LQM18NNR22K00p
220nH
±10%
25MHz
50mA
0.80ohm
15
25MHz
150MHz
LQM18NNR27K00p
270nH
±10%
25MHz
50mA
0.80ohm
15
25MHz
136MHz
LQM18NNR33K00p
330nH
±10%
25MHz
35mA
0.85ohm
15
25MHz
125MHz
LQM18NNR39K00p
390nH
±10%
25MHz
35mA
1.00ohm
15
25MHz
110MHz
LQM18NNR47K00p
470nH
±10%
25MHz
35mA
1.35ohm
15
25MHz
105MHz
LQM18NNR56K00p
560nH
±10%
25MHz
35mA
1.55ohm
15
25MHz
95MHz
LQM18NNR68K00p
680nH
±10%
25MHz
35mA
1.70ohm
15
25MHz
90MHz
LQM18NNR82K00p
820nH
±10%
25MHz
35mA
2.10ohm
15
25MHz
85MHz
LQM18NN1R0K00p
1000nH
±10%
10MHz
25mA
0.60ohm
35
10MHz
75MHz
LQM18NN1R2K00p
1200nH
±10%
10MHz
25mA
0.80ohm
35
10MHz
65MHz
LQM18NN1R5K00p
1500nH
±10%
10MHz
25mA
0.80ohm
35
10MHz
60MHz
LQM18NN1R8K00p
1800nH
±10%
10MHz
25mA
0.95ohm
35
10MHz
55MHz
LQM18NN2R2K00p
2200nH
±10%
10MHz
15mA
1.15ohm
35
10MHz
50MHz
Operating Temperature Range: -40
°C to +85°C


Similar Part No. - LQM18NN82NM00D

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
LQM18NN82NM00 MURATA-LQM18NN82NM00 Datasheet
1,015Kb / 39P
   DESIGN ENGINEERING KITS
LQM18NN82NM00p MURATA-LQM18NN82NM00p Datasheet
111Kb / 4P
   Chip Coils for General Use Monolithic Type
More results

Similar Description - LQM18NN82NM00D

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
LQM18NN1R8K00D MURATA-LQM18NN1R8K00D Datasheet
111Kb / 4P
   Chip Coils for General Use Monolithic Type
LQG18H MURATA-LQG18H Datasheet
48Kb / 2P
   Chip Coils for High Frequency Monolithic Type
LQM31PN1R0M00L MURATA-LQM31PN1R0M00L Datasheet
33Kb / 1P
   Chip Coils for DC-DC Converter Monolithic Type
logo
PREMO CORPORATION S.L
C-CP-CS PREMO-C-CP-CS Datasheet
192Kb / 1P
   Coils and Chokes for general use
SR-0513 PREMO-SR-0513 Datasheet
432Kb / 3P
   Coils and Chokes for general use
K-KP PREMO-K-KP Datasheet
156Kb / 1P
   Coils and Chokes for general use
P-PP PREMO-P-PP Datasheet
411Kb / 4P
   Coils and Chokes for general use
logo
Murata Manufacturing Co...
LQM21NN3R3K10L MURATA-LQM21NN3R3K10L Datasheet
64Kb / 2P
   Chip Inductor (Chip Coil) for General Use Multilayer Type
LQM21NN4R7K10L MURATA-LQM21NN4R7K10L Datasheet
64Kb / 2P
   Chip Inductor (Chip Coil) for General Use Multilayer Type
L0075S0092LQM21N MURATA-L0075S0092LQM21N Datasheet
64Kb / 2P
   Chip Inductor (Chip Coil) for General Use Multilayer Type
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com