Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDC2351 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # CDC2351
Description  1-LINE TO 10-LINE CLOCK DRIVER WITH 3-STATE OUTPUTS
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CDC2351 Datasheet(HTML) 4 Page - Texas Instruments

  CDC2351 Datasheet HTML 1Page - Texas Instruments CDC2351 Datasheet HTML 2Page - Texas Instruments CDC2351 Datasheet HTML 3Page - Texas Instruments CDC2351 Datasheet HTML 4Page - Texas Instruments CDC2351 Datasheet HTML 5Page - Texas Instruments CDC2351 Datasheet HTML 6Page - Texas Instruments CDC2351 Datasheet HTML 7Page - Texas Instruments CDC2351 Datasheet HTML 8Page - Texas Instruments CDC2351 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
CDC2351
1-LINE TO 10-LINE CLOCK DRIVER
WITH 3-STATE OUTPUTS
SCAS442D – FEBRUARY 1994 – REVISED SEPTEMBER 2000
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
switching characteristics, CL = 50 pF (see Figures 1 and 2)
CDC2351
CDC2351Q
CDC2351
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCC = 3.3 V,
TA = 25°C
VCC = 3 V to 3.6 V,
TA = –40°C to 125°C
VCC = 3 V to 3.6 V,
TA = 0°C to 70°C
UNIT
MIN
TYP
MAX
MIN
MAX
MIN
MAX
tPLH
A
Y
3.8
4.3
4.8
1.1
11
ns
tPHL
A
Y
3.6
4.1
4.6
1
9.7
ns
tPZH
OE
Y
2.4
4.9
6.0
1
12
1.8
6.9
ns
tPZL
OE
Y
2.4
4.3
6.0
1
11.1
1.8
6.9
ns
tPHZ
OE
Y
2.2
4.4
6.3
1
11.1
2.1
7.1
ns
tPLZ
OE
Y
2.2
4.6
6.3
1
11.5
2.1
7.3
ns
tsk(o)
A
Y
0.3
0.5
2.5
0.5
ns
tsk(p)
A
Y
0.2
0.8
3
0.8
ns
tsk(pr)
A
Y
1
1
ns
tr
A
Y
2.5
2.5
ns
tf
A
Y
2.5
2.5
ns
switching characteristics temperature and VCC coefficients over recommended operating free-air
temperature and VCC range (see Note 4)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
MIN
MAX
UNIT
∝tPLH(T)
Average temperature coefficient of low to high propagation delay
A
Y
85†
ps/10
°C
∝tPHL(T)
Average temperature coefficient of high to low propagation delay
A
Y
50†
ps/10
°C
∝tPLH(VCC)
Average VCC coefficient of low to high propagation delay
A
Y
–145‡
ps/
100 mV
∝tPHL(VCC)
Average VCC coefficient of high to low propagation delay
A
Y
–100‡
ps/
100 mV
∝tPLH(T) and ∝tPHL(T) are virtually independent of VCC.
∝tPLH(VCC) and ∝tPHL(VCC) are virtually independent of temperature.
NOTE 4: This data was extracted from characterization material and are not tested at the factory.


Similar Part No. - CDC2351

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDC2351 TI-CDC2351 Datasheet
108Kb / 7P
[Old version datasheet]   1-LINE TO 10-LINE CLOCK DRIVER WITH 3-STATE OUTPUTS
CDC2351 TI-CDC2351 Datasheet
760Kb / 14P
[Old version datasheet]   1-LINE TO 10-LINE CLOCK DRIVER WITH 3-STATE OUTPUTS
CDC2351 TI1-CDC2351 Datasheet
777Kb / 14P
[Old version datasheet]   1-LINE TO 10-LINE CLOCK DRIVER WITH 3-STATE OUTPUTS
CDC2351-EP TI1-CDC2351-EP Datasheet
451Kb / 10P
[Old version datasheet]   1-LINE TO 10-LINE CLOCK DRIVER WITH 3-STATE OUTPUTS
CDC2351-Q1 TI1-CDC2351-Q1 Datasheet
777Kb / 14P
[Old version datasheet]   1-LINE TO 10-LINE CLOCK DRIVER WITH 3-STATE OUTPUTS
More results

Similar Description - CDC2351

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDC2351 TI1-CDC2351_15 Datasheet
777Kb / 14P
[Old version datasheet]   1-LINE TO 10-LINE CLOCK DRIVER WITH 3-STATE OUTPUTS
CDC351DBR TI-CDC351DBR Datasheet
507Kb / 13P
[Old version datasheet]   1-LINE TO 10-LINE CLOCK DRIVER WITH 3-STATE OUTPUTS
CDC2351-EP TI1-CDC2351-EP Datasheet
451Kb / 10P
[Old version datasheet]   1-LINE TO 10-LINE CLOCK DRIVER WITH 3-STATE OUTPUTS
CDC2351DBR TI-CDC2351DBR Datasheet
760Kb / 14P
[Old version datasheet]   1-LINE TO 10-LINE CLOCK DRIVER WITH 3-STATE OUTPUTS
logo
PulseCore Semiconductor
ASM2P2351AH PULSECORE-ASM2P2351AH Datasheet
464Kb / 12P
   1-Line To 10-Line Clock Driver With 3-State Outputs
logo
Texas Instruments
CDC2351 TI-CDC2351 Datasheet
108Kb / 7P
[Old version datasheet]   1-LINE TO 10-LINE CLOCK DRIVER WITH 3-STATE OUTPUTS
CDC351 TI-CDC351 Datasheet
108Kb / 7P
[Old version datasheet]   1-LINE TO 10-LINE CLOCK DRIVER WITH 3-STATE OUTPUTS
CDC208 TI-CDC208 Datasheet
160Kb / 10P
[Old version datasheet]   DUAL 1-LINE TO 4-LINE CLOCK DRIVER WITH 3-STATE OUTPUTS
CDC208_15 TI-CDC208_15_15 Datasheet
826Kb / 16P
[Old version datasheet]   DUAL 1-LINE TO 4-LINE CLOCK DRIVER WITH 3-STATE OUTPUTS
CDC208 TI1-CDC208_16 Datasheet
1Mb / 18P
[Old version datasheet]   DUAL 1-LINE TO 4-LINE CLOCK DRIVER WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com