Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDR31BP4R7B Datasheet(PDF) 1 Page - AVX Corporation

Part # CDR31BP4R7B
Description  MIL-PRF-55681/Chips Part Number Example CDR31 thru CDR35
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

CDR31BP4R7B Datasheet(HTML) 1 Page - AVX Corporation

  CDR31BP4R7B Datasheet HTML 1Page - AVX Corporation CDR31BP4R7B Datasheet HTML 2Page - AVX Corporation CDR31BP4R7B Datasheet HTML 3Page - AVX Corporation CDR31BP4R7B Datasheet HTML 4Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
81
MIL-PRF-55681/Chips
Part Number Example
CDR31 thru CDR35
T
W
L
D
t
MILITARY DESIGNATION PER MIL-PRF-55681
Part Number Example
(example)
CDR31
BP
101
B
K
S
M
MIL Style
Voltage-temperature
Limits
Capacitance
Rated Voltage
Capacitance Tolerance
Termination Finish
Failure Rate
MIL Style: CDR31, CDR32, CDR33, CDR34, CDR35
Voltage Temperature Limits:
BP = 0 ± 30 ppm/°C without voltage; 0 ± 30 ppm/°C with
rated voltage from -55°C to +125°C
BX = ±15% without voltage; +15 –25% with rated voltage
from -55°C to +125°C
Capacitance: Two digit figures followed by multiplier
(number of zeros to be added) e.g., 101 = 100 pF
Rated Voltage: A = 50V, B = 100V
Capacitance Tolerance: B ± .10 pF, C ± .25 pF, D ± .5
pF, F ± 1%, J ± 5%, K ± 10%,
M ± 20%
Termination Finish:
M = Palladium Silver
U = Base Metallization/Barrier
N = Silver Nickel Gold
Metal/Solder Coated*
S = Solder-coated
W = Base Metallization/Barrier
Y = 100% Tin
Metal/Tinned (Tin or Tin/
Lead Alloy)
*Solder shall have a melting point of 200°C or less.
Failure Rate Level: M = 1.0%, P = .1%, R = .01%,
S = .001%
Packaging: Bulk is standard packaging. Tape and reel
per RS481 is available upon request.
Per MIL-PRF-55681
AVX
Length (L)
Width (W)
Thickness (T)
D
Termination Band (t)
(Metric Sizes)
Style
(mm)
(mm)
Max. (mm)
Min. (mm)
Max. (mm)
Min. (mm)
CDR31
0805
2.00
1.25
1.3
.50
.70
.30
CDR32
1206
3.20
1.60
1.3
.70
.30
CDR33
1210
3.20
2.50
1.5
.70
.30
CDR34
1812
4.50
3.20
1.5
.70
.30
CDR35
1825
4.50
6.40
1.5
.70
.30
NOTE: Contact factory for availability of Termination and Tolerance Options for
Specific Part Numbers.
CROSS REFERENCE: AVX/MIL-PRF-55681/CDR31 THRU CDR35


Similar Part No. - CDR31BP4R7B

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
CDR31BP4R7B KEMET-CDR31BP4R7B Datasheet
1Mb / 10P
   CERAMIC CHIP/MIL-PRF-55681
logo
AVX Corporation
CDR31BP4R7B AVX-CDR31BP4R7B Datasheet
60Kb / 4P
   MIL-PRF-55681/Chips
logo
Kyocera Kinseki Corpota...
CDR31BP4R7B--- KSS-CDR31BP4R7B--- Datasheet
281Kb / 4P
   MIL-PRF-55681/Chips
logo
Kemet Corporation
CDR31BP4R7B3W4 KEMET-CDR31BP4R7B3W4 Datasheet
2Mb / 30P
   CERAMIC CHIP CAPACITORS
More results

Similar Description - CDR31BP4R7B

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
CDR06BX474AKUR AVX-CDR06BX474AKUR Datasheet
44Kb / 2P
   MIL-PRF-55681/Chips Part Number Example CDR01 thru CDR06
CDR31BX102BKUR AVX-CDR31BX102BKUR Datasheet
51Kb / 4P
   MIL-PRF-55681/Chips
CDR01-06 AVX-CDR01-06 Datasheet
46Kb / 2P
   MIL-PRF-55681/Chips
CDR31-35 AVX-CDR31-35 Datasheet
60Kb / 4P
   MIL-PRF-55681/Chips
logo
Kyocera Kinseki Corpota...
CDR31 KSS-CDR31 Datasheet
281Kb / 4P
   MIL-PRF-55681/Chips
logo
AVX Corporation
CDR32BP102BKUR AVX-CDR32BP102BKUR Datasheet
45Kb / 4P
   Military Part Number Identification CDR31
logo
Kemet Corporation
CDR33BX104AKSR KEMET-CDR33BX104AKSR Datasheet
1Mb / 10P
   CERAMIC CHIP/MIL-PRF-55681
CDR33BX104AKSS KEMET-CDR33BX104AKSS Datasheet
1Mb / 10P
   CERAMIC CHIP/MIL-PRF-55681
CDR01BP101ABSM KEMET-CDR01BP101ABSM Datasheet
975Kb / 10P
   CERAMIC CHIP/MIL-PRF-55681
logo
AVX Corporation
M123A11BXB104KS AVX-M123A11BXB104KS Datasheet
143Kb / 5P
   MIL-PRF-123/Chips
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com