Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM385-ADJ Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # LM385-ADJ
Description  LM185/LM285/LM385 Adjustable Micropower Voltage References
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM385-ADJ Datasheet(HTML) 9 Page - Texas Instruments

Back Button LM385-ADJ Datasheet HTML 5Page - Texas Instruments LM385-ADJ Datasheet HTML 6Page - Texas Instruments LM385-ADJ Datasheet HTML 7Page - Texas Instruments LM385-ADJ Datasheet HTML 8Page - Texas Instruments LM385-ADJ Datasheet HTML 9Page - Texas Instruments LM385-ADJ Datasheet HTML 10Page - Texas Instruments LM385-ADJ Datasheet HTML 11Page - Texas Instruments LM385-ADJ Datasheet HTML 12Page - Texas Instruments LM385-ADJ Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
LM185-ADJ, LM285-ADJ, LM385-ADJ
www.ti.com
SNVS741F – FEBRUARY 2000 – REVISED APRIL 2013
Figure 27. Bidirectional Adjustable Clamp
Figure 28. Bidirectional Adjustable Clamp
±1.8V to ±2.4V
±2.4V to ±6V
Figure 29. Simple Floating Current Detector
Figure 30. Current Source
Copyright © 2000–2013, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LM185-ADJ LM285-ADJ LM385-ADJ


Similar Part No. - LM385-ADJ

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM385-ADJ NSC-LM385-ADJ Datasheet
713Kb / 14P
   Adjustable Micropower Voltage References
logo
Texas Instruments
LM385-ADJ TI-LM385-ADJ Datasheet
1Mb / 23P
[Old version datasheet]   LM185/LM285/LM385 Adjustable Micropower Voltage References
LM385-ADJ TI-LM385-ADJ Datasheet
1Mb / 23P
[Old version datasheet]   Adjustable Micropower Voltage References
More results

Similar Description - LM385-ADJ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM185-ADJ TI1-LM185-ADJ Datasheet
708Kb / 16P
[Old version datasheet]   LM185/LM285/LM385 Adjustable Micropower Voltage References
LM385MX TI-LM385MX Datasheet
1Mb / 23P
[Old version datasheet]   LM185/LM285/LM385 Adjustable Micropower Voltage References
LM185-1.2-N TI1-LM185-1.2-N Datasheet
289Kb / 12P
[Old version datasheet]   LM185-1.2/LM285-1.2/LM385-1.2 Micropower Voltage Reference Diode
LM185-2.5-N TI1-LM185-2.5-N Datasheet
313Kb / 18P
[Old version datasheet]   LM185-2.5/LM285-2.5/LM385-2.5 Micropower Voltage Reference Diode
LM385BXM-1.2 TI-LM385BXM-1.2 Datasheet
1Mb / 23P
[Old version datasheet]   LM185-1.2-N/LM285-1.2-N/LM385-1.2-N Micropower Voltage Reference Diode
LM285MX-25 TI1-LM285MX-25 Datasheet
1Mb / 22P
[Old version datasheet]   LM185-2.5-N/LM285-2.5-N/LM385-2.5-N Micropower Voltage Reference Diode
LM385BZ TI1-LM385BZ Datasheet
1Mb / 22P
[Old version datasheet]   LM185-2.5-N/LM285-2.5-N/LM385-2.5-N Micropower Voltage Reference Diode
LM185-1.2-N TI1-LM185-1.2-N_13 Datasheet
1Mb / 23P
[Old version datasheet]   LM185-1.2-N/LM285-1.2-N/LM385-1.2-N Micropower Voltage Reference Diode
LM285BYMX-25 TI1-LM285BYMX-25 Datasheet
1Mb / 22P
[Old version datasheet]   LM185-2.5-N/LM285-2.5-N/LM385-2.5-N Micropower Voltage Reference Diode
LM285M-25 TI1-LM285M-25 Datasheet
1Mb / 22P
[Old version datasheet]   LM185-2.5-N/LM285-2.5-N/LM385-2.5-N Micropower Voltage Reference Diode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com