Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0620-057U500-AL103 Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # 0620-057U500-AL103
Description  Rotary Potentiometer
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

0620-057U500-AL103 Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  0620-057U500-AL103 Datasheet HTML 1Page - Bourns Electronic Solutions 0620-057U500-AL103 Datasheet HTML 2Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
0620 - Rotary Potentiometer
Features
Sealed construction (housing sealing according to DIN IEC 68 part 2 - 17 Qc2)
Additional models and versions available; i.e., locking bushing for locking the shaft
Cermet resistive element
Characteristics
Mechanical Angle.............285 ° +0 °/-5 °
Starting Torque ................0.5 to 1.5 Ncm
End Stop Strength .............40 Ncm max.
Shaft Push-Pull Force.............50 N max.
Resistance Range
.......................100 ohms to 1 megohm
Resistance Curve ..........................Linear
Power Rating ....................................1 W
Temperature Range ....-55 °C to +125 °C
Rotational Life ...................25,000 cycles
Product Dimensions
DIMENSIONS ARE:
MM
(INCHES)
Resistance
Resistance
(Ohms)
Code
100
101
220
221
470
471
1,000
102
2,200
222
4,700
472
10,000
103
22,000
223
47,000
473
100,000
104
220,000
224
470,000
474
1,000,000
105
Standard Resistance Table
0.5
(.020)
2.0
(.079)
SW10
50 ± 0.5
(1.969 ± .020)
0.5
(.020)
B
1.5
(.059)
0.8 +0/-0.1
(.031 +0/-.004)
DIA.
DIA.
2.5 +0/-0.1
(.098 +0/-.004)
13.0 - 0.05
(.512 - .002)
4.0 +0/-0.03
(.157 +0/-.001)
5.5
(.217)
M7x0.75
4.3 +0/-0.3
(.169 +0/-.012)
5.5 +0/-0.2
(.217 +0/-.008)
7.3 +0.5/-0
(.287 +.020/-0)
SCREW NUTS
AND WASHER
SUPPLIED LOOSE
SEALED WITH
POTTING COMPOUND
10.3
(.406)
DIA.
7.2
(.283)
DIA.
1
2
3
B
5.0 ± 0.05
(.197 ± .002)
8.0 ± 0.05
(.315 ± .002)
12.0 ± 0.05
(.472 ± .002)
0620-013
0620-057
0.3
(.012)
1.5
(.059)
0.5 +0.2/-0
(.020 +.008-0)
DIA.
DIA.
1.0 +0.2/-0
(.039 +.008/-0)
0.8 +0/-0.1
(.031 +0/-.004)
2.5 +0/-0.1
(.098 +0/-.004)
4.0
(.157)
5.0
(.197)
M7x0.75
5.5 +0/-0.2
(.217 +0/-.008)
12.0
(.472)
15.0
(.591)
7.3 +0.5/-0
(.287 +.020/-0)
4.3 +0.3/-0
(.169 +.012/-0)
0.5
(.020)
2.0
(.079)
SW10
3.8 +0.2/-0
(.150 +.008/-0)
SW10
SCREW NUTS AND WASHER
SUPPLIED LOOSE
10.3
(.406)
DIA.
7.2
(.283)
DIA.
13.0 ± 0.05
(.512 ± .002)
SEALED WITH
POTTING COMPOUND
1
2
3
0620-313
15.5 +0/-0.2
(.610 +0/-.008)
13.0
(.512)
50 ± 0.5
(1.969 ± .020)
2.5
(.098)
1.1 +0/-0.1
(.043 +0/-.004)
2.5
(.098)
2.5 +0/-0.1
(.098 +0/-.004)
4.0
(.157)
5.0
(.197)
1.3 +0.1/-0
(.051 +.004/-0)
7.0 +0/-0.2
(.276 +0/-.008)
15.0
(.591)
13.5 +0/-0.2
(.531 +0/-.008)
5.5 +0/-0.2
(.217 +0/-.008)
5.0
(.197)
B
4.0 +0.3/-0
(.157 +.012/-0)
4.5
(.177)
OR
0620-340
7.3 +0.5/-0
(.287 +.020/-0)
DIA.
DIA.
4.0
(.157)
5.5
(.217)
M7x0.75
0.5
(.020)
2.0
(.079)
SW10
SCREW NUTS AND WASHER
SUPPLIED LOOSE
10.3
(.406)
DIA.
7.2
(.283)
DIA.
SEALED WITH
POTTING COMPOUND
1
2
3
B
8.0 ± 0.05
(.315 ± .002)
12.0 ± 0.05
(.472 ± .002)
1
3 CW
CLOCKWISE
CCW
2 WIPER
Recommended PCB Layout
*RoHS Directive 2002/95/EC Jan 27 2003 including Annex
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.


Similar Part No. - 0620-057U500-AL103

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
06200 ETC2-06200 Datasheet
357Kb / 3P
   Wide-Vue Style Analog Panel Meters
06200.61.06 ETC2-06200.61.06 Datasheet
119Kb / 2P
   FrogHide짰 Ultra Flex짰 Extension Cords
logo
Tyco Electronics
06201000 MACOM-06201000 Datasheet
5Mb / 85P
   tyco electronics contents
06201001 MACOM-06201001 Datasheet
5Mb / 85P
   tyco electronics contents
06201002 MACOM-06201002 Datasheet
5Mb / 85P
   tyco electronics contents
More results

Similar Description - 0620-057U500-AL103

ManufacturerPart #DatasheetDescription
logo
Productwell Precision E...
EC10A12V070 PRODUCTWELL-EC10A12V070 Datasheet
114Kb / 1P
   ROTARY POTENTIOMETER
EC10A12V090 PRODUCTWELL-EC10A12V090 Datasheet
114Kb / 1P
   ROTARY POTENTIOMETER
EC12E24H01 PRODUCTWELL-EC12E24H01 Datasheet
105Kb / 1P
   ROTARY POTENTIOMETER
R09A11VA1 PRODUCTWELL-R09A11VA1 Datasheet
124Kb / 2P
   ROTARY POTENTIOMETER
R10A12V01 PRODUCTWELL-R10A12V01 Datasheet
133Kb / 2P
   ROTARY POTENTIOMETER
R24211AB1 PRODUCTWELL-R24211AB1 Datasheet
117Kb / 2P
   ROTARY POTENTIOMETER
R24311CB2 PRODUCTWELL-R24311CB2 Datasheet
119Kb / 2P
   ROTARY POTENTIOMETER
R16A11VF1 PRODUCTWELL-R16A11VF1 Datasheet
130Kb / 2P
   ROTARY POTENTIOMETER
R16A12HB1 PRODUCTWELL-R16A12HB1 Datasheet
126Kb / 2P
   ROTARY POTENTIOMETER
R1681NVB1 PRODUCTWELL-R1681NVB1 Datasheet
129Kb / 2P
   ROTARY POTENTIOMETER
R09711BV1 PRODUCTWELL-R09711BV1 Datasheet
120Kb / 1P
   ROTARY POTENTIOMETER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com