Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM4050AEM3-10 Datasheet(PDF) 11 Page - Texas Instruments

Part # LM4050AEM3-10
Description  LM4050-N/LM4050-N-Q1 Precision Micropower Shunt Voltage Reference
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM4050AEM3-10 Datasheet(HTML) 11 Page - Texas Instruments

Back Button LM4050AEM3-10 Datasheet HTML 7Page - Texas Instruments LM4050AEM3-10 Datasheet HTML 8Page - Texas Instruments LM4050AEM3-10 Datasheet HTML 9Page - Texas Instruments LM4050AEM3-10 Datasheet HTML 10Page - Texas Instruments LM4050AEM3-10 Datasheet HTML 11Page - Texas Instruments LM4050AEM3-10 Datasheet HTML 12Page - Texas Instruments LM4050AEM3-10 Datasheet HTML 13Page - Texas Instruments LM4050AEM3-10 Datasheet HTML 14Page - Texas Instruments LM4050AEM3-10 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 35 page
background image
LM4050-N, LM4050-N-Q1
www.ti.com
SNOS455E – MAY 2000 – REVISED APRIL 2013
APPLICATIONS INFORMATION
The LM4050-N is a precision micro-power curvature-corrected bandgap shunt voltage reference. For space
critical applications, the LM4050-N is available in the sub-miniature SOT-23 surface-mount package. The
LM4050-N has been designed for stable operation without the need of an external capacitor connected between
the “+” pin and the “
−” pin. If, however, a bypass capacitor is used, the LM4050-N remains stable. Reducing
design effort is the availability of several fixed reverse breakdown voltages: 2.048V, 2.500V, 4.096V, 5.000V,
8.192V, and 10.000V. The minimum operating current increases from 60
μA for the LM4050-N-2.0 to 100 μA for
the LM4050-N-10.0. All versions have a maximum operating current of 15 mA.
LM4050-Ns in the SOT-23 packages have a parasitic Schottky diode between pin 2 (
−) and pin 3 (Die attach
interface contact). Therefore, pin 3 of the SOT-23 package must be left floating or connected to pin 2.
The 4.096V version allows single +5V 12-bit ADCs or DACs to operate with an LSB equal to 1 mV. For 12-bit
ADCs or DACs that operate on supplies of 10V or greater, the 8.192V version gives 2 mV per LSB.
The typical thermal hysteresis specification is defined as the change in +25°C voltage measured after thermal
cycling. The device is thermal cycled to temperature -40°C and then measured at 25°C. Next the device is
thermal cycled to temperature +125°C and again measured at 25°C. The resulting VOUT delta shift between the
25°C measurements is thermal hysteresis. Thermal hysteresis is common in precision references and is induced
by thermal-mechanical package stress. Changes in environmental storage temperature, operating temperature
and board mounting temperature are all factors that can contribute to thermal hysteresis.
In a conventional shunt regulator application (Figure 12) , an external series resistor (RS) is connected between
the supply voltage and the LM4050-N. RS determines the current that flows through the load (IL) and the
LM4050-N (IQ). Since load current and supply voltage may vary, RS should be small enough to supply at least
the maximum guaranteed IRMIN (spec. table) to the LM4050-N even when the supply voltage is at its minimum
and the load current is at its maximum value. When the supply voltage is at its maximum and IL is at its
minimum, RS should be large enough so that the current flowing through the LM4050-N is less than 15 mA.
RS is determined by the supply voltage, (VS), the load and operating current, (IL and IQ), and the LM4050-N's
reverse breakdown voltage, VR.
(1)
Typical Applications
Figure 12. Shunt Regulator
Copyright © 2000–2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LM4050-N LM4050-N-Q1


Similar Part No. - LM4050AEM3-10

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4050AEM3-10 NSC-LM4050AEM3-10 Datasheet
287Kb / 15P
   Precision Micropower Shunt Voltage Reference
logo
Texas Instruments
LM4050AEM3-10 TI1-LM4050AEM3-10 Datasheet
324Kb / 20P
[Old version datasheet]   LM4050/LM4050Q Precision Micropower Shunt Voltage Reference
LM4050AEM3-10 TI-LM4050AEM3-10 Datasheet
1Mb / 35P
[Old version datasheet]   LM4050-N/LM4050-N-Q1 Precision Micropower Shunt Voltage Reference
LM4050AEM3-10 TI1-LM4050AEM3-10 Datasheet
1Mb / 35P
[Old version datasheet]   LM4050-N/LM4050-N-Q1 Precision Micropower Shunt Voltage Reference
LM4050AEM3-10/NOPB TI1-LM4050AEM3-10/NOPB Datasheet
1Mb / 35P
[Old version datasheet]   LM4050-N/LM4050-N-Q1 Precision Micropower Shunt Voltage Reference
More results

Similar Description - LM4050AEM3-10

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM4050AIM3-41 TI1-LM4050AIM3-41 Datasheet
1Mb / 35P
[Old version datasheet]   LM4050-N/LM4050-N-Q1 Precision Micropower Shunt Voltage Reference
LM4050AIM3X-25 TI-LM4050AIM3X-25 Datasheet
1Mb / 35P
[Old version datasheet]   LM4050-N/LM4050-N-Q1 Precision Micropower Shunt Voltage Reference
LM4050-N TI1-LM4050-N Datasheet
324Kb / 20P
[Old version datasheet]   LM4050/LM4050Q Precision Micropower Shunt Voltage Reference
LM4040-N TI1-LM4040-N_16 Datasheet
1Mb / 67P
[Old version datasheet]   LM4040-N/-Q1 Precision Micropower Shunt Voltage Reference
LM4041BIM3-12 TI1-LM4041BIM3-12 Datasheet
1Mb / 34P
[Old version datasheet]   LM4041-N/LM4041-N-Q1 Precision Micropower Shunt Voltage Reference
LM4041-N-Q1 TI1-LM4041-N-Q1 Datasheet
1Mb / 34P
[Old version datasheet]   LM4041-N/LM4041-N-Q1 Precision Micropower Shunt Voltage Reference
LM4041-1 TI-LM4041-1 Datasheet
1Mb / 34P
[Old version datasheet]   LM4041-N/LM4041-N-Q1 Precision Micropower Shunt Voltage Reference
LM4041CIM3-ADJ TI1-LM4041CIM3-ADJ Datasheet
1Mb / 34P
[Old version datasheet]   LM4041-N/LM4041-N-Q1 Precision Micropower Shunt Voltage Reference
LM4041-N TI-LM4041-N_15 Datasheet
1Mb / 35P
[Old version datasheet]   LM4041-N/LM4041-N-Q1 Precision Micropower Shunt Voltage Reference
LM4041-N-Q1 TI-LM4041-N-Q1_15 Datasheet
1Mb / 35P
[Old version datasheet]   LM4041-N/LM4041-N-Q1 Precision Micropower Shunt Voltage Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com