Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM3670MFX-1.6 Datasheet(PDF) 9 Page - Texas Instruments

Part # LM3670MFX-1.6
Description  LM3670 Miniature Step-Down DC-DC Converter for Ultra Low Voltage Circuits
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM3670MFX-1.6 Datasheet(HTML) 9 Page - Texas Instruments

Back Button LM3670MFX-1.6 Datasheet HTML 5Page - Texas Instruments LM3670MFX-1.6 Datasheet HTML 6Page - Texas Instruments LM3670MFX-1.6 Datasheet HTML 7Page - Texas Instruments LM3670MFX-1.6 Datasheet HTML 8Page - Texas Instruments LM3670MFX-1.6 Datasheet HTML 9Page - Texas Instruments LM3670MFX-1.6 Datasheet HTML 10Page - Texas Instruments LM3670MFX-1.6 Datasheet HTML 11Page - Texas Instruments LM3670MFX-1.6 Datasheet HTML 12Page - Texas Instruments LM3670MFX-1.6 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
TIME (2 Ps/DIV)
VSWITCH
(5V/Div)
VOUT
(20 mV/Div)
Inductor Current
(100 mA/Div)
TIME (1 Ps/DIV)
VSWITCH
(5V/Div)
VOUT
(20 mV/Div)
Inductor Current
(200 mA/Div)
ILOAD = 150 mA
VOUT (50 mV/Div)
ILOAD = 50 mA
TIME (100 Ps/DIV)
ILOAD = 350 mA
VOUT (50 mV/Div)
ILOAD = 300 mA
TIME (100 ms/DIV)
ILOAD = 100 mA
Inductor Current = 200 mA/Div
VOUT (50 mV/Div)
ILOAD = 0 mA
TIME (100 Ps/DIV)
ILOAD = 280 mA
VOUT (50 mV/Div)
ILOAD = 350 mA
TIME (100 Ps/DIV)
ILOAD = 0 mA
LM3670
www.ti.com
SNVS250E – NOVEMBER 2004 – REVISED FEBRUARY 2013
Typical Performance Characteristics (continued)
(unless otherwise stated: VIN= 3.6V, VOUT= 1.8V)
Load Transient
Load Transient
ILOAD = 0mA to 280mA
ILOAD = 0mA to 350mA
Figure 17.
Figure 18.
Load Transient
Load Transient
ILOAD = 50mA to 350mA
ILOAD = 100mA to 300mA
Figure 19.
Figure 20.
PFM Mode
PWM Mode
VSW, VOUT, IINDUCTOR vs. Time
VSW, VOUT, IINDUCTOR vs. Time
Figure 21.
Figure 22.
Copyright © 2004–2013, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LM3670


Similar Part No. - LM3670MFX-1.6

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3670MFX-1.6 NSC-LM3670MFX-1.6 Datasheet
997Kb / 17P
   Miniature Step-Down DC-DC Converter for Ultra Low Voltage Circuits
LM3670MFX-1.6 NSC-LM3670MFX-1.6 Datasheet
978Kb / 17P
   Miniature Step-Down DC-DC Converter for Ultra Low Voltage Circuits
logo
Texas Instruments
LM3670MFX-1.6/NOPB TI1-LM3670MFX-1.6/NOPB Datasheet
1Mb / 25P
[Old version datasheet]   LM3670 Miniature Step-Down DC-DC Converter for Ultra Low Voltage Circuits
More results

Similar Description - LM3670MFX-1.6

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM3670 TI-LM3670_15 Datasheet
1Mb / 25P
[Old version datasheet]   LM3670 Miniature Step-Down DC-DC Converter for Ultra Low Voltage Circuits
LM3670MF-18 TI1-LM3670MF-18 Datasheet
1Mb / 25P
[Old version datasheet]   LM3670 Miniature Step-Down DC-DC Converter for Ultra Low Voltage Circuits
logo
National Semiconductor ...
LM3670 NSC-LM3670 Datasheet
997Kb / 17P
   Miniature Step-Down DC-DC Converter for Ultra Low Voltage Circuits
LM3670 NSC-LM3670_06 Datasheet
978Kb / 17P
   Miniature Step-Down DC-DC Converter for Ultra Low Voltage Circuits
logo
Texas Instruments
LM3670 TI1-LM3670_14 Datasheet
1Mb / 24P
[Old version datasheet]   Miniature Step-Down DC-DC Converter for Ultra Low Voltage Circuits
LM3677 TI1-LM3677 Datasheet
11Mb / 30P
[Old version datasheet]   3MHz, 600mA Miniature Step-Down DC-DC Converter for Ultra Low Voltage Circuits
LM3677 TI-LM3677_15 Datasheet
11Mb / 28P
[Old version datasheet]   3MHz, 600mA Miniature Step-Down DC-DC Converter for Ultra Low Voltage Circuits
logo
National Semiconductor ...
LM3677_0810 NSC-LM3677_0810 Datasheet
7Mb / 24P
   3MHz, 600mA Miniature Step-Down DC-DC Converter for Ultra Low Voltage Circuits
LM3677 NSC-LM3677_08 Datasheet
7Mb / 22P
   3MHz, 600mA Miniature Step-Down DC-DC Converter for Ultra Low Voltage Circuits
LM2612BL NSC-LM2612BL Datasheet
2Mb / 19P
   400mA Sub-miniature, Programmable, Step-Down DC-DC Converter for Ultra Low-Voltage Circuits
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com