Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM4876M Datasheet(PDF) 5 Page - Texas Instruments

Part # LM4876M
Description  LM4876 1.1W Audio Power Amplifier with Logic Low
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM4876M Datasheet(HTML) 5 Page - Texas Instruments

  LM4876M Datasheet HTML 1Page - Texas Instruments LM4876M Datasheet HTML 2Page - Texas Instruments LM4876M Datasheet HTML 3Page - Texas Instruments LM4876M Datasheet HTML 4Page - Texas Instruments LM4876M Datasheet HTML 5Page - Texas Instruments LM4876M Datasheet HTML 6Page - Texas Instruments LM4876M Datasheet HTML 7Page - Texas Instruments LM4876M Datasheet HTML 8Page - Texas Instruments LM4876M Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
LM4876
www.ti.com
SNAS054E – FEBRUARY 2000 – REVISED MAY 2013
Typical Performance Characteristics (continued)
Output Power vs Supply Voltage
Output Power vs Supply Voltage
Figure 10.
Figure 11.
Output Power vs Supply Voltage
Output Power vs Supply Voltage
Figure 12.
Figure 13.
Output Power vs Load Resistance
Power Dissipation vs Output Power
Figure 14.
Figure 15.
Copyright © 2000–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LM4876


Similar Part No. - LM4876M

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4876M NSC-LM4876M Datasheet
247Kb / 9P
   1.1W Audio Power Amplifier with Shutdown Logic Low
logo
Texas Instruments
LM4876M TI-LM4876M Datasheet
985Kb / 19P
[Old version datasheet]   LM4876 1.1W Audio Power Amplifier with Logic Low
LM4876M TI1-LM4876M Datasheet
1,011Kb / 19P
[Old version datasheet]   1.1W Audio Power Amplifier with Logic Low Shutdown
LM4876M-NOPB TI-LM4876M-NOPB Datasheet
1,011Kb / 19P
[Old version datasheet]   LM4876 1.1W Audio Power Amplifier with Logic Low Shutdown
LM4876M/NOPB TI1-LM4876M/NOPB Datasheet
1,011Kb / 19P
[Old version datasheet]   1.1W Audio Power Amplifier with Logic Low Shutdown
More results

Similar Description - LM4876M

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM4876MX TI-LM4876MX Datasheet
985Kb / 19P
[Old version datasheet]   LM4876 1.1W Audio Power Amplifier with Logic Low
LM4876MM TI-LM4876MM Datasheet
1,011Kb / 19P
[Old version datasheet]   LM4876 1.1W Audio Power Amplifier with Logic Low Shutdown
LM4876M TI1-LM4876M Datasheet
1,011Kb / 19P
[Old version datasheet]   1.1W Audio Power Amplifier with Logic Low Shutdown
logo
National Semiconductor ...
LM4876 NSC-LM4876 Datasheet
247Kb / 9P
   1.1W Audio Power Amplifier with Shutdown Logic Low
LM4876 NSC-LM4876_03 Datasheet
320Kb / 12P
   1.1W Audio Power Amplifier with Logic Low Shutdown
logo
SG Micro Corp
SGM4890 SGMICRO-SGM4890_15 Datasheet
361Kb / 12P
   1.1W Audio Power Amplifier
logo
Integrated Silicon Solu...
IS31AP4991A ISSI-IS31AP4991A Datasheet
373Kb / 11P
   1.1W AUDIO POWER AMPLIFIER WITH ACTIVE-LOW SHUTDOWN MODE
IS31AP4991A-GRLS2-TR ISSI-IS31AP4991A-GRLS2-TR Datasheet
373Kb / 11P
   1.1W AUDIO POWER AMPLIFIER WITH ACTIVE-LOW SHUTDOWN MODE
logo
National Semiconductor ...
LM4861 NSC-LM4861 Datasheet
218Kb / 8P
   1.1W Audio Power Amplifier with Shutdown Mode
logo
Anpec Electronics Corop...
APA0713 ANPEC-APA0713 Datasheet
325Kb / 19P
   1.1W Mono Low-Voltage Audio Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com