Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM4050AEM3-8.2 Datasheet(PDF) 5 Page - Texas Instruments

Part # LM4050AEM3-8.2
Description  LM4050-N/LM4050-N-Q1 Precision Micropower Shunt Voltage Reference
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM4050AEM3-8.2 Datasheet(HTML) 5 Page - Texas Instruments

  LM4050AEM3-8.2 Datasheet HTML 1Page - Texas Instruments LM4050AEM3-8.2 Datasheet HTML 2Page - Texas Instruments LM4050AEM3-8.2 Datasheet HTML 3Page - Texas Instruments LM4050AEM3-8.2 Datasheet HTML 4Page - Texas Instruments LM4050AEM3-8.2 Datasheet HTML 5Page - Texas Instruments LM4050AEM3-8.2 Datasheet HTML 6Page - Texas Instruments LM4050AEM3-8.2 Datasheet HTML 7Page - Texas Instruments LM4050AEM3-8.2 Datasheet HTML 8Page - Texas Instruments LM4050AEM3-8.2 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 35 page
background image
LM4050-N, LM4050-N-Q1
www.ti.com
SNOS455E – MAY 2000 – REVISED APRIL 2013
LM4050-N-4.1
Electrical Characteristics
Boldface limits apply for TA = TJ = TMIN to TMAX; all other limits TA = TJ = 25°C. The grades A, B and C designate initial
Reverse Breakdown Voltage tolerances of ±0.1%, ±0.2%, and 0.5% respectively.
LM4050-
LM4050-
LM4050-
NAIM3
NBIM3
NCIM3
Units
Symbol
Parameter
Conditions
Typical(1)
LM4050-
LM4050-
LM4050-
(Limit)
NAEM3
NBEM3
NCEM3
Limits(2)
Limits(2)
Limits(2)
VR
Reverse Breakdown Voltage
IR = 100 μA
4.096
V
Reverse Breakdown Voltage
IR = 100 μA
±4.1
±8.2
±21
mV (max)
Tolerance(3)
Industrial Temp. Range
±18
±22
±34
mV (max)
Extended Temp. Range
±25
±29
±41
mV (max)
IRMIN
Minimum Operating Current
52
μA
68
68
68
μA (max)
Industrial Temp. Range
73
73
73
μA (max)
Extended Temp. Range
78
78
78
μA (max)
ΔVR/ΔT
Average Reverse Breakdown
IR = 10 mA
±30
ppm/°C
Voltage Temperature Coefficient(3)
IR = 1 mA
±20
ppm/°C
IR = 100 μA
±20
±50
±50
±50
ppm/°C (max)
ΔVR/ΔIR
Reverse Breakdown Voltage
IRMIN ≤ IR ≤ 1 mA
0.2
mV
Change with Operating Current
0.9
0.9
0.9
mV (max)
Change(4)
1.2
1.2
1.2
mV (max)
1 mA
≤ IR ≤ 15 mA
2.0
mV
7.0
7.0
7.0
mV (max)
10.0
10.0
10.0
mV (max)
ZR
Reverse Dynamic Impedance
IR = 1 mA, f = 120 Hz,
0.5
Ω
IAC = 0.1 IR
eN
Wideband Noise
IR = 100 μA
93
μVrms
10 Hz
≤ f ≤ 10 kHz
ΔVR
Reverse Breakdown Voltage Long
t = 1000 hrs
120
Term Stability
T = 25°C ±0.1°C
ppm
IR = 100 μA
VHYST
Thermal Hysteresis(5)
ΔT = −40°C to 125°C
1.148
mV
(1)
Typicals are at TJ = 25°C and represent most likely parametric norm.
(2)
Limits are 100% production tested at 25°C. Limits over temperature are guaranteed through correlation using Statistical Quality Control
(SQC) methods. The limits are used to calculate National's AOQL.
(3)
The boldface (over-temperature) limit for Reverse Breakdown Voltage Tolerance is defined as the room temperature Reverse
Breakdown Voltage Tolerance ±[(
ΔV R/ΔT)(maxΔT)(VR)]. Where, ΔVR/ΔT is the VR temperature coefficient, maxΔT is the maximum
difference in temperature from the reference point of 25°C to T MIN or TMAX, and VR is the reverse breakdown voltage. The total over-
temperature tolerance for the different grades in the industrial temperature range where max
ΔT = 65°C is shown below:
A-grade:
±0.425% = ±0.1% ±50 ppm/°C × 65°C
B-grade: ±0.525% = ±0.2% ±50 ppm/°C × 65°C
C-grade: ±0.825% = ±0.5% ±50 ppm/°C ×
65°CTherefore, as an example, the A-grade LM4050-N-2.5 has an over-temperature Reverse Breakdown Voltage tolerance of ±2.5V ×
0.425% = ±11 mV.
(4)
Load regulation is measured on pulse basis from no load to the specified load current. Output changes due to die temperature change
must be taken into account separately.
(5)
Thermal hysteresis is defined as the difference in voltage measured at +25°C after cycling to temperature -40°C and the 25°C
measurement after cycling to temperature +125°C.
Copyright © 2000–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LM4050-N LM4050-N-Q1


Similar Part No. - LM4050AEM3-8.2

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4050AEM3-8.2 NSC-LM4050AEM3-8.2 Datasheet
287Kb / 15P
   Precision Micropower Shunt Voltage Reference
logo
Texas Instruments
LM4050AEM3-8.2 TI1-LM4050AEM3-8.2 Datasheet
324Kb / 20P
[Old version datasheet]   LM4050/LM4050Q Precision Micropower Shunt Voltage Reference
LM4050AEM3-8.2 TI-LM4050AEM3-8.2 Datasheet
1Mb / 35P
[Old version datasheet]   LM4050-N/LM4050-N-Q1 Precision Micropower Shunt Voltage Reference
LM4050AEM3-8.2 TI1-LM4050AEM3-8.2 Datasheet
1Mb / 35P
[Old version datasheet]   LM4050-N/LM4050-N-Q1 Precision Micropower Shunt Voltage Reference
LM4050AEM3-8.2 TI1-LM4050AEM3-8.2 Datasheet
1Mb / 42P
[Old version datasheet]   Precision Micropower Shunt Voltage Reference
More results

Similar Description - LM4050AEM3-8.2

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM4050AIM3-41 TI1-LM4050AIM3-41 Datasheet
1Mb / 35P
[Old version datasheet]   LM4050-N/LM4050-N-Q1 Precision Micropower Shunt Voltage Reference
LM4050AIM3-41 TI-LM4050AIM3-41 Datasheet
1Mb / 35P
[Old version datasheet]   LM4050-N/LM4050-N-Q1 Precision Micropower Shunt Voltage Reference
LM4050-N TI1-LM4050-N Datasheet
324Kb / 20P
[Old version datasheet]   LM4050/LM4050Q Precision Micropower Shunt Voltage Reference
LM4040-N TI1-LM4040-N_16 Datasheet
1Mb / 67P
[Old version datasheet]   LM4040-N/-Q1 Precision Micropower Shunt Voltage Reference
LM4041BIM3-12 TI1-LM4041BIM3-12 Datasheet
1Mb / 34P
[Old version datasheet]   LM4041-N/LM4041-N-Q1 Precision Micropower Shunt Voltage Reference
LM4041-N-Q1 TI1-LM4041-N-Q1 Datasheet
1Mb / 34P
[Old version datasheet]   LM4041-N/LM4041-N-Q1 Precision Micropower Shunt Voltage Reference
LM4041-1 TI-LM4041-1 Datasheet
1Mb / 34P
[Old version datasheet]   LM4041-N/LM4041-N-Q1 Precision Micropower Shunt Voltage Reference
LM4041CIM3-ADJ TI1-LM4041CIM3-ADJ Datasheet
1Mb / 34P
[Old version datasheet]   LM4041-N/LM4041-N-Q1 Precision Micropower Shunt Voltage Reference
LM4041-N TI-LM4041-N_15 Datasheet
1Mb / 35P
[Old version datasheet]   LM4041-N/LM4041-N-Q1 Precision Micropower Shunt Voltage Reference
LM4041-N-Q1 TI-LM4041-N-Q1_15 Datasheet
1Mb / 35P
[Old version datasheet]   LM4041-N/LM4041-N-Q1 Precision Micropower Shunt Voltage Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com