Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMC6082IMX Datasheet(PDF) 4 Page - Texas Instruments

Part # LMC6082IMX
Description  LMC6082 Precision CMOS Dual Operational Amplifier
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMC6082IMX Datasheet(HTML) 4 Page - Texas Instruments

  LMC6082IMX Datasheet HTML 1Page - Texas Instruments LMC6082IMX Datasheet HTML 2Page - Texas Instruments LMC6082IMX Datasheet HTML 3Page - Texas Instruments LMC6082IMX Datasheet HTML 4Page - Texas Instruments LMC6082IMX Datasheet HTML 5Page - Texas Instruments LMC6082IMX Datasheet HTML 6Page - Texas Instruments LMC6082IMX Datasheet HTML 7Page - Texas Instruments LMC6082IMX Datasheet HTML 8Page - Texas Instruments LMC6082IMX Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
LMC6082
SNOS630D – AUGUST 2000 – REVISED MARCH 2013
www.ti.com
DC Electrical Characteristics (continued)
Unless otherwise specified, all limits specified for TJ = 25°C. Boldface limits apply at the temperature extremes. V
+ = 5V, V=
0V, VCM = 1.5V, VO = 2.5V and RL > 1M unless otherwise specified.
LMC6082AM
LMC6082AI
LMC6082I
Symbol
Parameter
Conditions
Typ(1)
Units
Limit(2)
Limit(2)
Limit(2)
VO
Output Swing
V+ = 5V
4.87
4.80
4.80
4.75
V
RL = 2 kΩ to 2.5V
4.70
4.73
4.67
Min
0.10
0.13
0.13
0.20
V
0.19
0.17
0.24
Max
V+ = 5V
4.61
4.50
4.50
4.40
V
RL = 600Ω to 2.5V
4.24
4.31
4.21
Min
0.30
0.40
0.40
0.50
V
0.63
0.50
0.63
Max
V+ = 15V
14.63
14.50
14.50
14.37
V
RL = 2 kΩ to 7.5V
14.30
14.34
14.25
Min
0.26
0.35
0.35
0.44
V
0.48
0.45
0.56
Max
V+ = 15V
13.90
13.35
13.35
12.92
V
RL = 600Ω to 7.5V
12.80
12.86
12.44
Min
0.79
1.16
1.16
1.33
V
1.42
1.32
1.58
Max
IO
Output Current
Sourcing, VO = 0V
22
16
16
13
mA
V+ = 5V
8
10
8
Min
Sinking, VO = 5V
21
16
16
13
mA
11
13
10
Min
IO
Output Current
Sourcing, VO = 0V
30
28
28
23
mA
V+ = 15V
18
22
18
Min
Sinking, VO = 13V
(4)
34
28
28
23
mA
19
22
18
Min
IS
Supply Current
Both Amplifiers
0.9
1.5
1.5
1.5
mA
V+ = +5V, VO = 1.5V
1.8
1.8
1.8
Max
Both Amplifiers
1.1
1.7
1.7
1.7
mA
V+ = +15V, VO = 7.5V
2
2
2
Max
(4)
Do not connect output to V+, when V+ is greater than 13V or reliability will be adversely affected.
AC Electrical Characteristics
Unless otherwise specified, all limits specified for TJ = 25°C, Boldface limits apply at the temperature extremes. V
+ = 5V, V=
0V, VCM = 1.5V, VO = 2.5V and RL > 1M unless otherwise specified.
LMC6082AM
LMC6082AI
LMC6082I
Symbol
Parameter
Conditions
Typ(1)
Units
Limit(2)
Limit(2)
Limit(2)
SR
Slew Rate
See (3)
1.5
0.8
0.8
0.8
V/
μs
0.5
0.6
0.6
Min
GBW
Gain-Bandwidth Product
1.3
MHz
φm
Phase Margin
50
Deg
Amp-to-Amp Isolation
See (4)
140
dB
en
Input-Referred Voltage
F = 1 kHz
22
nV/
√Hz
Noise
(1)
Typical values represent the most likely parametric norm.
(2)
All limits are specified by testing or statistical analysis.
(3)
V+ = 15V. Connected as Voltage Follower with 10V step input. Number specified is the slower of the positive and negative slew rates.
(4)
Input referred V+ = 15V and RL = 100 kΩ connected to 7.5V. Each amp excited in turm with 1 kHz to produce VO = 12 VPP.
4
Submit Documentation Feedback
Copyright © 2000–2013, Texas Instruments Incorporated
Product Folder Links: LMC6082


Similar Part No. - LMC6082IMX

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMC6082IMX TI1-LMC6082IMX Datasheet
1Mb / 22P
[Old version datasheet]   LMC6082 Precision CMOS Dual Operational Amplifier
LMC6082IMX/NOPB TI1-LMC6082IMX/NOPB Datasheet
1Mb / 22P
[Old version datasheet]   LMC6082 Precision CMOS Dual Operational Amplifier
More results

Similar Description - LMC6082IMX

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMC6082 TI1-LMC6082 Datasheet
1Mb / 22P
[Old version datasheet]   LMC6082 Precision CMOS Dual Operational Amplifier
logo
National Semiconductor ...
LMC6082 NSC-LMC6082 Datasheet
322Kb / 12P
   Precision CMOS Dual Operational Amplifier
logo
Advanced Linear Devices
ALD2731A ALD-ALD2731A Datasheet
92Kb / 9P
   PRECISION DUAL MICROPOWER CMOS OPERATIONAL AMPLIFIER
logo
National Semiconductor ...
LMC6062 NSC-LMC6062 Datasheet
321Kb / 12P
   Precision CMOS Dual Micropower Operational Amplifier
logo
Advanced Linear Devices
ALD2732A ALD-ALD2732A Datasheet
92Kb / 9P
   PRECISION DUAL LOW POWER CMOS OPERATIONAL AMPLIFIER
logo
Texas Instruments
LMC6062IMNOPB TI1-LMC6062IMNOPB Datasheet
1Mb / 21P
[Old version datasheet]   LMC6062 Precision CMOS Dual Micropower Operational Amplifier
logo
National Semiconductor ...
LMC6062 NSC-LMC6062_14 Datasheet
1Mb / 21P
   LMC6062 Precision CMOS Dual Micropower Operational Amplifier
logo
Texas Instruments
LMC6062AIMX TI-LMC6062AIMX Datasheet
1Mb / 21P
[Old version datasheet]   LMC6062 Precision CMOS Dual Micropower Operational Amplifier
LMC6062 TI1-LMC6062 Datasheet
1Mb / 21P
[Old version datasheet]   LMC6062 Precision CMOS Dual Micropower Operational Amplifier
LMC6062IM-NOPB TI1-LMC6062IM-NOPB Datasheet
1Mb / 21P
[Old version datasheet]   LMC6062 Precision CMOS Dual Micropower Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com