Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMP2022MA Datasheet(PDF) 4 Page - Texas Instruments

Part # LMP2022MA
Description  LMP2021/LMP2022 Zero Drift, Low Noise, EMI Hardened Amplifiers
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMP2022MA Datasheet(HTML) 4 Page - Texas Instruments

  LMP2022MA Datasheet HTML 1Page - Texas Instruments LMP2022MA Datasheet HTML 2Page - Texas Instruments LMP2022MA Datasheet HTML 3Page - Texas Instruments LMP2022MA Datasheet HTML 4Page - Texas Instruments LMP2022MA Datasheet HTML 5Page - Texas Instruments LMP2022MA Datasheet HTML 6Page - Texas Instruments LMP2022MA Datasheet HTML 7Page - Texas Instruments LMP2022MA Datasheet HTML 8Page - Texas Instruments LMP2022MA Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 31 page
background image
LMP2021, LMP2022
SNOSAY9E – SEPTEMBER 2008 – REVISED MARGH 2013
www.ti.com
2.5V Electrical Characteristics
(1) (continued)
Unless otherwise specified, all limits are ensured for TA = 25°C, V
+ = 2.5V, V= 0V, V
CM = V
+/2, R
L >10 kΩ to V
+/2. Boldface
limits apply at the temperature extremes.
Symbol
Parameter
Conditions
Min(2)
Typ(3)
Max(2)
Units
VOUT
Output Swing High
RL = 10 kΩ to V
+/2
38
50
70
RL = 2 kΩ to V
+/2
62
85
mV
115
from either
Output Swing Low
RL = 10 kΩ to V
+/2
30
45
rail
55
RL = 2 kΩ to V
+/2
58
75
95
IOUT
Linear Output Current
Sourcing, VOUT = 2V
30
50
mA
Sinking, VOUT = 0.5V
30
50
IS
Supply Current
Per Amplifier
0.95
1.10
mA
1.37
SR
Slew Rate(6)
AV = +1, CL = 20 pF, RL = 10 kΩ
2.5
V/
μs
VO = 2 VPP
GBW
Gain Bandwidth Product
CL = 20 pF, RL = 10 kΩ
5
MHz
GM
Gain Margin
CL = 20 pF, RL = 10 kΩ
10
dB
ΦM
Phase Margin
CL = 20 pF, RL = 10 kΩ
60
deg
CIN
Input Capacitance
Common Mode
12
pF
Differential Mode
12
en
Input-Referred Voltage Noise Density f = 0.1 kHz or 10 kHz, AV = 1000
11
nV/
√Hz
f = 0.1 kHz or 10 kHz, AV = 100
15
Input-Referred Voltage Noise
0.1 Hz to 10 Hz
260
nVPP
0.01 Hz to 10 Hz
330
in
Input-Referred Current Noise
f = 1 kHz
350
fA/
√Hz
tr
Recovery time
to 0.1%, RL = 10 kΩ, AV = −50,
50
µs
VOUT = 1.25 VPP Step, Duration = 50 μs
CT
Cross Talk
LMP2022, f = 1 kHz
150
dB
(6)
The number specified is the average of rising and falling slew rates and is measured at 90% to 10%.
5V Electrical Characteristics
(1)
Unless otherwise specified, all limits are ensured for TA = 25°C, V
+ = 5V, V= 0V, V
CM = V
+/2, R
L > 10 kΩ to V
+/2. Boldface
limits apply at the temperature extremes.
Symbol
Parameter
Conditions
Min(2)
Typ(3)
Max(2)
Units
VOS
Input Offset Voltage
−0.4
±5
μV
±10
TCVOS
Input Offset Voltage Drift(4)
−0.004
±0.02
μV/°C
IB
Input Bias Current
±25
±100
pA
±300
IOS
Input Offset Current
±48
±200
pA
±250
CMRR
Common Mode Rejection Ratio
−0.2V ≤ VCM ≤ 4.2V
120
139
dB
0V
≤ VCM ≤ 4.0V
115
(1)
Electrical Table values apply only for factory testing conditions at the temperature indicated. Factory testing conditions result in very
limited self-heating of the device such that TJ = TA. No specification of parametric performance is indicated in the electrical tables under
conditions of internal self-heating where TJ > TA.
(2)
All limits are specified by testing, statistical analysis or design.
(3)
Typical values represent the most likely parametric norm at the time of characterization. Actual typical values may vary over time and
will also depend on the application and configuration. The typical values are not tested and are not ensured on shipped production
material.
(4)
Offset voltage temperature drift is determined by dividing the change in VOS at the temperature extremes by the total temperature
change.
4
Submit Documentation Feedback
Copyright © 2008–2013, Texas Instruments Incorporated
Product Folder Links: LMP2021 LMP2022


Similar Part No. - LMP2022MA

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMP2022MA NSC-LMP2022MA Datasheet
702Kb / 20P
   Zero Drift, Low Noise, EMI Hardened Amplifiers
logo
Texas Instruments
LMP2022MA/NOPB TI1-LMP2022MA/NOPB Datasheet
1Mb / 37P
[Old version datasheet]   Zero-Drift, Low-Noise, EMI-Hardened Amplifiers
logo
National Semiconductor ...
LMP2022MAX NSC-LMP2022MAX Datasheet
702Kb / 20P
   Zero Drift, Low Noise, EMI Hardened Amplifiers
logo
Texas Instruments
LMP2022MAX/NOPB TI1-LMP2022MAX/NOPB Datasheet
1Mb / 37P
[Old version datasheet]   Zero-Drift, Low-Noise, EMI-Hardened Amplifiers
More results

Similar Description - LMP2022MA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMP2021 TI1-LMP2021_14 Datasheet
1Mb / 31P
[Old version datasheet]   LMP2021/LMP2022 Zero Drift, Low Noise, EMI Hardened Amplifiers
LMP2021 TI1-LMP2021 Datasheet
1Mb / 37P
[Old version datasheet]   Zero-Drift, Low-Noise, EMI-Hardened Amplifiers
logo
National Semiconductor ...
LMP2021 NSC-LMP2021 Datasheet
702Kb / 20P
   Zero Drift, Low Noise, EMI Hardened Amplifiers
logo
Texas Instruments
LMP2021 TI-LMP2021_15 Datasheet
1Mb / 37P
[Old version datasheet]   LMP202x Zero-Drift, Low-Noise, EMI-Hardened Amplifiers
LMP2021 TI-LMP2021_15 Datasheet
1Mb / 36P
[Old version datasheet]   LMP202x Zero-Drift, Low-Noise, EMI-Hardened Amplifiers
logo
Linear Technology
LTC2054 LINER-LTC2054 Datasheet
199Kb / 12P
   Low Power Zero-Drift Operational Amplifiers
logo
Asahi Kasei Microsystem...
AK2929T AKM-AK2929T Datasheet
264Kb / 8P
   Zero Drift operational amplifiers
AK2921T AKM-AK2921T Datasheet
563Kb / 15P
   Zero Drift operational amplifiers
logo
Texas Instruments
OPA4188 TI1-OPA4188 Datasheet
1Mb / 35P
[Old version datasheet]   Zero-Drift Operational Amplifiers
logo
Asahi Kasei Microsystem...
AK2920T AKM-AK2920T Datasheet
345Kb / 15P
   Zero Drift operational amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com