Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMP2022MAX Datasheet(PDF) 5 Page - Texas Instruments

Part # LMP2022MAX
Description  LMP2021/LMP2022 Zero Drift, Low Noise, EMI Hardened Amplifiers
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMP2022MAX Datasheet(HTML) 5 Page - Texas Instruments

  LMP2022MAX Datasheet HTML 1Page - Texas Instruments LMP2022MAX Datasheet HTML 2Page - Texas Instruments LMP2022MAX Datasheet HTML 3Page - Texas Instruments LMP2022MAX Datasheet HTML 4Page - Texas Instruments LMP2022MAX Datasheet HTML 5Page - Texas Instruments LMP2022MAX Datasheet HTML 6Page - Texas Instruments LMP2022MAX Datasheet HTML 7Page - Texas Instruments LMP2022MAX Datasheet HTML 8Page - Texas Instruments LMP2022MAX Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 31 page
background image
LMP2021, LMP2022
www.ti.com
SNOSAY9E – SEPTEMBER 2008 – REVISED MARGH 2013
5V Electrical Characteristics
(1) (continued)
Unless otherwise specified, all limits are ensured for TA = 25°C, V
+ = 5V, V= 0V, V
CM = V
+/2, R
L > 10 kΩ to V
+/2. Boldface
limits apply at the temperature extremes.
Symbol
Parameter
Conditions
Min(2)
Typ(3)
Max(2)
Units
CMVR
Input Common-Mode Voltage Range
Large Signal CMRR
≥ 120 dB
–0.2
4.2
V
Large Signal CMRR
≥ 115 dB
0
4.0
EMIRR
Electro-Magnetic Interference
VRF-PEAK = 100 mVP (−20 dBVP)
58
Rejection Ratio(5)
f = 400 MHz
VRF-PEAK = 100 mVP (−20 dBVP)
64
IN+
f = 900 MHz
and
dB
VRF-PEAK = 100 mVP (−20 dBVP)
72
IN
f = 1800 MHz
VRF-PEAK = 100 mVP (−20 dBVP)
82
f = 2400 MHz
PSRR
Power Supply Rejection Ratio
2.5V
≤ V+ ≤ 5.5V, VCM = 0
115
130
112
dB
2.2V
≤ V+ ≤ 5.5V, VCM = 0
110
130
AVOL
Large Signal Voltage Gain
RL = 10 kΩ to V
+/2
125
160
VOUT = 0.5V to 4.5V
120
dB
RL = 2 kΩ to V
+/2
123
160
VOUT = 0.5V to 4.5V
118
VOUT
Output Swing High
RL = 10 kΩ to V
+/2
83
135
170
RL = 2 kΩ to V
+/2
120
160
mV
204
from either
Output Swing Low
RL = 10 kΩ to V
+/2
65
80
rail
105
RL = 2 kΩ to V
+/2
103
125
158
IOUT
Linear Output Current
Sourcing, VOUT = 4.5V
30
50
mA
Sinking, VOUT = 0.5V
30
50
IS
Supply Current
Per Amplifier
1.1
1.25
mA
1.57
SR
Slew Rate(6)
AV = +1, CL = 20 pF, RL = 10 kΩ
2.6
V/
μs
VO = 2 VPP
GBW
Gain Bandwidth Product
CL = 20 pF, RL = 10 kΩ
5
MHz
GM
Gain Margin
CL = 20 pF, RL = 10 kΩ
10
dB
ΦM
Phase Margin
CL = 20 pF, RL = 10 kΩ
60
deg
CIN
Input Capacitance
Common Mode
12
pF
Differential Mode
12
en
Input-Referred Voltage Noise Density
f = 0.1 kHz or 10 kHz, AV= 1000
11
nV/
√Hz
f = 0.1 kHz or 10 kHz, AV= 100
15
Input-Referred Voltage Noise
0.1 Hz to 10 Hz Noise
260
nVPP
0.01 Hz to 10 Hz Noise
330
in
Input-Referred Current Noise
f = 1 kHz
350
fA/
√Hz
tr
Input Overload Recovery time
to 0.1%, RL = 10 kΩ, AV = −50,
50
μs
VOUT = 2.5 VPP Step, Duration = 50 μs
CT
Cross Talk
LMP2022, f = 1 kHz
150
dB
(5)
The EMI Rejection Ratio is defined as EMIRR = 20Log ( VRF-PEAK/ΔVOS).
(6)
The number specified is the average of rising and falling slew rates and is measured at 90% to 10%.
Copyright © 2008–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LMP2021 LMP2022


Similar Part No. - LMP2022MAX

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMP2022MAX NSC-LMP2022MAX Datasheet
702Kb / 20P
   Zero Drift, Low Noise, EMI Hardened Amplifiers
logo
Texas Instruments
LMP2022MAX/NOPB TI1-LMP2022MAX/NOPB Datasheet
1Mb / 37P
[Old version datasheet]   Zero-Drift, Low-Noise, EMI-Hardened Amplifiers
More results

Similar Description - LMP2022MAX

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMP2021 TI1-LMP2021_14 Datasheet
1Mb / 31P
[Old version datasheet]   LMP2021/LMP2022 Zero Drift, Low Noise, EMI Hardened Amplifiers
LMP2021 TI1-LMP2021 Datasheet
1Mb / 37P
[Old version datasheet]   Zero-Drift, Low-Noise, EMI-Hardened Amplifiers
logo
National Semiconductor ...
LMP2021 NSC-LMP2021 Datasheet
702Kb / 20P
   Zero Drift, Low Noise, EMI Hardened Amplifiers
logo
Texas Instruments
LMP2021 TI-LMP2021_15 Datasheet
1Mb / 37P
[Old version datasheet]   LMP202x Zero-Drift, Low-Noise, EMI-Hardened Amplifiers
LMP2021 TI-LMP2021_15 Datasheet
1Mb / 36P
[Old version datasheet]   LMP202x Zero-Drift, Low-Noise, EMI-Hardened Amplifiers
logo
Linear Technology
LTC2054 LINER-LTC2054 Datasheet
199Kb / 12P
   Low Power Zero-Drift Operational Amplifiers
logo
Asahi Kasei Microsystem...
AK2929T AKM-AK2929T Datasheet
264Kb / 8P
   Zero Drift operational amplifiers
AK2921T AKM-AK2921T Datasheet
563Kb / 15P
   Zero Drift operational amplifiers
logo
Texas Instruments
OPA4188 TI1-OPA4188 Datasheet
1Mb / 35P
[Old version datasheet]   Zero-Drift Operational Amplifiers
logo
Asahi Kasei Microsystem...
AK2920T AKM-AK2920T Datasheet
345Kb / 15P
   Zero Drift operational amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com