Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

83C3A-A12-J15L Datasheet(PDF) 3 Page - Bourns Electronic Solutions

Part # 83C3A-A12-J15L
Description  Square 10-Turn
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

83C3A-A12-J15L Datasheet(HTML) 3 Page - Bourns Electronic Solutions

  83C3A-A12-J15L Datasheet HTML 1Page - Bourns Electronic Solutions 83C3A-A12-J15L Datasheet HTML 2Page - Bourns Electronic Solutions 83C3A-A12-J15L Datasheet HTML 3Page - Bourns Electronic Solutions 83C3A-A12-J15L Datasheet HTML 4Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
1
3
2
1
3 CW
CCW
2 WIPER
CLOCKWISE
Locating Lug Options - All Model 80 Series
A
.46
(.018)
NOTE: "D" OPTION - NO A/R LUG. OTHER LOCATING LUG OPTIONS AVAILABLE. FOR DETAILS CONSULT FACTORY.
NOTE: SLOTTED
END SHAFT
ORIENTATION IS
RANDOM.
120
° ± 5 °
STD. FLAT
ORIENTATION
(SHAFT AT
CCW END)
Shaft Flat Orientation
PC Pin Model 83
.91
(.036)
19.05
± .51
(.75
± .02)
.79
± .41
(.031
± .016)
6.35
± 1.02
(.25
± .04)
2.54
± .25
(.10
± .01)
7.62
± .25
(.30
± .01)
(.012)
TYP. 3 PLCS.
.30
6.10
± .51
(.24
± .02)
(FMS TO C )
L
15.88
± .38
(.625
± .015)
15.88
± .38
(.625
± .015)
1.52
(.06)
5.08
± .51
(.20
± .02)
9.14
± .76
(.36
± .03)
Solder Lug Model 84
19.05
± .51
(.75
± .02)
6.79
± .41
(.031
± .01)
(FMS TO C )
L
6.10
± .51
(.24
± .02)
5.59
± .51
(.22
± .02)
2.54
± .25
(.10
± .01)
TYP. 3 PLCS.
.30
(.012)
7.62
± .25
(.30
± .01)
15.88
± .38
(.625
± .015)
15.88
± .38
(.625
± .015)
1.52
(.06)
9.14
± .76
(.360
± .03)
(.040)
SLOT
1.02
WIDE X
2.29
LONG
TYP.
(.090)
3.56
(.14)
1.78
± .25
(.070
± .010)
2.03
± .13
(.080
± .005)
1/4-32 UNEF
"E" Bushing
1/4 " (6.35 mm) Dia. Locking - Single Shaft
6.35
± .13
(.500
± .005)
10.80
(.425)
MIN.
6.35
± .05
(.250
± .002)
PILOT DIA.
15.90
± 0.80
(5/8
± 1/32)
STANDARD
SHAFT SLOT
.78
WIDE X
.78 ± .25 DEEP
(.031)
(.031) (.010)
3.162
± .025
(.1245
± .001)
DIA.
3/8-32 UNEF
TRIPLE CONCENTRIC
(SPECIAL ORDER)
"A" Bushing
3/8 " (9.53 mm) Dia. Plain - Concentric Shaft
28.58
± .79
(1.125
± .031)
STANDARD
9.53
(.375)
19.05
± .79
(3/4
± 1/32)
STANDARD
6.32
± .03
(.249
± .001)
DIA.
3.162
± .025
(.1245
± .001)
DIA.
DIA.
1.98
± .03
(.078
± .001)
OUTER SHAFT
6.32
DIA. OPERATES SECTION #1 INNER SHAFT
3.18
DIA. OPERATES SECTION #2, #3, & #4 ("G" STYLE)
(.249)
(.125)
"B" Bushing
3/8 " (9.53 mm) Dia. Plain - Single Shaft
3/8-32 UNEF
12.70
± .13
(.500
± .005)
15.88
± .79
(5/8
± 1/32)
STANDARD
SHAFT SLOT
1.19
WIDE X
1.60 + .38/-.00
DEEP
(.047)
(.063 + .015/-.000)
6.32
± .03
(.249
± .001)
DIA.
9.53
± .13
(.375
± .005)
PILOT DIA.
11.13
(.438)
MIN.
7.75
(.305)
2.31
(.091)
E
3.18
(.125)
13.50
(.531)
J
2.36
(.093)
9.53
(.375)
H
3.18
(.125)
11.10
(.437)
.79
± .41
(.031
± .016)
TOLERANCES EXCEPT AS SHOWN: DECIMALS .XXX
±
.127
(.005)
.XX
±
.38
(.015)
ANGLE
± 5 °
FRACTIONS
± 1/64
"C" Bushing
1/4 " (6.35 mm) Dia. Plain - Single Shaft
6.35
± .13
(.250
± .005)
9.53,12.7,15.88,19.05,22.23
± .79
(3/8, 1/2, 5/8, 3/4, 7/8,
± 1/32)
STANDARD
3.162
± .025
(.1245
± .001)
DIA.
SHAFT SLOT
.79
WIDE X
.79
±.25
DEEP
(.031)
(.031)
(
±.010)
6.35
± .05
(.250
± .002)
PILOT DIA.
2.39
OPTIONAL FLAT
6.35
LONG OR
1.52
FROM
"C" BUSHING END FOR SHAFTS UNDER
14.30
(.094)
(.250)
(.06)
(9/16)
4.45
(.175)
MIN.
"A" Bushing
3/8 " (9.53 mm) Dia. Plain - Single Shaft
3/8-32 UNEF
9.50
± 0.40
(.375
± .15)
12.7,15.88,19.05,22.23
± .79
(1/2, 5/8, 3/4, 7/8
± 1/32)
STANDARD
6.32
± .03
(.249
± .001)
DIA.
7.92
(.312)
MIN.
9.53
± .13
(.375
± .005)
PILOT DIA.
45
° ± 5 ° X
(.010)
CHAMFER
.25
45
° ± 5 ° X
(.010)
CHAMFER
.25
45
° ± 5 ° X
(.010)
CHAMFER
.25
45
° ± 5 ° X
(.010)
CHAMFER
.25
(.063+.015/-.000)
SHAFT SLOT
1.19
WIDE X
1.60 + .38/-.00
DEEP
(.047)
5.49
OPTIONAL FLAT
16.00
LONG OR
1.52
FROM
A" BUSHING END FOR SHAFTS UNDER
(11/16)
(.216
)
(.63)
(.06)
17.66
"C" Bushing
1/4 " (6.35 mm) Dia. Plain - Concentric Shaft
1/4-32 UNEF
25.40
± .79
(1
± 1/32)
STANDARD
15.88
± .79
(5/8
± 1/32)
STANDARD
6.35
(.25)
OUTER SHAFT
3.18
DIA.OPERATES SECTION #1 INNER SHAFT
1.98
DIA. OPERATES SECTION #2, #3, & #4 ("K" STYLE)
(.125)
(.08)
3.162
± .025
(1.245
±.0010)
DIA.
DIA.
1.98
± .03
(.078
± .001)
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
83/84 - 5/8 ” Square 10-Turn
Product Dimensions
DIMENSIONS:
MM
(INCHES)


Similar Part No. - 83C3A-A12-J15L

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
83C3A-A12-J10 BOURNS-83C3A-A12-J10 Datasheet
276Kb / 4P
   83/84 - 5/8 Square 10-Turn
83C3A-A12-J10L BOURNS-83C3A-A12-J10L Datasheet
276Kb / 4P
   83/84 - 5/8 Square 10-Turn
More results

Similar Description - 83C3A-A12-J15L

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
83A1A-B28-J15L BOURNS-83A1A-B28-J15L Datasheet
276Kb / 4P
   83/84 - 5/8 Square 10-Turn
logo
Vishay Siliconix
M63P201KB40T607 VISHAY-M63P201KB40T607 Datasheet
88Kb / 3P
   3/8 Square (10 mm) Single-Turn Cermet Trimmer
26-Jan-18
M64P224KB40 VISHAY-M64P224KB40 Datasheet
105Kb / 5P
   3/8 Square (10 mm) Multi-Turn Cermet Trimmer
01-Jan-2022
64P201E3 VISHAY-64P201E3 Datasheet
137Kb / 4P
   3/8 Square (10 mm) Multi-Turn Cermet Trimmer
Revision: 04-Sep-07
T93YA502KT20 VISHAY-T93YA502KT20 Datasheet
96Kb / 5P
   Square Multi-Turn Cermet Trimmer
Revision: 05-Aug-13
logo
Bourns Electronic Solut...
81A2A-B28-A15 BOURNS-81A2A-B28-A15 Datasheet
401Kb / 6P
   Square Single-Turn Panel Control
logo
DB Lectro Inc
3386P DBLECTRO-3386P Datasheet
200Kb / 1P
   9.6횞9.6 Square/ Single Turn /Trimming Potentiometer
3386U DBLECTRO-3386U Datasheet
197Kb / 1P
   9.6횞9.6 Square/ Single Turn /Trimming Potentiometer
3386W DBLECTRO-3386W Datasheet
194Kb / 1P
   9.6횞9.6 Square/ Single Turn /Trimming Potentiometer
3362H DBLECTRO-3362H Datasheet
203Kb / 1P
   7횞7.2 Square/Single Turn/Trimming Potentiometer
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com