Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ELSW-F91R3-0LPNM-BR4R6 Datasheet(PDF) 6 Page - Everlight Electronics Co., Ltd

Part # ELSW-F91R3-0LPNM-BR4R6
Description  Shwo 3W Series
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

ELSW-F91R3-0LPNM-BR4R6 Datasheet(HTML) 6 Page - Everlight Electronics Co., Ltd

Back Button ELSW-F91R3-0LPNM-BR4R6 Datasheet HTML 2Page - Everlight Electronics Co., Ltd ELSW-F91R3-0LPNM-BR4R6 Datasheet HTML 3Page - Everlight Electronics Co., Ltd ELSW-F91R3-0LPNM-BR4R6 Datasheet HTML 4Page - Everlight Electronics Co., Ltd ELSW-F91R3-0LPNM-BR4R6 Datasheet HTML 5Page - Everlight Electronics Co., Ltd ELSW-F91R3-0LPNM-BR4R6 Datasheet HTML 6Page - Everlight Electronics Co., Ltd ELSW-F91R3-0LPNM-BR4R6 Datasheet HTML 7Page - Everlight Electronics Co., Ltd ELSW-F91R3-0LPNM-BR4R6 Datasheet HTML 8Page - Everlight Electronics Co., Ltd ELSW-F91R3-0LPNM-BR4R6 Datasheet HTML 9Page - Everlight Electronics Co., Ltd ELSW-F91R3-0LPNM-BR4R6 Datasheet HTML 10Page - Everlight Electronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 35 page
background image
DATASHEET
SMD HP Shwo
3W Series
6
Copyright © 2012, Everlight All Rights Reserved. Release Date: 07.06.2012. Issue No: DHE-0001202
www.everlight.com
PN of the Shwo series: White LEDs
The table below is a list of part numbers for the Everlight Shwo 3W series White LED. All parts listed match
ANSI binning standards. Bin offerings of 2700K to 6500K are listed and currently available. CRI is also listed
with min 70 to 75. Typical view angle is 120°. These clearly listed binning options allow for proper design and
implementation into lighting applications. The Order Codes below are currently available White Shwo LEDs.
For Example: If you order product using P/N
ELSW-J61C3-0LPGS-D5700, you will get
White, Shwo series LEDs at 700mA are listed below.
Color
Order Code of ELSW
Minimum
Luminous
Flux (lm)
CCT (K)
Wavelength (nm)
Forward
Voltage
(V)
CRI
(min)[1]
ELSW-J61C3-0LPGS-D6500
150
65K-1~65K-4
3.25~4.15
70
ELSW-J61C3-0LPGS-D5700
150
57K-1~57K-4
3.25~4.15
70
ELSW-J51C3-0LPGS-D5000
140
50K-1~50K-4
3.25~4.15
70
ELSW-J41N3-0LPGS-D4500
130
45K-1~45K-4
3.25~4.15
75
ELSW-J31N3-0LPGS-D4000
120
40K-1~40K-4
3.25~4.15
75
ELSW-J21M3-0LPGS-D3500
110
35K-1~35K-4
3.25~4.15
75
ELSW-J21M3-0LPGS-D3000
110
30K-1~30K-4
3.25~4.15
75
ELSW-J21M3-0LPGS-D2700
110
27K-1~27K-4
3.25~4.15
75
Notes:
1.
CRI measurement tolerance: ±2.
2.
Each 3W white PN is based on the min. bin, and includes four adjacent bins.
Color
Variant
Radiation
Pattern
CRI
CCT
Forward
Voltage
(V)
Minimum
Luminous
Flux (lm)
Cool
White
Lambertian
75
57K-1 ~ 57K-2
~
57K-3 ~ 57K-4
3.25~3.55(V2)
3.55~3.85(V3)
3.85~4.15(V4)
150
Cool
White
6500
Warm
White
3000
Warm
White
2700
Warm
White
3500
Neutral
White
4500
Neutral
White
4000
Cool
White
5700
Cool
White
5000


Similar Part No. - ELSW-F91R3-0LPNM-BR4R6

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
ELSW-F91R3-0LPNM-BR4R6 EVERLIGHT-ELSW-F91R3-0LPNM-BR4R6 Datasheet
1Mb / 35P
   Shwo
More results

Similar Description - ELSW-F91R3-0LPNM-BR4R6

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
ELSW-J31N3-0LPGS-D4000 EVERLIGHT-ELSW-J31N3-0LPGS-D4000 Datasheet
1Mb / 35P
   Shwo
ELSW-J41N3-0LPGS-D4500 EVERLIGHT-ELSW-J41N3-0LPGS-D4500 Datasheet
1Mb / 35P
   Shwo
ELSWD-J11N1-1LPHC-C4000 EVERLIGHT-ELSWD-J11N1-1LPHC-C4000 Datasheet
1,008Kb / 32P
   Shwo
ELSW-J21M3-0LPGS-D2700 EVERLIGHT-ELSW-J21M3-0LPGS-D2700 Datasheet
1Mb / 35P
   Shwo
ELSWD-J11C1-1LPGC-C4000 EVERLIGHT-ELSWD-J11C1-1LPGC-C4000 Datasheet
1,008Kb / 32P
   Shwo
ELSWD-J11N1-1LPHC-C4500 EVERLIGHT-ELSWD-J11N1-1LPHC-C4500 Datasheet
1,008Kb / 32P
   Shwo
ELSWD-J21C1-1LPHC-C5700 EVERLIGHT-ELSWD-J21C1-1LPHC-C5700 Datasheet
1,008Kb / 32P
   Shwo
ELSWD-J31C1-1LPGC-C5700 EVERLIGHT-ELSWD-J31C1-1LPGC-C5700 Datasheet
1,008Kb / 32P
   Shwo
ELSW-F41Y1-0LPNM-AA3A5 EVERLIGHT-ELSW-F41Y1-0LPNM-AA3A5 Datasheet
1Mb / 46P
   Shwo
ELSW-F81N1-0LPGS-C4000 EVERLIGHT-ELSW-F81N1-0LPGS-C4000 Datasheet
1Mb / 46P
   Shwo
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com