Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ELSW-E81B3-0LPNM-DB6B8 Datasheet(PDF) 5 Page - Everlight Electronics Co., Ltd

Part # ELSW-E81B3-0LPNM-DB6B8
Description  Shwo 3W Series
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

ELSW-E81B3-0LPNM-DB6B8 Datasheet(HTML) 5 Page - Everlight Electronics Co., Ltd

  ELSW-E81B3-0LPNM-DB6B8 Datasheet HTML 1Page - Everlight Electronics Co., Ltd ELSW-E81B3-0LPNM-DB6B8 Datasheet HTML 2Page - Everlight Electronics Co., Ltd ELSW-E81B3-0LPNM-DB6B8 Datasheet HTML 3Page - Everlight Electronics Co., Ltd ELSW-E81B3-0LPNM-DB6B8 Datasheet HTML 4Page - Everlight Electronics Co., Ltd ELSW-E81B3-0LPNM-DB6B8 Datasheet HTML 5Page - Everlight Electronics Co., Ltd ELSW-E81B3-0LPNM-DB6B8 Datasheet HTML 6Page - Everlight Electronics Co., Ltd ELSW-E81B3-0LPNM-DB6B8 Datasheet HTML 7Page - Everlight Electronics Co., Ltd ELSW-E81B3-0LPNM-DB6B8 Datasheet HTML 8Page - Everlight Electronics Co., Ltd ELSW-E81B3-0LPNM-DB6B8 Datasheet HTML 9Page - Everlight Electronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 35 page
background image
DATASHEET
SMD HP Shwo
3W Series
5
Copyright © 2012, Everlight All Rights Reserved. Release Date: 07.06.2012. Issue No: DHE-0001202
www.everlight.com
Luminous Flux Characteristics for the Shwo series
Color
Part Number
3W
Minimum Luminous Flux(lm)
or
Radiometric Power(mW)[1]
Drive Current
(mA)
ELSW – J51CX
140
700
ELSW – J61CX
150
700
ELSW – J31NX
120
700
ELSW – J41NX
130
700
ELSW – J21MX
110
700
ELSW – F81RX
80
700
ELSW – F91RX
90
700
ELSW – F81YX
80
700
ELSW – F91YX
90
700
ELSW – F91GX
90
700
ELSW – J11GX
100
700
ELSW – E81BX
20
700
ELSW – E91BX
23
700
ELSW – Q81LX
225
700
Notes:
1.
Luminous flux measurement tolerance: ±10%.
2.
The data of luminous flux measured at thermal pad=25°C
3.
Typical luminous flux or light output performance is operated within the condition guided by this datasheet.
Amber
Neutral
White
Red
Green
Blue
Cool
White
Far Red
Warm
White


Similar Part No. - ELSW-E81B3-0LPNM-DB6B8

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
ELSW-E81B1-0LPNM-CB7B8 EVERLIGHT-ELSW-E81B1-0LPNM-CB7B8 Datasheet
1Mb / 39P
   Small package with high efficiency
ELSW-E81B1-0LPNM-CB7B8 EVERLIGHT-ELSW-E81B1-0LPNM-CB7B8 Datasheet
1Mb / 46P
   Shwo
ELSW-E81BX EVERLIGHT-ELSW-E81BX Datasheet
1Mb / 39P
   Small package with high efficiency
More results

Similar Description - ELSW-E81B3-0LPNM-DB6B8

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
ELSW-J31N3-0LPGS-D4000 EVERLIGHT-ELSW-J31N3-0LPGS-D4000 Datasheet
1Mb / 35P
   Shwo
ELSW-J41N3-0LPGS-D4500 EVERLIGHT-ELSW-J41N3-0LPGS-D4500 Datasheet
1Mb / 35P
   Shwo
ELSWD-J11N1-1LPHC-C4000 EVERLIGHT-ELSWD-J11N1-1LPHC-C4000 Datasheet
1,008Kb / 32P
   Shwo
ELSW-J21M3-0LPGS-D2700 EVERLIGHT-ELSW-J21M3-0LPGS-D2700 Datasheet
1Mb / 35P
   Shwo
ELSWD-J11C1-1LPGC-C4000 EVERLIGHT-ELSWD-J11C1-1LPGC-C4000 Datasheet
1,008Kb / 32P
   Shwo
ELSWD-J11N1-1LPHC-C4500 EVERLIGHT-ELSWD-J11N1-1LPHC-C4500 Datasheet
1,008Kb / 32P
   Shwo
ELSWD-J21C1-1LPHC-C5700 EVERLIGHT-ELSWD-J21C1-1LPHC-C5700 Datasheet
1,008Kb / 32P
   Shwo
ELSWD-J31C1-1LPGC-C5700 EVERLIGHT-ELSWD-J31C1-1LPGC-C5700 Datasheet
1,008Kb / 32P
   Shwo
ELSW-F41Y1-0LPNM-AA3A5 EVERLIGHT-ELSW-F41Y1-0LPNM-AA3A5 Datasheet
1Mb / 46P
   Shwo
ELSW-F81N1-0LPGS-C4000 EVERLIGHT-ELSW-F81N1-0LPGS-C4000 Datasheet
1Mb / 46P
   Shwo
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com