Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

83C2D-A12-J15L Datasheet(PDF) 2 Page - Bourns Electronic Solutions

Part # 83C2D-A12-J15L
Description  Square 10-Turn
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

83C2D-A12-J15L Datasheet(HTML) 2 Page - Bourns Electronic Solutions

  83C2D-A12-J15L Datasheet HTML 1Page - Bourns Electronic Solutions 83C2D-A12-J15L Datasheet HTML 2Page - Bourns Electronic Solutions 83C2D-A12-J15L Datasheet HTML 3Page - Bourns Electronic Solutions 83C2D-A12-J15L Datasheet HTML 4Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
83/84 - 5/8 ” Square 10-Turn
Wirewound Resolution Table
DIMENSIONS:
MM
(INCHES)
Resistance
Resolution
(Ohms)
(Nom.) (%)
200
.048
500
.037
1 K
.032
2 K
.031
5 K
.023
10 K
.020
20 K
.015
50 K
.012
100 K
.010
Dimensional Drawings
Note: The Models 83/84 dimensions for dual
section assembly are for either single or dual
concentric shaft styles.
Dual Section Model 84 Solder Lugs
37.03 ± .71
(1.458 ± .028)
7.62 ± .25
(.30 ± .01)
37.03 ± .71
(1.458 ± .028)
Dual Section Model 83 PC Pins
7.62 ± .25
(.30 ± .01)


Similar Part No. - 83C2D-A12-J15L

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
83C251SA16 INTEL-83C251SA16 Datasheet
428Kb / 36P
   HIGH-PERFORMANCE CHMOS MICROCONTROLLER
83C251SB16 INTEL-83C251SB16 Datasheet
428Kb / 36P
   HIGH-PERFORMANCE CHMOS MICROCONTROLLER
83C251SP16 INTEL-83C251SP16 Datasheet
428Kb / 36P
   HIGH-PERFORMANCE CHMOS MICROCONTROLLER
83C251SQ16 INTEL-83C251SQ16 Datasheet
428Kb / 36P
   HIGH-PERFORMANCE CHMOS MICROCONTROLLER
83C251TB24 INTEL-83C251TB24 Datasheet
1Mb / 36P
   TQHIGH-PERFORMANCE CHMOS MICROCONTROLLER
More results

Similar Description - 83C2D-A12-J15L

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
83A1A-B28-J15L BOURNS-83A1A-B28-J15L Datasheet
276Kb / 4P
   83/84 - 5/8 Square 10-Turn
logo
Vishay Siliconix
M63P201KB40T607 VISHAY-M63P201KB40T607 Datasheet
88Kb / 3P
   3/8 Square (10 mm) Single-Turn Cermet Trimmer
26-Jan-18
M64P224KB40 VISHAY-M64P224KB40 Datasheet
105Kb / 5P
   3/8 Square (10 mm) Multi-Turn Cermet Trimmer
01-Jan-2022
64P201E3 VISHAY-64P201E3 Datasheet
137Kb / 4P
   3/8 Square (10 mm) Multi-Turn Cermet Trimmer
Revision: 04-Sep-07
T93YA502KT20 VISHAY-T93YA502KT20 Datasheet
96Kb / 5P
   Square Multi-Turn Cermet Trimmer
Revision: 05-Aug-13
logo
Bourns Electronic Solut...
81A2A-B28-A15 BOURNS-81A2A-B28-A15 Datasheet
401Kb / 6P
   Square Single-Turn Panel Control
logo
DB Lectro Inc
3386P DBLECTRO-3386P Datasheet
200Kb / 1P
   9.6횞9.6 Square/ Single Turn /Trimming Potentiometer
3386U DBLECTRO-3386U Datasheet
197Kb / 1P
   9.6횞9.6 Square/ Single Turn /Trimming Potentiometer
3386W DBLECTRO-3386W Datasheet
194Kb / 1P
   9.6횞9.6 Square/ Single Turn /Trimming Potentiometer
3362H DBLECTRO-3362H Datasheet
203Kb / 1P
   7횞7.2 Square/Single Turn/Trimming Potentiometer
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com