Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM29LV641DH120RWHIN Datasheet(PDF) 9 Page - Advanced Micro Devices

Part # AM29LV641DH120RWHIN
Description  64 Megabit (4 M x 16-Bit) CMOS 3.0 Volt-only Uniform Sector Flash Memory with VersatileI Control
Download  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29LV641DH120RWHIN Datasheet(HTML) 9 Page - Advanced Micro Devices

Back Button AM29LV641DH120RWHIN Datasheet HTML 5Page - Advanced Micro Devices AM29LV641DH120RWHIN Datasheet HTML 6Page - Advanced Micro Devices AM29LV641DH120RWHIN Datasheet HTML 7Page - Advanced Micro Devices AM29LV641DH120RWHIN Datasheet HTML 8Page - Advanced Micro Devices AM29LV641DH120RWHIN Datasheet HTML 9Page - Advanced Micro Devices AM29LV641DH120RWHIN Datasheet HTML 10Page - Advanced Micro Devices AM29LV641DH120RWHIN Datasheet HTML 11Page - Advanced Micro Devices AM29LV641DH120RWHIN Datasheet HTML 12Page - Advanced Micro Devices AM29LV641DH120RWHIN Datasheet HTML 13Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 57 page
background image
8
Am29LV640D/Am29LV641D
September 20, 2002
CONNECTION DIAGRAMS
Special Handling Instructions for
FBGA/fBGA Packages
Special handling is required for Flash Memory products
in BGA packages.
Flash memory devices in BGA packages may be
damaged if exposed to ultrasonic cleaning methods.
The package and/or data integrity may be compromised
if the package body is exposed to temperatures above
150
°C for prolonged periods of time.
B3
C3
D3
E3
F3
G3
H3
B4
C4
D4
E4
F4
G4
H4
B5
C5
D5
E5
F5
G5
H5
B6
C6
D6
E6
F6
G6
H6
B7
C7
D7
E7
F7
G7
H7
B8
C8
D8
E8
F8
G8
H8
RFU
RFU
RFU
VSS
VIO
RFU
RFU
VSS
DQ15
NC
A16
A15
A14
A12
DQ6
DQ13
DQ14
DQ7
A11
A10
A8
DQ4
VCC
DQ12
DQ5
A19
A21
RESET#
DQ3
DQ11
DQ10
DQ2
A20
A18
ACC
DQ1
DQ9
DQ8
DQ0
A5
A6
A17
A3
A4
A5
A6
A7
A8
RFU
A13
A9
WE#
RY/BY#
A7
B2
C2
D2
E2
F2
G2
H2
VSS
OE#
CE#
A0
A1
A2
A4
A2
A3
B1
C1
D1
E1
F1
G1
H1
RFU
RFU
VIO
RFU
RFU
RFU
RFU
A1
RFU
64-Ball Fortified BGA (
FBGA)
Top View, Balls Facing Down
(Am29LV640DU only)


Similar Part No. - AM29LV641DH120RWHIN

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
AM29LV641DH120REF AMD-AM29LV641DH120REF Datasheet
1Mb / 57P
   64 Megabit (4 M x 16-Bit) CMOS 3.0 Volt-only Uniform Sector Flash Memory with VersatileIO??Control
AM29LV641DH120REI AMD-AM29LV641DH120REI Datasheet
1Mb / 57P
   64 Megabit (4 M x 16-Bit) CMOS 3.0 Volt-only Uniform Sector Flash Memory with VersatileIO??Control
AM29LV641DH120RFI AMD-AM29LV641DH120RFI Datasheet
1Mb / 57P
   64 Megabit (4 M x 16-Bit) CMOS 3.0 Volt-only Uniform Sector Flash Memory with VersatileIO??Control
More results

Similar Description - AM29LV641DH120RWHIN

ManufacturerPart #DatasheetDescription
logo
SPANSION
AM29LV641G SPANSION-AM29LV641G Datasheet
1Mb / 55P
   64 Megabit (4 M x 16-Bit) CMOS 3.0 Volt-only Uniform Sector Flash Memory with VersatileI/O Control
logo
Advanced Micro Devices
AM29LV641G AMD-AM29LV641G Datasheet
1Mb / 55P
   64 Megabit (4 M x 16-Bit) CMOS 3.0 Volt-only Uniform Sector Flash Memory with VersatileI/O??Control
AM29LV641MH AMD-AM29LV641MH Datasheet
1Mb / 60P
   64 Megabit (4 M x 16-Bit) MirrorBit??3.0 Volt-only Uniform Sector Flash Memory with VersatileI/O??Control
AM29LV640MU AMD-AM29LV640MU_02 Datasheet
1Mb / 54P
   64 Megabit (4 M x 16-Bit) MirrorBit??3.0 Volt-only Uniform Sector Flash Memory with VersatileI/O??Control
AM29LV640MU AMD-AM29LV640MU_07 Datasheet
1Mb / 59P
   64 Megabit (4 M x 16-Bit) MirrorBit??3.0 Volt-only Uniform Sector Flash Memory with VersatileI/O??Control
logo
SPANSION
AM29LV641MH SPANSION-AM29LV641MH Datasheet
1Mb / 60P
   64 Megabit (4 M x 16-Bit) MirrorBit 3.0 Volt-only Uniform Sector Flash Memory with VersatileI/O Control
logo
Advanced Micro Devices
AM29LV640D AMD-AM29LV640D_07 Datasheet
1Mb / 57P
   64 Megabit (4 M x 16-Bit) CMOS 3.0 Volt-only Uniform Sector Flash Memory with VersatileIO??Control
AM29LV642D AMD-AM29LV642D Datasheet
986Kb / 53P
   128 Megabit (8 M x 16-Bit) CMOS 3.0 Volt-only Uniform Sector Flash Memory with VersatileI/O Control
AM29LV642D AMD-AM29LV642D_06 Datasheet
1Mb / 54P
   128 Megabit (8 M x 16-Bit) CMOS 3.0 Volt-only Uniform Sector Flash Memory with VersatileI/O??Control
AM29LV640MU AMD-AM29LV640MU Datasheet
1Mb / 58P
   64 Megabit (4 M x 16-Bit) MirrorBit 3.0 Volt-only Uniform Sector Flash Memory with
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com