Electronic Components Datasheet Search |
|
LMC660CMX Datasheet(PDF) 4 Page - Texas Instruments |
|
LMC660CMX Datasheet(HTML) 4 Page - Texas Instruments |
4 / 22 page LMC660 SNOSBZ3D – APRIL 1998 – REVISED MARCH 2013 www.ti.com DC Electrical Characteristics (continued) Unless otherwise specified, all limits ensured for TJ = 25°C. Boldface limits apply at the temperature extremes. V + = 5V, V− = 0V, VCM = 1.5V, VO = 2.5V and RL > 1MΩ unless otherwise specified. LMC660AI LMC660C Parameter Test Conditions Typ(1) Units Limit(1) Limit(1) Output Current Sourcing, VO = 0V 22 16 13 mA V+ = 5V 14 11 min Sinking, VO = 5V 21 16 13 mA 14 11 min Output Current Sourcing, VO = 0V 40 28 23 mA V+ = 15V 25 21 min Sinking, VO = 13V (3) 39 28 23 mA 24 20 min Supply Current All Four Amplifiers 1.5 2.2 2.7 mA VO = 1.5V 2.6 2.9 max (3) Do not connect output to V+ when V+ is greater than 13V or reliability may be adversely affected. AC Electrical Characteristics Unless otherwise specified, all limits ensured for TJ = 25°C. Boldface limits apply at the temperature extremes. V + = 5V, V− = 0V, VCM = 1.5V, VO = 2.5V and RL > 1MΩ unless otherwise specified. LMC660AI LMC660C Parameter Test Conditions Typ(1) Units Limit(1) Limit(1) Slew Rate See(2) 1.1 0.8 0.8 V/ μs 0.6 0.7 min Gain-Bandwidth Product 1.4 MHz Phase Margin 50 Deg Gain Margin 17 dB Amp-to-Amp Isolation See(3) 130 dB Input Referred Voltage Noise F = 1 kHz 22 nV/ √Hz Input Referred Current Noise f = 1 kHz 0.0002 pA// √Hz Total Harmonic Distortion f = 10 kHz, AV = −10 0.01 % RL = 2 kΩ, VO = 8 VPP V+ = 15V (1) Typical values represent the most likely parametric norm. Limits are specified by testing or correlation. (2) V+ = 15V. Connected as Voltage Follower with 10V step input. Number specified is the slower of the positive and negative slew rates. (3) Input referred. V+ = 15V and RL = 10 kΩ connected to V +/2. Each amp excited in turn with 1 kHz to produce V O = 13 VPP. 4 Submit Documentation Feedback Copyright © 1998–2013, Texas Instruments Incorporated Product Folder Links: LMC660 |
Similar Part No. - LMC660CMX |
|
Similar Description - LMC660CMX |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |