Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMC660CMX Datasheet(PDF) 1 Page - Texas Instruments

Part # LMC660CMX
Description  LMC660 CMOS Quad Operational Amplifier
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMC660CMX Datasheet(HTML) 1 Page - Texas Instruments

  LMC660CMX Datasheet HTML 1Page - Texas Instruments LMC660CMX Datasheet HTML 2Page - Texas Instruments LMC660CMX Datasheet HTML 3Page - Texas Instruments LMC660CMX Datasheet HTML 4Page - Texas Instruments LMC660CMX Datasheet HTML 5Page - Texas Instruments LMC660CMX Datasheet HTML 6Page - Texas Instruments LMC660CMX Datasheet HTML 7Page - Texas Instruments LMC660CMX Datasheet HTML 8Page - Texas Instruments LMC660CMX Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
LMC660
www.ti.com
SNOSBZ3D – APRIL 1998 – REVISED MARCH 2013
LMC660 CMOS Quad Operational Amplifier
Check for Samples: LMC660
1
FEATURES
DESCRIPTION
The LMC660 CMOS Quad operational amplifier is
2
Rail-to-Rail Output Swing
ideal for operation from a single supply. It operates
Specified for 2 k
Ω and 600Ω Loads
from +5V to +15.5V and features rail-to-rail output
High Voltage Gain:
126 dB
swing in addition to an input common-mode range
that includes ground. Performance limitations that
Low Input Offset Voltage:
3 mV
have plagued CMOS amplifiers in the past are not a
Low Offset Voltage Drift:
1.3
μV/°C
problem with this design. Input VOS, drift, and
Ultra Low Input Bias Current:
2 fA
broadband noise as well as voltage gain into realistic
loads (2 k
Ω and 600Ω) are all equal to or better than
Input Common-Mode Range Includes V
widely accepted bipolar equivalents.
Operating Range from +5V to +15.5V Supply
This chip is built with TI's advanced Double-Poly
ISS = 375 μA/Amplifier; Independent of V
+
Silicon-Gate CMOS process.
Low Distortion:
0.01% at 10 kHz
See the LMC662 datasheet for a dual CMOS
Slew Rate:
1.1 V/
μs
operational amplifier with these same features.
APPLICATIONS
High-Impedance Buffer or Preamplifier
Precision Current-to-Voltage Converter
Long-Term Integrator
Sample-and-Hold Circuit
Peak Detector
Medical Instrumentation
Industrial Controls
Automotive Sensors
Connection Diagrams
Figure 1. 14-Pin SOIC/PDIP
Figure 2. LMC660 Circuit Topology (Each
Amplifier)
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 1998–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LMC660CMX

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMC660CMX NSC-LMC660CMX Datasheet
441Kb / 12P
   CMOS Quad Operational Amplifier
LMC660CMX NSC-LMC660CMX Datasheet
873Kb / 14P
   CMOS Quad Operational Amplifier
More results

Similar Description - LMC660CMX

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMC6034 TI1-LMC6034 Datasheet
1Mb / 22P
[Old version datasheet]   CMOS Quad Operational Amplifier
logo
National Semiconductor ...
LMC660 NSC-LMC660_00 Datasheet
441Kb / 12P
   CMOS Quad Operational Amplifier
LMC660EP NSC-LMC660EP Datasheet
891Kb / 15P
   CMOS Quad Operational Amplifier
LMC660 NSC-LMC660_06 Datasheet
873Kb / 14P
   CMOS Quad Operational Amplifier
LMC660 NSC-LMC660 Datasheet
461Kb / 14P
   CMOS Quad Operational Amplifier
LMC6034 NSC-LMC6034 Datasheet
301Kb / 12P
   CMOS Quad Operational Amplifier
LMC6044 NSC-LMC6044 Datasheet
387Kb / 12P
   CMOS Quad Micropower Operational Amplifier
logo
Texas Instruments
LMC6034IMX TI-LMC6034IMX Datasheet
1Mb / 22P
[Old version datasheet]   LMC6034 CMOS Quad Operational Amplifier
LMC6044 TI1-LMC6044_17 Datasheet
1Mb / 23P
[Old version datasheet]   CMOS Quad Micropower Operational Amplifier
logo
National Semiconductor ...
LMC6084 NSC-LMC6084 Datasheet
729Kb / 14P
   Precision CMOS Quad Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com