Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM4041DIM3X-ADJ Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # LM4041DIM3X-ADJ
Description  LM4041-N/LM4041-N-Q1 Precision Micropower Shunt Voltage Reference
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM4041DIM3X-ADJ Datasheet(HTML) 7 Page - Texas Instruments

Back Button LM4041DIM3X-ADJ Datasheet HTML 3Page - Texas Instruments LM4041DIM3X-ADJ Datasheet HTML 4Page - Texas Instruments LM4041DIM3X-ADJ Datasheet HTML 5Page - Texas Instruments LM4041DIM3X-ADJ Datasheet HTML 6Page - Texas Instruments LM4041DIM3X-ADJ Datasheet HTML 7Page - Texas Instruments LM4041DIM3X-ADJ Datasheet HTML 8Page - Texas Instruments LM4041DIM3X-ADJ Datasheet HTML 9Page - Texas Instruments LM4041DIM3X-ADJ Datasheet HTML 10Page - Texas Instruments LM4041DIM3X-ADJ Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 34 page
background image
LM4041-N, LM4041-N-Q1
www.ti.com
SNOS641F – OCTOBER 1999 – REVISED JULY 2013
LM4041-N/LM4041-N-Q1 ADJ (Adjustable) Electrical Characteristics (Industrial Temperature
Range)
Boldface limits apply for TA = TJ = TMINto TMAX; all other limits TJ = 25°C unless otherwise specified (SOT-23, see
(1)),
IRMIN ≤ IR ≤ 12 mA, VREF ≤ VOUT ≤ 10V. The grades C and D designate initial Reference Voltage Tolerances of ±0.5% and
±1%, respectively for VOUT = 5V.
Symbol
Parameter
Conditions
Typical(2)
LM4041CIM3
LM4041DIM3
Units
LM4041QCIM3
LM4041QDIM3
(Limit)
LM4041CIZ
LM4041DIZ
LM4041CIM7
LM4041DIM7
(3)
(3)
VREF
Reference Voltage
IR = 100 μA, VOUT = 5V
1.233
V
Reference Voltage
IR = 100 μA, VOUT = 5V
±6.2
±12
mV (max)
Tolerance(4)
±14
±24
mV (max)
IRMIN
Minimum Operating
45
μA
Current
60
65
μA (max)
65
70
μA (max)
ΔVREF/ΔIR Reference Voltage
IRMIN ≤ IR ≤ 1 mA
0.7
mV
Change with Operating
SOT-23: VOUT ≥ 1.6V
(6)
1.5
2.0
mV (max)
Current Change(5)
2.0
2.5
mV (max)
1 mA
≤ IR ≤ 12 mA
2
mV
SOT-23: VOUT ≥ 1.6V
(6)
4
6
mV (max)
6
8
mV (max)
ΔVREF/ΔV
Reference Voltage
IR = 1 mA
−1.55
mV/V
O
Change with Output
−2.0
−2.5
mV/V (max)
Voltage Change
−2.5
−3.0
mV/V (max)
IFB
Feedback Current
60
nA
100
150
nA (max)
120
200
nA (max)
ΔVREF/ΔT
Average Reference
VOUT =
IR = 10 mA
20
ppm/°C
Voltage Temperature
5V,
IR =
1 mA
15
±100
±150
ppm/°C (max)
Coefficient(4)
IR = 100 μA
15
ppm/°C
ZOUT
Dynamic Output
IR = 1 mA, f = 120 Hz,
Impedance
IAC = 0.1 IR
VOUT = VREF
0.3
Ω
VOUT = 10V
2
Ω
eN
Wideband Noise
IR = 100
VOUT = VREF
20
μVrms
μA
10 Hz
≤ f ≤ 10 kHz
ΔVREF
Reference Voltage Long
t = 1000 hrs, IR = 100 μA,
120
ppm
Term Stability
T = 25°C ±0.1°C
VHYST
Thermal Hysteresis(7)
ΔT = −40°C to +125°C
0.08
%
(1)
When VOUT ≤ 1.6V, the LM4041-N ADJ in the SOT-23 package must operate at reduced IR. This is caused by the series resistance of
the die attach between the die (-) output and the package (-) output pin. See the Output Saturation (SOT-23 only) curve in the Typical
Performance Characteristics section.
(2)
Typicals are at TJ = 25°C and represent most likely parametric norm.
(3)
Limits are 100% production tested at 25°C. Limits over temperature are ensured through correlation using Statistical Quality Control
(SQC) methods. The limits are used to calculate AOQL.
(4)
Reference voltage and temperature coefficient will change with output voltage. See Typical Performance Characteristics curves.
(5)
Load regulation is measured on pulse basis from no load to the specified load current. Ouput changes due to die temperature change
must be taken into account separately.-
(6)
When VOUT ≤ 1.6V, the LM4041-N ADJ in the SOT-23 package must operate at reduced IR. This is caused by the series resistance of
the die attach between the die (-) output and the package (-) output pin. See the Output Saturation (SOT-23 only) curve in the Typical
Performance Characteristics section.
(7)
Thermal hysteresis is defined as the difference in voltage measured at +25°C after cycling to temperature -40°C and the 25°C
measurement after cycling to temperature +125°C.
Copyright © 1999–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LM4041-N, LM4041-N-Q1


Similar Part No. - LM4041DIM3X-ADJ

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4041DIM3X-ADJ NSC-LM4041DIM3X-ADJ Datasheet
277Kb / 19P
   Precision Micropower Shunt Voltage Reference
logo
Texas Instruments
LM4041DIM3X-ADJ TI1-LM4041DIM3X-ADJ Datasheet
806Kb / 21P
[Old version datasheet]   LM4041 Precision Micropower Shunt Voltage Reference
LM4041DIM3X-ADJ TI1-LM4041DIM3X-ADJ Datasheet
1Mb / 34P
[Old version datasheet]   LM4041-N/LM4041-N-Q1 Precision Micropower Shunt Voltage Reference
LM4041DIM3X-ADJ TI1-LM4041DIM3X-ADJ Datasheet
1Mb / 34P
[Old version datasheet]   LM4041-N/LM4041-N-Q1 Precision Micropower Shunt Voltage Reference
LM4041DIM3X-ADJ TI1-LM4041DIM3X-ADJ Datasheet
1Mb / 34P
[Old version datasheet]   LM4041-N/LM4041-N-Q1 Precision Micropower Shunt Voltage Reference
More results

Similar Description - LM4041DIM3X-ADJ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM4041-N-Q1 TI-LM4041-N-Q1_15 Datasheet
1Mb / 35P
[Old version datasheet]   LM4041-N/LM4041-N-Q1 Precision Micropower Shunt Voltage Reference
LM4041-N-Q1 TI1-LM4041-N-Q1 Datasheet
1Mb / 34P
[Old version datasheet]   LM4041-N/LM4041-N-Q1 Precision Micropower Shunt Voltage Reference
LM4041BIM3-12 TI1-LM4041BIM3-12 Datasheet
1Mb / 34P
[Old version datasheet]   LM4041-N/LM4041-N-Q1 Precision Micropower Shunt Voltage Reference
LM4041-N-Q1 TI1-LM4041-N-Q1 Datasheet
1Mb / 34P
[Old version datasheet]   LM4041-N/LM4041-N-Q1 Precision Micropower Shunt Voltage Reference
LM4041-1 TI-LM4041-1 Datasheet
1Mb / 34P
[Old version datasheet]   LM4041-N/LM4041-N-Q1 Precision Micropower Shunt Voltage Reference
LM4041-N TI-LM4041-N_15 Datasheet
1Mb / 35P
[Old version datasheet]   LM4041-N/LM4041-N-Q1 Precision Micropower Shunt Voltage Reference
LM4041-N TI1-LM4041-N Datasheet
806Kb / 21P
[Old version datasheet]   LM4041 Precision Micropower Shunt Voltage Reference
LM4040-N TI1-LM4040-N_16 Datasheet
1Mb / 67P
[Old version datasheet]   LM4040-N/-Q1 Precision Micropower Shunt Voltage Reference
LM4050AIM3-41 TI1-LM4050AIM3-41 Datasheet
1Mb / 35P
[Old version datasheet]   LM4050-N/LM4050-N-Q1 Precision Micropower Shunt Voltage Reference
LM4050AIM3X-25 TI-LM4050AIM3X-25 Datasheet
1Mb / 35P
[Old version datasheet]   LM4050-N/LM4050-N-Q1 Precision Micropower Shunt Voltage Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com