Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMH0002TMA Datasheet(PDF) 2 Page - Texas Instruments

Part # LMH0002TMA
Description  LMH0002 SMPTE 292M / 259M Serial Digital Cable Driver
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMH0002TMA Datasheet(HTML) 2 Page - Texas Instruments

  LMH0002TMA Datasheet HTML 1Page - Texas Instruments LMH0002TMA Datasheet HTML 2Page - Texas Instruments LMH0002TMA Datasheet HTML 3Page - Texas Instruments LMH0002TMA Datasheet HTML 4Page - Texas Instruments LMH0002TMA Datasheet HTML 5Page - Texas Instruments LMH0002TMA Datasheet HTML 6Page - Texas Instruments LMH0002TMA Datasheet HTML 7Page - Texas Instruments LMH0002TMA Datasheet HTML 8Page - Texas Instruments LMH0002TMA Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
LMH0002
SNLS215D – JANUARY 2006 – REVISED AUGUST 2008
www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
Absolute Maximum Ratings
(1)
Supply Voltage:
−0.5V to 3.6V
Input Voltage (all inputs)
−0.3V to VCC+0.3V
Output Current
28 mA
Storage Temperature Range
−65°C to +150°C
Junction Temperature
+150°C
Lead Temperature (Soldering 4 Sec)
+260°C
Package Thermal Resistance
θJA 8-pin SOIC
+160°C/W
θJA 16-pin WQFN
+78.9°C/W
θJC 8-pin SOIC
+105°C/W
θJC 16-pin WQFN
+42.7°C/W
ESD Rating (HBM)
5kV
ESD Rating (MM)
250V
(1)
"Absolute Maximum Ratings" are those parameter values beyond which the life and operation of the device cannot be guaranteed. The
stating herein of these maximums shall not be construed to imply that the device can or should be operated at or beyond these values.
The table of "Electrical Characteristics" specifies acceptable device operating conditions.
Recommended Operating Conditions
Supply Voltage (VCC – VEE):
3.3V ±5%
Operating Free Air Temperature (TA)
SOIC
0°C to +70°C
SOIC and WQFN
−40°C to +85°C
2
Submit Documentation Feedback
Copyright © 2006–2008, Texas Instruments Incorporated
Product Folder Links: LMH0002


Similar Part No. - LMH0002TMA

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMH0002TMA NSC-LMH0002TMA Datasheet
459Kb / 5P
   SMPTE 292M / 259M Serial Digital Cable Driver
LMH0002TMA NSC-LMH0002TMA Datasheet
495Kb / 6P
   SMPTE 292M / 259M Serial Digital Cable Driver
logo
Texas Instruments
LMH0002TMA TI-LMH0002TMA Datasheet
766Kb / 13P
[Old version datasheet]   LMH0002 SMPTE 292M / 259M Serial Digital Cable Driver
LMH0002TMA TI1-LMH0002TMA Datasheet
786Kb / 13P
[Old version datasheet]   LMH0002 SMPTE 292M / 259M Serial Digital Cable Driver
LMH0002TMA TI-LMH0002TMA Datasheet
766Kb / 13P
[Old version datasheet]   LMH0002 SMPTE 292M / 259M Serial Digital Cable Driver
More results

Similar Description - LMH0002TMA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMH0002SQE TI-LMH0002SQE Datasheet
766Kb / 13P
[Old version datasheet]   LMH0002 SMPTE 292M / 259M Serial Digital Cable Driver
LMH0002SQE TI1-LMH0002SQE Datasheet
786Kb / 13P
[Old version datasheet]   LMH0002 SMPTE 292M / 259M Serial Digital Cable Driver
LMH0002TMAX TI-LMH0002TMAX Datasheet
766Kb / 13P
[Old version datasheet]   LMH0002 SMPTE 292M / 259M Serial Digital Cable Driver
LMH0002MA TI-LMH0002MA Datasheet
766Kb / 13P
[Old version datasheet]   LMH0002 SMPTE 292M / 259M Serial Digital Cable Driver
LMH0002 TI1-LMH0002_14 Datasheet
784Kb / 14P
[Old version datasheet]   SMPTE 292M / 259M Serial Digital Cable Driver
logo
National Semiconductor ...
CLC002 NSC-CLC002 Datasheet
446Kb / 4P
   SMPTE 292M / 259M Serial Digital Cable Driver
LMH0002 NSC-LMH0002_08 Datasheet
247Kb / 6P
   SMPTE 292M / 259M Serial Digital Cable Driver
LMH0002 NSC-LMH0002 Datasheet
459Kb / 5P
   SMPTE 292M / 259M Serial Digital Cable Driver
LMH0002_0610 NSC-LMH0002_0610 Datasheet
495Kb / 6P
   SMPTE 292M / 259M Serial Digital Cable Driver
LMH0202_0606 NSC-LMH0202_0606 Datasheet
503Kb / 6P
   Dual SMPTE 292M / 259M Serial Digital Cable Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com