Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS7868IDBVR Datasheet(PDF) 7 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # ADS7868IDBVR
Description  1.2-V, 12-/10-/8-BIT, 200-KSPS/100-KSPS, MICRO-POWER, MINIATURE ANALOG-TO-DIGITAL CONVERTER WITH SERIAL INTERFACE
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

ADS7868IDBVR Datasheet(HTML) 7 Page - Burr-Brown (TI)

Back Button ADS7868IDBVR Datasheet HTML 3Page - Burr-Brown (TI) ADS7868IDBVR Datasheet HTML 4Page - Burr-Brown (TI) ADS7868IDBVR Datasheet HTML 5Page - Burr-Brown (TI) ADS7868IDBVR Datasheet HTML 6Page - Burr-Brown (TI) ADS7868IDBVR Datasheet HTML 7Page - Burr-Brown (TI) ADS7868IDBVR Datasheet HTML 8Page - Burr-Brown (TI) ADS7868IDBVR Datasheet HTML 9Page - Burr-Brown (TI) ADS7868IDBVR Datasheet HTML 10Page - Burr-Brown (TI) ADS7868IDBVR Datasheet HTML 11Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
www.ti.com
SPECIFICATIONS, ADS7868
ADS7866
ADS7867
ADS7868
SLAS465 – JUNE 2005
At –40
°C to 85°C, f
SAMPLE = 280 KSPS and fSCLK = 3.4 MHz if 1.6 V ≤ VDD ≤ 3.6 V; fSAMPLE = 140 KSPS and fSCLK = 1.7 MHz if
1.2 V
≤ V
DD < 1.6 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SYSTEM PERFORMANCE
Resolution
8
Bits
No missing codes
8
Bits
Integral linearity
–0.5
0.5
LSB(1)
Differential linearity
–0.5
0.5
LSB
1.2 V
≤ V
DD < 1.6 V
–0.5
0.5
Offset error(2)
LSB
1.6 V
≤ V
DD ≤ 3.6 V
–0.5
0.5
1.2 V
≤ V
DD < 1.6 V
–0.5
0.5
Gain error(3)
LSB
1.6 V
≤ V
DD ≤ 3.6 V
–0.5
0.5
1.2 V
≤ V
DD < 1.6 V
–1
1
Total unadjusted error(4)
LSB
1.6 V
≤ V
DD ≤ 3.6 V
–1
1
SAMPLING DYNAMICS (See Timing Characteristics Section)
tCONVERT
Conversion time
fSCLK = 3.4 MHz, 9 SCLK cycles
2.647
µs
tSAMPLE
Acquisition time
fSCLK = 3.4 MHz, 1.6 V ≤ VDD ≤ 3.6 V
0.64
µs
fSAMPLE
Throughput rate
fSCLK = 3.4 MHz, 1.6 V ≤ VDD ≤ 3.6 V
280
KSPS
Aperture delay
10
ns
Aperture jitter
40
ps
DYNAMIC CHARACTERISTICS
fSAMPLE = 100 KSPS, fIN = 30 kHz, 1.2 V ≤ VDD < 1.6 V
49
Signal-to-noise
SINAD
dB
and distortion
fSAMPLE = 200 KSPS, fIN = 30 kHz, 1.6 V ≤ VDD ≤ 3.6 V
49
49.4
fSAMPLE = 100 KSPS, fIN = 30 kHz, 1.2 V ≤ VDD < 1.6 V
49.4
SNR
Signal-to-noise ratio
dB
fSAMPLE = 200 KSPS, fIN = 30 kHz, 1.6 V ≤ VDD ≤ 3.6 V
49.8
fSAMPLE = 100 KSPS, fIN = 30 kHz, 1.2 V ≤ VDD < 1.6 V
–65
Total harmonic
THD
dB
distortion(5)
fSAMPLE = 200 KSPS, fIN = 30 kHz, 1.6 V ≤ VDD ≤ 3.6 V
–72
-66
fSAMPLE = 100 KSPS, fIN = 30 kHz, 1.2 V ≤ VDD < 1.6 V
67
Spurious free dynamic
SFDR
dB
range
fSAMPLE = 200 KSPS, fIN = 30 kHz, 1.6 V ≤ VDD ≤ 3.6 V
66
67
At 0.1 dB, 1.2 V
≤ V
DD < 1.6 V
2
At 0.1 dB, 1.6 V
≤ V
DD ≤ 3.6 V
4
Full-power bandwidth(6)
MHz
At 3 dB, 1.2 V
≤ V
DD < 1.6 V
3
At 3 dB, 1.6 V
≤ V
DD ≤ 3.6 V
8
ANALOG INPUT
Full-scale input span(7)
VIN – GND
0
VDD
V
CS
Input capacitance
12
pF
Input leakage current
–1
1
µA
DIGITAL INPUT
Logic family, CMOS
1.2 V
≤ V
DD < 1.6 V
0.7
×V
DD
3.6
1.6 V
≤ V
DD < 1.8 V
0.7
×V
DD
3.6
VIH
Input logic high level
V
1.8 V
≤ V
DD < 2.5 V
0.7
×V
DD
3.6
2.5 V
≤ V
DD ≤ 3.6 V
2
3.6
(1)
LSB = Least Significant BIt
(2)
The difference in the first code transition 000...000 to 000...001 from the ideal value of GND + 1 LSB.
(3)
The difference in the last code transition 011...111 to 111...111 from the ideal value of VDD - 1 LSB with the offset error removed.
(4)
The absolute difference from the ideal transfer function of the converter. This specification is similar to INL error except the effects of
offset error and gain error are included.
(5)
The 2nd through 10th harmonics are used to determine THD.
(6)
Input frequency where the amplitude of the digitized signal has decreased by 0.1 dB or 3 dB.
(7)
Ideal input span which does not include gain or offset errors.
7


Similar Part No. - ADS7868IDBVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS7868IDBVR TI-ADS7868IDBVR Datasheet
541Kb / 24P
[Old version datasheet]   1.2-V, 12-/10-/8-BIT, 200-KSPS/100-KSPS, MICRO-POWER, MINIATURE ANALOG-TO-DIGITAL CONVERTER WITH SERIAL INTERFACE
ADS7868IDBVR TI1-ADS7868IDBVR Datasheet
1Mb / 29P
[Old version datasheet]   1.2-V, 12-/10-/8-BIT, 200-KSPS/100-KSPS, MICRO-POWER, MINIATURE ANALOG-TO-DIGITAL CONVERTER WITH SERIAL INTERFACE
ADS7868IDBVRG4 TI-ADS7868IDBVRG4 Datasheet
541Kb / 24P
[Old version datasheet]   1.2-V, 12-/10-/8-BIT, 200-KSPS/100-KSPS, MICRO-POWER, MINIATURE ANALOG-TO-DIGITAL CONVERTER WITH SERIAL INTERFACE
ADS7868IDBVRG4 TI1-ADS7868IDBVRG4 Datasheet
1Mb / 29P
[Old version datasheet]   1.2-V, 12-/10-/8-BIT, 200-KSPS/100-KSPS, MICRO-POWER, MINIATURE ANALOG-TO-DIGITAL CONVERTER WITH SERIAL INTERFACE
More results

Similar Description - ADS7868IDBVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS7866 TI-ADS7866 Datasheet
541Kb / 24P
[Old version datasheet]   1.2-V, 12-/10-/8-BIT, 200-KSPS/100-KSPS, MICRO-POWER, MINIATURE ANALOG-TO-DIGITAL CONVERTER WITH SERIAL INTERFACE
ADS7866 TI1-ADS7866_14 Datasheet
1Mb / 29P
[Old version datasheet]   1.2-V, 12-/10-/8-BIT, 200-KSPS/100-KSPS, MICRO-POWER, MINIATURE ANALOG-TO-DIGITAL CONVERTER WITH SERIAL INTERFACE
ADS8339 TI1-ADS8339 Datasheet
1Mb / 40P
[Old version datasheet]   ADS8339 16-Bit, 250-kSPS, Serial Interface, Micro-Power, Miniature, SAR Analog-to-Digital Converter
ADS8318 TI-ADS8318 Datasheet
1Mb / 28P
[Old version datasheet]   16-BIT, 500-KSPS, SERIAL INTERFACE MICROPOWER, MINIATURE, SAR ANALOG-TO-DIGITAL CONVERTER
ADS8319 TI-ADS8319 Datasheet
1Mb / 30P
[Old version datasheet]   16-BIT, 500-KSPS, SERIAL INTERFACE MICROPOWER, MINIATURE, SAR ANALOG-TO-DIGITAL CONVERTER
ADS8318 TI1-ADS8318_14 Datasheet
1Mb / 35P
[Old version datasheet]   16-BIT, 500-KSPS, SERIAL INTERFACE MICROPOWER, MINIATURE SAR ANALOG-TO-DIGITAL CONVERTER
ADS8319 TI1-ADS8319_14 Datasheet
1Mb / 36P
[Old version datasheet]   16-BIT, 500-KSPS, SERIAL INTERFACE MICROPOWER, MINIATURE, SAR ANALOG-TO-DIGITAL CONVERTER
TLV2556-EP TI-TLV2556-EP Datasheet
709Kb / 37P
[Old version datasheet]   12-BIT 200-KSPS 11-CHANNEL LOW-POWER SERIAL ANALOG-TO-DIGITAL CONVERTER WITH INTERNAL REFERENCE
ADS8508 TI1-ADS8508_14 Datasheet
504Kb / 28P
[Old version datasheet]   12-BIT 250-KSPS SERIAL CMOS SAMPLING ANALOG-TO-DIGITAL CONVERTER
ADS8867 TI1-ADS8867_14 Datasheet
1Mb / 45P
[Old version datasheet]   16-Bit, 100-kSPS, Serial Interface, microPower, Miniature, True-Differential Input, SAR Analog-to-Digital Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com