Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS793475DBVRG4 Datasheet(PDF) 3 Page - Texas Instruments

Part # TPS793475DBVRG4
Description  ULTRALOW-NOISE, HIGH PSRR, FAST RF 200mA LOW-DROPOUT LINEAR
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS793475DBVRG4 Datasheet(HTML) 3 Page - Texas Instruments

  TPS793475DBVRG4 Datasheet HTML 1Page - Texas Instruments TPS793475DBVRG4 Datasheet HTML 2Page - Texas Instruments TPS793475DBVRG4 Datasheet HTML 3Page - Texas Instruments TPS793475DBVRG4 Datasheet HTML 4Page - Texas Instruments TPS793475DBVRG4 Datasheet HTML 5Page - Texas Instruments TPS793475DBVRG4 Datasheet HTML 6Page - Texas Instruments TPS793475DBVRG4 Datasheet HTML 7Page - Texas Instruments TPS793475DBVRG4 Datasheet HTML 8Page - Texas Instruments TPS793475DBVRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
www.ti.com
ELECTRICAL CHARACTERISTICS
TPS793xx
SLVS348K – JULY 2001 – REVISED OCTOBER 2007
Over recommended operating temperature range TJ = –40°C to +125°C, VEN = VIN, VIN = VOUT(nom) + 1V
(1), I
OUT = 1mA,
COUT = 10μF, CNR = 0.01μF (unless otherwise noted). Typical values are at +25°C.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VIN Input voltage
(1)
2.7
5.5
V
IOUT Continuous output current
0
200
mA
VFB Internal reference (TPS79301)
1.201
1.225
1.250
V
Output voltage range (TPS79301)
VFB
5.5 – VDO
V
TPS79318
0
μA < IOUT < 200mA,
2.8V < VIN < 5.5V
1.764
1.8
1.836
V
TPS79325
0
μA < IOUT < 200mA,
3.5V < VIN < 5.5V
2.45
2.5
2.55
V
TPS79328
0
μA < IOUT < 200mA,
3.8V < VIN < 5.5V
2.744
2.8
2.856
V
Output voltage
TPS793285
0
μA < IOUT < 200mA,
3.85V < VIN < 5.5V
2.793
2.85
2.907
V
TPS79330
0
μA < IOUT < 200mA,
4V < VIN < 5.5V
2.94
3
3.06
V
TPS79333
0
μA ≤ IOUT < 200mA,
4.3V < VIN < 5.5V
3.234
3.3
3.366
V
TPS793475
0
μA < IOUT < 200mA,
5.25V < VIN < 5.5V
4.655
4.75
4.845
V
Line regulation (
ΔVOUT%/ΔVIN)
(1)
VOUT + 1V < VIN ≤ 5.5V
0.05
0.12
%/V
Load regulation (
ΔVOUT%/ΔIOUT)
0
μA < IOUT < 200mA,
TJ = +25°C
5
mV
TPS79328
IOUT = 200mA
120
200
TPS793285
IOUT = 200mA
120
200
Dropout voltage(2)
TPS79330
IOUT = 200mA
112
200
mV
(VIN = VOUT(nom) – 0.1V)
TPS79333
IOUT = 200mA
102
180
TPS793475
IOUT = 200mA
77
125
Output current limit
VOUT = 0V
285
600
mA
GND pin current
0
μA < IOUT < 200mA
170
220
μA
Shutdown current(3)
VEN = 0V, 2.7V < VIN < 5.5V
0.07
1
μA
FB pin current
VFB = 1.8V
1
μA
f = 100Hz, TJ = +25°C,
IOUT = 10mA
70
f = 100Hz, TJ = +25°C,
IOUT = 200mA
68
Power-supply ripple rejection
TPS79328
dB
f = 10kHz, TJ = +25°C,
IOUT = 200mA
70
f = 100kHz, TJ = +25°C,
IOUT = 200mA
43
CNR = 0.001μF
55
CNR = 0.0047μF
36
BW = 200Hz to 100kHz,
Output noise voltage (TPS79328)
μVRMS
IOUT = 200mA
CNR = 0.01μF
33
CNR = 0.1μF
32
CNR = 0.001μF
50
Time, start-up (TPS79328)
RL = 14Ω, COUT = 1μF
CNR = 0.0047μF
70
μs
CNR = 0.01μF
100
High level enable input voltage
2.7V < VIN < 5.5V
1.7
VIN
V
Low level enable input voltage
2.7V < VIN < 5.5V
0
0.7
V
EN pin current
VEN = 0V
–1
1
μA
UVLO threshold
VCC rising
2.25
2.65
V
UVLO hysteresis
100
mV
(1)
Minimum VIN is 2.7V or VOUT + VDO, whichever is greater.
(2)
Dropout is not measured for the TPS79318 and TPS79325 since minimum VIN = 2.7V.
(3)
For adjustable versions, this parameter applies only after VIN is applied; then VEN transitions high to low.
Copyright © 2001–2007, Texas Instruments Incorporated
Submit Documentation Feedback
3


Similar Part No. - TPS793475DBVRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS793475DBVRG4 TI-TPS793475DBVRG4 Datasheet
442Kb / 18P
[Old version datasheet]   ULTRALOW-NOISE, HIGH PSRR, FAST RF 200-mA LOW-DROPOUT LINEAR REGULATORS IN NANOSTAR WAFER CHIP SCALE AND SOT23
TPS793475DBVRG4 TI-TPS793475DBVRG4 Datasheet
891Kb / 20P
[Old version datasheet]   ULTRALOW-NOISE, HIGH PSRR, FAST RF 200mA LOW-DROPOUT LINEAR REGULATORS IN NanoStar WAFER CHIP SCALE AND SOT23
TPS793475DBVRG4 TI1-TPS793475DBVRG4 Datasheet
1Mb / 34P
[Old version datasheet]   Low-Noise, High PSRR, RF, 200-mA Low-Dropout Linear Regulators in NanoStar Wafer Chip Scale and SOT-23
TPS793475DBVRG4 TI1-TPS793475DBVRG4 Datasheet
1Mb / 33P
[Old version datasheet]   Low-Noise, High PSRR, RF, 200-mA Low-Dropout Linear Regulators in NanoStar Wafer Chip Scale and SOT-23
TPS793475DBVRG4Q1 TI-TPS793475DBVRG4Q1 Datasheet
879Kb / 21P
[Old version datasheet]   ULTRALOW-NOISE, HIGH-PSRR, FAST RF 200-mA LOW-DROPOUT LINEAR REGULATORS
More results

Similar Description - TPS793475DBVRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS796XX TI-TPS796XX_08 Datasheet
1Mb / 25P
[Old version datasheet]   ULTRALOW-NOISE, HIGH PSRR, FAST, RF, 1A LOW-DROPOUT LINEAR REGULATORS
TPS79118-Q1 TI-TPS79118-Q1 Datasheet
900Kb / 21P
[Old version datasheet]   ULTRALOW NOISE,HIGH PSRR,FAST RF 100MA LOW-DROPOUT LINEAR REGULATORS
TPS796 TI1-TPS796_14 Datasheet
1Mb / 31P
[Old version datasheet]   Ultralow-Noise, High PSRR, Fast, RF, 1A Low-Dropout Linear Regulators
TPS79601DRBR TI1-TPS79601DRBR Datasheet
1Mb / 30P
[Old version datasheet]   Ultralow-Noise, High PSRR, Fast, RF, 1A Low-Dropout Linear Regulators
TPS796XX TI-TPS796XX Datasheet
997Kb / 33P
[Old version datasheet]   ULTRALOW-NOISE, HIGH PSRR, FAST, RF, 1A LOW-DROPOUT LINEAR REGULATORS
TPS79301-Q1 TI-TPS79301-Q1 Datasheet
308Kb / 16P
[Old version datasheet]   ULTRALOW-NOISE HIGH-PSRR FAST-RF 200-mA LOW-DROPOUT LINEAR REGULATORS
TPS79225 TI-TPS79225 Datasheet
134Kb / 13P
[Old version datasheet]   ULTRALOW-NOISE, HIGH PSRR, FAST RF 100-mA LOW-DROPOUT LINEAR REGULATORS
TPS79301-EP TI1-TPS79301-EP_16 Datasheet
931Kb / 21P
[Old version datasheet]   ULTRALOW-NOISE, HIGH-PSRR, FAST RF 200-mA LOW-DROPOUT LINEAR REGULATORS
TPS79601 TI-TPS79601 Datasheet
560Kb / 18P
[Old version datasheet]   ULTRALOW-NOISE, HIGH PSRR, FAST RF 1-A LOW-DROPOUT LINEAR REGULATORS
TPS78601 TI-TPS78601 Datasheet
559Kb / 17P
[Old version datasheet]   ULTRALOW-NOISE, HIGH PSRR, FAST RF 1.5 A LOW-DROPOUT LINEAR REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com