Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRF6621TR1PBF Datasheet(PDF) 5 Page - International Rectifier

Part # IRF6621TR1PBF
Description  DirectFETPower MOSFET 
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF6621TR1PBF Datasheet(HTML) 5 Page - International Rectifier

  IRF6621TR1PBF Datasheet HTML 1Page - International Rectifier IRF6621TR1PBF Datasheet HTML 2Page - International Rectifier IRF6621TR1PBF Datasheet HTML 3Page - International Rectifier IRF6621TR1PBF Datasheet HTML 4Page - International Rectifier IRF6621TR1PBF Datasheet HTML 5Page - International Rectifier IRF6621TR1PBF Datasheet HTML 6Page - International Rectifier IRF6621TR1PBF Datasheet HTML 7Page - International Rectifier IRF6621TR1PBF Datasheet HTML 8Page - International Rectifier IRF6621TR1PBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
IRF6621PbF
www.irf.com
5
Fig 13. Typical Threshold Voltage vs. Junction
Temperature
Fig 12. Maximum Drain Current vs. Case Temperature
Fig 10. Typical Source-Drain Diode Forward Voltage
Fig11. Maximum Safe Operating Area
Fig 14. Maximum Avalanche Energy Vs. Drain Current
0.4
0.6
0.8
1.0
1.2
1.4
VSD, Source-to-Drain Voltage (V)
1
10
100
1000
VGS = 0V
TJ = 150°C
TJ = 25°C
TJ = -40°C
25
50
75
100
125
150
Starting TJ, Junction Temperature (°C)
0
10
20
30
40
50
60
I D
TOP
3.0A
4.3A
BOTTOM
9.6A
0.1
1.0
10.0
100.0
VDS, Drain-to-Source Voltage (V)
0.01
0.1
1
10
100
1000
TA = 25°C
Tj = 150°C
Single Pulse
1msec
10msec
OPERATION IN THIS AREA
LIMITED BY RDS(on)
100µsec
25
50
75
100
125
150
TC, Case Temperature (°C)
0
10
20
30
40
50
60
-75
-50
-25
0
25
50
75
100 125 150
TJ, Junction Temperature ( °C )
1.0
1.5
2.0
2.5
ID = 250µA


Similar Part No. - IRF6621TR1PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF6621TRPBF IRF-IRF6621TRPBF Datasheet
266Kb / 10P
   Ideal for CPU Core DC-DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com