Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCPL-2400-360E Datasheet(PDF) 8 Page - AVAGO TECHNOLOGIES LIMITED

Part # HCPL-2400-360E
Description  20 MBd High CMR Logic Gate Optocouplers
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HCPL-2400-360E Datasheet(HTML) 8 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HCPL-2400-360E Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HCPL-2400-360E Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HCPL-2400-360E Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HCPL-2400-360E Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HCPL-2400-360E Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HCPL-2400-360E Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HCPL-2400-360E Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED HCPL-2400-360E Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED HCPL-2400-360E Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
8
Electrical Specifications
0°C ≤T
A ≤70°C, 4.75 V ≤VCC ≤5.25 V, 4 mA ≤IF(ON) ≤8 mA, 0 V ≤VF(OFF) ≤0.8 V. All typicals at TA = 25°C, VCC = 5 V, IF(ON) = 6.0
mA, V
F(OFF) = 0 V, except where noted. See Note 11.
Device
Parameter
Symbol
HCPL-
Min.
Typ.*
Max.
Units
Test Conditions
Fig.
Note
Logic Low Output Voltage
V
OL
0.5
V
I
OL = 8.0 mA (5 TTL Loads)
1
Logic High Output
V
OH
2.4
V
I
OH = -4.0 mA
2
Voltage
2.7
I
OH = -0.4 mA
Output Leakage Current
I
OHH
100
µA
V
O = 5.25 V, VF = 0.8 V
Logic High Enable Current
V
EH
2400
2.0
V
Logic Low Enable Voltage
V
EL
2400
0.8
V
Logic High Enable
I
EH
2400
20
µA
V
E = 2.4 V
100
V
E = 5.25 V
Logic Low Enable Current
I
EL
2400
-0.28
-0.4
mA
V
E = 0.4 V
Logic Low Supply Current
I
CCL
2400
19
26
mA
V
CC = 5.25 V, VE = 0 V,
I
O = Open
2430
34
46
V
CC = 5.25 V, IO = Open
Logic High Supply
I
CCH
2400
17
26
mA
V
CC = 5.25 V, VE = 0 V,
Current
I
O = Open
2430
32
42
V
CC = 5.25 V, IO = Open
High Impedance State
I
CCZ
2400
22
28
mA
V
CC = 5.25 V, VE = 5.25 V
Supply Current
High Impedance State
I
OZL
2400
20
µA
V
O = 0.4 V
V
E = 2 V
I
OZH
20
µA
V
O = 2.4 V
I
OZH
100
µA
V
O = 5.25 V
Logic Low Short Circuit
I
OSL
52
mA
V
O = VCC = 5.25 V,
2
Output Current
I
F = 8 mA
Logic High Short Circuit
I
OSH
-45
mA
V
CC = 5.25 V, IF = 0 mA,
2
Output Current
V
O = GND
Input Current Hysteresis
I
HYS
0.25
mA
V
CC = 5 V
3
Input Forward Voltage
V
F
1.1
1.3
1.5
T
A = 25°C
I
F = 8 mA
1.0
1.55
4
Input Reverse Breakdown
BV
R
3.0
5.0
V
T
A = 25°C
I
R = 10 µA
2.0
Temperature
∆V
F
-1.44
mV/°C I
F = 6 mA
4
Coefficient of
Forward Voltage
Input Capacitance
C
IN
20
pF
f = 1 MHz, V
F = 0 V
*All typical values at T
A = 25°C and VCC = 5 V, unless otherwise noted.
Current
Voltage
∆T
A
Output Current


Similar Part No. - HCPL-2400-360E

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HCPL-2400 HP-HCPL-2400 Datasheet
285Kb / 14P
   20 MBd High CMR Logic Gate Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-2400 AVAGO-HCPL-2400 Datasheet
377Kb / 15P
   20 MBd High CMR Logic Gate Optocouplers
logo
Broadcom Corporation.
HCPL-2400 BOARDCOM-HCPL-2400 Datasheet
54Kb / 3P
   Option 060 for Plastic Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-2400 AVAGO-HCPL-2400 Datasheet
377Kb / 15P
   20 MBd High CMR Logic Gate Optocouplers
More results

Similar Description - HCPL-2400-360E

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-2400 AVAGO-HCPL-2400 Datasheet
377Kb / 15P
   20 MBd High CMR Logic Gate Optocouplers
HCPL-2430-300 AVAGO-HCPL-2430-300 Datasheet
377Kb / 15P
   20 MBd High CMR Logic Gate Optocouplers
logo
Agilent(Hewlett-Packard...
HCPL-2400 HP-HCPL-2400 Datasheet
285Kb / 14P
   20 MBd High CMR Logic Gate Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCNW2211-500E AVAGO-HCNW2211-500E Datasheet
389Kb / 18P
   Very High CMR, Wide VCC Logic Gate Optocouplers
HCPL-2211-300 AVAGO-HCPL-2211-300 Datasheet
389Kb / 18P
   Very High CMR, Wide VCC Logic Gate Optocouplers
logo
Agilent(Hewlett-Packard...
HCPL-2201 HP-HCPL-2201 Datasheet
239Kb / 15P
   Very High CMR, Wide VCC Logic Gate Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-0201-000E AVAGO-HCPL-0201-000E Datasheet
321Kb / 18P
   Very High CMR, Wide VCC Logic Gate Optocouplers
HCPL-2201-560E AVAGO-HCPL-2201-560E Datasheet
389Kb / 18P
   Very High CMR, Wide VCC Logic Gate Optocouplers
HCPL-2231-300E AVAGO-HCPL-2231-300E Datasheet
389Kb / 18P
   Very High CMR, Wide VCC Logic Gate Optocouplers
logo
Agilent(Hewlett-Packard...
HCPL2201 HP-HCPL2201 Datasheet
260Kb / 16P
   Very High CMR, Wide VCC Logic Gate Optocouplers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com