Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N3891 Datasheet(PDF) 1 Page - Microsemi Corporation

Part # 1N3891
Description  FAST RECOVERY RECTIFIERS Qualified per MIL-PRF-19500/304
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

1N3891 Datasheet(HTML) 1 Page - Microsemi Corporation

  1N3891 Datasheet HTML 1Page - Microsemi Corporation 1N3891 Datasheet HTML 2Page - Microsemi Corporation 1N3891 Datasheet HTML 3Page - Microsemi Corporation 1N3891 Datasheet HTML 4Page - Microsemi Corporation 1N3891 Datasheet HTML 5Page - Microsemi Corporation 1N3891 Datasheet HTML 6Page - Microsemi Corporation 1N3891 Datasheet HTML 7Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
T4-LDS-0143, Rev. 2 (120861)
©2012 Microsemi Corporation
Page 1 of 7
1N3889 – 1N3891, 1N3893
Available on
commercial
versions
FAST RECOVERY RECTIFIERS
Qualified per MIL-PRF-19500/304*
Qualified Levels*:
JAN, JANTX, and
JANTXV
DESCRIPTION
This 1N3889 – 1N3891 and 1N3893 family of rectifier devices are suitable for applications in
DC power supplies, inverters, converters, choppers and ultrasonic systems as well as other
applications. It can also be used as a free-wheeling diode. They are military qualified up to a
JANTXV level on select part numbers and they are available in both standard and reverse
polarities. Microsemi also offers numerous other products to meet higher and lower power
voltage regulation applications.
DO-203AA (DO-4)
Package
Important: For the latest information, visit our website http://www.microsemi.com.
FEATURES
Very low forward voltage.
Fast recovery time.
Low thermal resistance.
Both polarities available.
JAN, JANTX, and JANTXV qualifications also available per MIL-PRF-19500/304.
*(Excludes part number 1N3889.)
RoHS compliant devices available by adding “e3” suffix.
APPLICATIONS / BENEFITS
Available in 12 or 20 amp current ratings.
Short reverse recovery time.
High surge capability.
Hermetically sealed.
MAXIMUM RATINGS @ TC = 25 ºC unless otherwise noted
MSC – Lawrence
6 Lake Street,
Lawrence, MA 01841
Tel: 1-800-446-1158
(978) 620-2600
Fax: (978) 689-0803
MSC – Ireland
Gort Road Business Park,
Ennis, Co. Clare, Ireland
Tel: +353 (0) 65 6840044
Fax: +353 (0) 65 6822298
Website:
www.microsemi.com
Parameters/Test Conditions
Symbol
Value
Unit
Junction and Storage Temperature
TJ & TSTG
-65 to +175
oC
Thermal Resistance Junction-to-Case
non “A”
“A”
RӨJC
2.0
1.5
oC/W
Reverse Voltage
1N3890 A/R/AR
1N3891 A/R/AR
1N3893 A/R/AR
VR
100
200
400
V
Working Peak Reverse Voltage
1N3889 A/R/AR
1N3890 A/R/AR
1N3891 A/R/AR
1N3893 A/R/AR
VRWM
50
100
200
400
V (pk)
Repetitive Peak Reverse Voltage
1N3889 A/R/AR
1N3890 A/R/AR
1N3891 A/R/AR
1N3893 A/R/AR
VRRM
50
100
200
400
V
Average Forward Current, 180 degrees conduction
angle, 60 Hz, half sine wave
non “A”
@ TC = 100 ºC
“A”
IO
12
20
A
Maximum Non-Repetitive Sinusoidal Surge Current
@ TC = 100 ºC (8.3 ms, half sine)
non “A”
“A”
IFSM
175
250
A (pk)
NOTES: 1. Derate linearly 2 % of IO /ºC for TC > 100 ºC, see Figure 5.


Similar Part No. - 1N3891

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
1N3891 MICROSEMI-1N3891 Datasheet
111Kb / 2P
   Fast Recovery Rectifier
logo
GeneSiC Semiconductor, ...
1N3891 GENESIC-1N3891 Datasheet
706Kb / 3P
   Silicon Fast Recovery Diode
logo
International Rectifier
1N3891 IRF-1N3891 Datasheet
315Kb / 8P
   6A, 12A AND 16A FAST RECOVERY RECTIFIERS
logo
Vishay Siliconix
1N3891 VISHAY-1N3891 Datasheet
140Kb / 9P
   Fast Recovery Diodes (Stud Version), 6 A, 12 A
Revision: 28-May-15
1N3891 VISHAY-1N3891 Datasheet
2Mb / 11P
   Fast Recovery Diodes(Stud Version)
Revision: 26-Sep-08
More results

Similar Description - 1N3891

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
JAN2N6766 MICROSEMI-JAN2N6766 Datasheet
1,006Kb / 9P
   N-CHANNEL MOSFET Qualified per MIL-PRF-19500/543
JAN2N6802 MICROSEMI-JAN2N6802 Datasheet
1Mb / 9P
   N-CHANNEL MOSFET Qualified per MIL-PRF-19500/557
JAN2N6788 MICROSEMI-JAN2N6788 Datasheet
677Kb / 7P
   N-CHANNEL MOSFET Qualified per MIL-PRF-19500/555
1N5712-1JANTX MICROSEMI-1N5712-1JANTX Datasheet
459Kb / 7P
   Schottky Barrier Diode Qualified per MIL-PRF-19500/444
2N6768T1 MICROSEMI-2N6768T1 Datasheet
1,001Kb / 9P
   N-CHANNEL MOSFET Qualified per MIL-PRF-19500/543
2N7228JANTX MICROSEMI-2N7228JANTX Datasheet
950Kb / 9P
   N-CHANNEL MOSFET Qualified per MIL-PRF-19500/592
1N2982BJAN MICROSEMI-1N2982BJAN Datasheet
482Kb / 8P
   10 Watt Zener Diodes Qualified per MIL-PRF-19500/124
2N4091 MICROSEMI-2N4091 Datasheet
50Kb / 2P
   N-CHANNEL J-FET Qualified per MIL-PRF-19500/431
JANS2N2222A MICROSEMI-JANS2N2222A Datasheet
142Kb / 6P
   NPN SILICON SWITCHING TRANSISTOR Qualified per MIL-PRF-19500/255
JANTX2N3902 MICROSEMI-JANTX2N3902 Datasheet
60Kb / 2P
   NPN HIGH POWER SILICON TRANSISTOR Qualified per MIL-PRF-19500/371
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com