Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

K2502E70RP Datasheet(PDF) 4 Page - Littelfuse

Part # K2502E70RP
Description  Teccor짰 brand Thyristors Standard Bidirectional SIDACs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

K2502E70RP Datasheet(HTML) 4 Page - Littelfuse

  K2502E70RP Datasheet HTML 1Page - Littelfuse K2502E70RP Datasheet HTML 2Page - Littelfuse K2502E70RP Datasheet HTML 3Page - Littelfuse K2502E70RP Datasheet HTML 4Page - Littelfuse K2502E70RP Datasheet HTML 5Page - Littelfuse K2502E70RP Datasheet HTML 6Page - Littelfuse K2502E70RP Datasheet HTML 7Page - Littelfuse K2502E70RP Datasheet HTML 8Page - Littelfuse K2502E70RP Datasheet HTML 9Page - Littelfuse Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
Revised: December 9, 2011 01:32 PM
©2011 Littelfuse, Inc
Teccor® brand Thyristors
Specifications are subject to change without notice.
Please refer to http://www.littelfuse.com for current information.
Standard Bidirectional SIDACs
Kxxxzy Series
Figure 7: Normalized DC Holding Current
vs. Junction Temperature
0.0
0.5
1.0
1.5
2.0
-40
-1510356085110
Junction Temperature (T
J) -- °C
125
80
90
100
110
120
130
0.0
0.2
0.4
0.6
0.8
1.01.2
CURRENT WAVEFORM: Sinusoidal - 60Hz
LOAD: Resistive or Inductive
Kxxx0G
Kxxx0S
Kxxx0E
Kxxx2G
RMS On-State Current [I
T(RMS)] - Amps
Figure 8: Maximum Allowable Case Temperature
vs. RMS On-State Current
20
40
60
80
100
120
140
0.0
0.2
0.4
0.6
0.8
1.0
CURRENT WAVEFORM: Sinusoidal - 60Hz
LOAD: Resistive or Inductive
FREE AIR RATING
Kxxx0G
Kxxx0S
Kxxx0E
Kxxx2G
RMS On-State Current [I
T(RMS)] - Amps
25
Figure 9: Maximum Allowable Ambient Temperature vs.
RMS On-State Current
1
10
20
30
40
50
60
70
80
90
100110
120
130
Junction Temperature (T
J) -- °C
Figure 10: Normalized Repetitive Peak Breakover
Current (I
BO) vs. Junction Temperature
100-250 V ac
60 Hz
Scope
Push to test
S1
Switch to test
in each direction
100 Ω
1%
Device
Under
Test
S1
Scope Indication
Trace Stops
IH
IPK
Figure 11: Dynamic Holding Current Test Circuit for
SIDACs
Figure 12: Basic SIDAC Circuit
Load
100-250 Vac
60 Hz
IH
VBO
120-145
˚
Conduction
Angle
IH
IH
Load Current
VBO
VBO


Similar Part No. - K2502E70RP

ManufacturerPart #DatasheetDescription
logo
Littelfuse
K2502Y LITTELFUSE-K2502Y Datasheet
382Kb / 12P
   SIDACs feature glass-passivated junctions to ensure a rugged and dependable
K2502Y LITTELFUSE-K2502Y Datasheet
431Kb / 12P
   Teccor짰 brand Thyristors Standard Bidirectional SIDACs
More results

Similar Description - K2502E70RP

ManufacturerPart #DatasheetDescription
logo
Littelfuse
K1050SRP LITTELFUSE-K1050SRP Datasheet
431Kb / 12P
   Teccor짰 brand Thyristors Standard Bidirectional SIDACs
K2000GH LITTELFUSE-K2000GH Datasheet
247Kb / 10P
   Teccor짰 brand Thyristors High Energy Bidirectional SIDACs
HT34B LITTELFUSE-HT34B Datasheet
261Kb / 8P
   Teccor짰 brand Thyristors Standard Bidirectional DIAC Trigger
K2201GRP LITTELFUSE-K2201GRP Datasheet
225Kb / 6P
   Teccor짰 brand Thyristors
S6S1RP LITTELFUSE-S6S1RP Datasheet
293Kb / 10P
   Teccor짰 brand Thyristors
P1100G_LRP LITTELFUSE-P1100G_LRP Datasheet
406Kb / 4P
   Teccor짰 brand Protection Thyristors
K2201G LITTELFUSE-K2201G Datasheet
224Kb / 6P
   Teccor brand Thyristors Multipulse SIDACs
L4X3RP LITTELFUSE-L4X3RP Datasheet
385Kb / 10P
   Teccor짰 brand Thyristors 0.8 Amp Sensitive & Standard Triacs
S8012DRP LITTELFUSE-S8012DRP Datasheet
351Kb / 8P
   Teccor짰 brand Thyristors 12 Amp Standard SCRs
Q6X3RP LITTELFUSE-Q6X3RP Datasheet
836Kb / 9P
   Teccor짰 brand Thyristors 1 Amp Sensitive & Standard Triacs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com