Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AK481024G Datasheet(PDF) 2 Page - ACCUTEK MICROCIRCUIT CORPORATION

Part # AK481024G
Description  Dynamic Random Access Memory
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACCUTEK [ACCUTEK MICROCIRCUIT CORPORATION]
Direct Link  
Logo ACCUTEK - ACCUTEK MICROCIRCUIT CORPORATION

AK481024G Datasheet(HTML) 2 Page - ACCUTEK MICROCIRCUIT CORPORATION

  AK481024G Datasheet HTML 1Page - ACCUTEK MICROCIRCUIT CORPORATION AK481024G Datasheet HTML 2Page - ACCUTEK MICROCIRCUIT CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ORDERING INFORMATION
PART NUMBER CODING INTERPRETATION
Position
12345678
1
Product
AK
= Accutek Memory
2
Type
4 = Dynamic RAM
5 = CMOS Dynamic RAM
6 = Static RAM
3
Organization/Word Width
1 = by 1
16 = by 16
4 = by 4
32 = by 32
8 = by 8
36 = by 36
9 = by 9
4
Size/Bits Depth
64
= 64K
4096 =
4 MEG
256 = 256K
8192 =
8 MEG
1024 = 1 MEG
16384 =
16 MEG
5
Package Type
G = Single In-Line Package (SIP)
S = Single In-Line Module (SIM)
D = Dual In-Line Package (DIP)
W = .050 inch Pitch Edge Connect
Z = Zig-Zag In-Line Package (ZIP)
6
Special Designation
P = Page Mode
N = Nibble Mode
K = Static Column Mode
W = Write Per Bit Mode
V = Video Ram
7
Separator
- = Commercial 0
0Cto+700C
M = Military Equivalent Screened
(-55
0C to +1250C)
I = Industrial Temperature Tested
(-45
0Cto+850C)
X = Burned In
8
Speed (first two significant digits)
DRAMS
SRAMS
50 = 50 nS
8 =
8 nS
60 = 60 nS
10 =
10 nS
70 = 70 nS
12 =
12 nS
80 = 80 nS
15 =
15 nS
0.100
TYP
ACCUTEK
MICROCIRCUIT CORPORATION
5 NEW PASTURE ROAD
NEWBURYPORT, MA 01950-4040
PHONE: 978-465-6200
FAX: 978-462-3396
Email:
sales@accutekmicro.com
Internet: www.accutekmicro.com
Accutek reserves the right to make changes in specifications at any
time and without notice. Accutek does not assume any responsibil-
ity for the use of any circuitry described; no circuit patent licenses
are implied. Preliminary data sheets contain minimum and maxi-
mum limits based upon design objectives, which are subject to
change upon full characterization over the specific operating condi-
tions.
MECHANICAL DIMENSIONS
Inches
The numbers and coding on this page do not include all variations avail-
able but are show as examples of the most widely used variations.
Contact Accutek if other information is required.
EXAMPLES:
AK481024SP-80
1 Meg x 8, 80 nSEC DRAM 30 pin SIM Configuration, Page Mode
AK481024GN-70
1 Meg x 8, 70 nSEC Dram 30 pin SIP Configuration, Nibble Mode


Similar Part No. - AK481024G

ManufacturerPart #DatasheetDescription
logo
ACCUTEK MICROCIRCUIT CO...
AK481024G ACCUTEK-AK481024G Datasheet
113Kb / 2P
   262,144 X 8 Bit MOS Dynamic Random Access Memory
AK481024G ACCUTEK-AK481024G Datasheet
84Kb / 2P
   1,048,576 x 8 Bit CMOS Dynamic Random Access Memory
AK481024G ACCUTEK-AK481024G Datasheet
89Kb / 2P
   16,384 x 32 Bit CMOS / BiCMOS Static Random Access Memory
AK481024G ACCUTEK-AK481024G Datasheet
82Kb / 2P
   32,768 x 32 Bit CMOS/BiCMOS Static Random Access Memory
AK481024G ACCUTEK-AK481024G Datasheet
89Kb / 2P
   32,768 x 32 Bit CMOS / BiCMOS Static Random Access Memory
More results

Similar Description - AK481024G

ManufacturerPart #DatasheetDescription
logo
ACCUTEK MICROCIRCUIT CO...
AK594096BS ACCUTEK-AK594096BS_09 Datasheet
76Kb / 2P
   Dynamic Random Access Memory
AK5321024BW ACCUTEK-AK5321024BW_09 Datasheet
66Kb / 2P
   Dynamic Random Access Memory
AK49256S ACCUTEK-AK49256S_09 Datasheet
107Kb / 2P
   Dynamic Random Access Memory
AK5361024BW ACCUTEK-AK5361024BW_09 Datasheet
65Kb / 2P
   Dynamic Random Access Memory
AK581024AG ACCUTEK-AK581024AG_09 Datasheet
78Kb / 2P
   Dynamic Random Access Memory
AK5816384S ACCUTEK-AK5816384S_09 Datasheet
0Kb / 2P
   Dynamic Random Access Memory
AK532256AW ACCUTEK-AK532256AW_09 Datasheet
62Kb / 2P
   Dynamic Random Access Memory
AK532256W ACCUTEK-AK532256W_09 Datasheet
67Kb / 2P
   Dynamic Random Access Memory
AK5322048BW ACCUTEK-AK5322048BW_09 Datasheet
72Kb / 2P
   Dynamic Random Access Memory
AK5324096W ACCUTEK-AK5324096W_09 Datasheet
72Kb / 2P
   Dynamic Random Access Memory
AK5362048BW ACCUTEK-AK5362048BW_09 Datasheet
83Kb / 2P
   Dynamic Random Access Memory
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com