Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS2212 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TPS2212
Description  SINGLE-SLOT, PARALLEL INTERFACE POWER SWITCH
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS2212 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPS2212 Datasheet HTML 7Page - Texas Instruments TPS2212 Datasheet HTML 8Page - Texas Instruments TPS2212 Datasheet HTML 9Page - Texas Instruments TPS2212 Datasheet HTML 10Page - Texas Instruments TPS2212 Datasheet HTML 11Page - Texas Instruments TPS2212 Datasheet HTML 12Page - Texas Instruments TPS2212 Datasheet HTML 13Page - Texas Instruments TPS2212 Datasheet HTML 14Page - Texas Instruments TPS2212 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
TPS2212
SINGLE-SLOT, PARALLEL INTERFACE POWER SWITCH
FOR LOW POWER PC CARD SLOTS
SLVS193A – APRIL 1999 – REVISED JANUARY 2001
11
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 18
1100
800
700
600
–50
–25
0
25
50
1200
12-V VPP SWITCH
STATIC DRAIN-SOURCE ON-STATE RESISTANCE
vs
JUNCTION TEMPERATURE
75
100
125
900
TJ – Junction Temperature – °C
VI(5V) = 5 V
VI(VPP) = 12 V
1000
Figure 19
125
°C
25
°C
4.97
4.96
4.95
4.94
0
0.05
0.1
0.15
4.98
4.99
5-V VCC SWITCH
OUTPUT VOLTAGE
vs
OUTPUT CURRENT
5
0.2
0.25
IO(VCC) – Output Current – A
–40
°C
85
°C
Figure 20
–40
°C
125
°C
85
°C
25
°C
3.27
3.26
3.25
0
0.05
0.1
0.15
3.28
3.29
3.3-V VCC SWITCH
OUTPUT VOLTAGE
vs
OUTPUT CURRENT
3.3
0.2
0.25
IO(VCC) – Output Current – A
Figure 21
–40
°C
125
°C
25
°C
85
°C
11.96
11.94
11.86
11.84
0
0.03
0.06
0.09
11.98
12-V VPP SWITCH
OUTPUT VOLTAGE
vs
OUTPUT CURRENT
12
0.12
IO(VPP) – Output Current – A
11.92
11.9
11.88


Similar Part No. - TPS2212

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2212 TI-TPS2212 Datasheet
296Kb / 20P
[Old version datasheet]   SINGLE-SLOT, PARALLEL INTERFACE POWER SWITCH FOR LOW POWER PC CARD SLOTS
TPS2212DB TI-TPS2212DB Datasheet
296Kb / 20P
[Old version datasheet]   SINGLE-SLOT, PARALLEL INTERFACE POWER SWITCH FOR LOW POWER PC CARD SLOTS
TPS2212IDB TI-TPS2212IDB Datasheet
506Kb / 23P
[Old version datasheet]   SINGLE-SLOT, PARALLEL INTERFACE POWER SWITCH FOR LOW POWER PC CARD SLOTS
TPS2212IDB TI1-TPS2212IDB Datasheet
506Kb / 23P
[Old version datasheet]   SINGLE-SLOT, PARALLEL INTERFACE POWER SWITCH FOR LOW POWER PC CARD SLOTS
TPS2212IDB TI1-TPS2212IDB Datasheet
484Kb / 23P
[Old version datasheet]   SINGLE-SLOT, PARALLEL INTERFACE POWER SWITCH FOR LOW POWER PC CARD SLOTS
More results

Similar Description - TPS2212

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2212IDBR TI1-TPS2212IDBR Datasheet
484Kb / 23P
[Old version datasheet]   SINGLE-SLOT, PARALLEL INTERFACE POWER SWITCH FOR LOW POWER PC CARD SLOTS
TPS2212IDB TI-TPS2212IDB Datasheet
506Kb / 23P
[Old version datasheet]   SINGLE-SLOT, PARALLEL INTERFACE POWER SWITCH FOR LOW POWER PC CARD SLOTS
TPS2212IDB TI1-TPS2212IDB Datasheet
506Kb / 23P
[Old version datasheet]   SINGLE-SLOT, PARALLEL INTERFACE POWER SWITCH FOR LOW POWER PC CARD SLOTS
TPS2211 TI-TPS2211 Datasheet
323Kb / 22P
[Old version datasheet]   SINGLE-SLOT PC CARD POWER INTERFACE SWITCH FOR PARALLEL PCMCIA CONTROLLERS
TPS2211A TI-TPS2211A Datasheet
454Kb / 19P
[Old version datasheet]   SINGLE-SLOT PC CARD POWER INTERFACE SWITCH FOR PARALLEL PCMCIA CONTROLLERS
TPS2212 TI-TPS2212 Datasheet
296Kb / 20P
[Old version datasheet]   SINGLE-SLOT, PARALLEL INTERFACE POWER SWITCH FOR LOW POWER PC CARD SLOTS
TPS2211A TI1-TPS2211A_16 Datasheet
879Kb / 28P
[Old version datasheet]   SINGLE-SLOT PC CARD POWER INTERFACE SWITCH FOR PARALLEL PCMCIA CONTROLLERS
TPS2211 TI1-TPS2211_12 Datasheet
661Kb / 23P
[Old version datasheet]   SINGLE-SLOT PC CARD POWER INTERFACE SWITCH FOR PARALLEL PCMCIA CONTROLLERS
TPS2205 TI-TPS2205 Datasheet
463Kb / 28P
[Old version datasheet]   DUAL-SLOT PC CARD POWER-INTERFACE SWITCH FOR PARALLEL PCMCIA CONTROLLERS
TPS2205 TI1-TPS2205_13 Datasheet
1Mb / 33P
[Old version datasheet]   DUAL-SLOT PC CARD POWER-INTERFACE SWITCH FOR PARALLEL PCMCIA CONTROLLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com