Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS2420RSAT Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TPS2420RSAT
Description  3-V to 20-V INTEGRATED FET HOT SWAP CONTROLLER
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS2420RSAT Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS2420RSAT Datasheet HTML 6Page - Texas Instruments TPS2420RSAT Datasheet HTML 7Page - Texas Instruments TPS2420RSAT Datasheet HTML 8Page - Texas Instruments TPS2420RSAT Datasheet HTML 9Page - Texas Instruments TPS2420RSAT Datasheet HTML 10Page - Texas Instruments TPS2420RSAT Datasheet HTML 11Page - Texas Instruments TPS2420RSAT Datasheet HTML 12Page - Texas Instruments TPS2420RSAT Datasheet HTML 13Page - Texas Instruments TPS2420RSAT Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 29 page
background image
1.30
1.35
1.50
1.45
1.40
T
J Junction Temperature – °C
–50
0
100
150
50
–34.0
–33.6
–32.8
–32.4
–32.0
–33.8
–33.2
–33.4
–33.0
–32.6
–32.2
T
J Junction Temperature – °C
–50
0
100
150
50
I
LOAD = 2 A
TPS2420
SLUS903E – JANUARY 2009 – REVISED MAY 2013
www.ti.com
TYPICAL CHARACTERISTICS (continued)
OUTPUT CURRENT
FAULT TIMER THRESHOLD VOLTAGE
vs
vs
JUNCTION TEMPERATURE
JUNCTION TEMPERATURE
Figure 5.
Figure 6.
10
Submit Documentation Feedback
Copyright © 2009–2013, Texas Instruments Incorporated
Product Folder Links: TPS2420


Similar Part No. - TPS2420RSAT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2420 TI1-TPS2420 Datasheet
1Mb / 29P
[Old version datasheet]   3-V to 20-V INTEGRATED FET HOT SWAP CONTROLLER
More results

Similar Description - TPS2420RSAT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2420 TI1-TPS2420 Datasheet
1Mb / 29P
[Old version datasheet]   3-V to 20-V INTEGRATED FET HOT SWAP CONTROLLER
TPS2421-1 TI-TPS2421-1 Datasheet
1Mb / 22P
[Old version datasheet]   3-V to 20-V Integrated FET Hot Swap
TPS2421-1 TI1-TPS2421-1_16 Datasheet
1Mb / 31P
[Old version datasheet]   5-A, 20-V Integrated FET Hot Swap
logo
Analog Devices
ADM1070 AD-ADM1070 Datasheet
367Kb / 16P
   -48 V Hot Swap Controller
REV. 0
ADM1070 AD-ADM1070_15 Datasheet
341Kb / 16P
   48 V Hot Swap Controller
REV. 0
logo
Texas Instruments
UCC2919PW TI1-UCC2919PW Datasheet
825Kb / 27P
[Old version datasheet]   3-V TO 8-V HOT SWAP POWER MANAGER
TPS2391DGKR TI-TPS2391DGKR Datasheet
653Kb / 21P
[Old version datasheet]   SIMPLE -48-V HOT SWAP CONTROLLER
TPS2390 TI-TPS2390 Datasheet
283Kb / 16P
[Old version datasheet]   SIMPLE-48-V HOT SWAP CONTROLLER
TPS24700 TI1-TPS24700 Datasheet
1Mb / 29P
[Old version datasheet]   2.5-V to 18-V High-Efficiency Hot-Swap Controller
logo
Linear Technology
LTC4219 LINER-LTC4219 Datasheet
203Kb / 16P
   5A Integrated Hot Swap Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com