Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS2375DR Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TPS2375DR
Description  IEEE 802.3af PoE POWERED DEVICE CONTROLLERS
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS2375DR Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPS2375DR Datasheet HTML 4Page - Texas Instruments TPS2375DR Datasheet HTML 5Page - Texas Instruments TPS2375DR Datasheet HTML 6Page - Texas Instruments TPS2375DR Datasheet HTML 7Page - Texas Instruments TPS2375DR Datasheet HTML 8Page - Texas Instruments TPS2375DR Datasheet HTML 9Page - Texas Instruments TPS2375DR Datasheet HTML 10Page - Texas Instruments TPS2375DR Datasheet HTML 11Page - Texas Instruments TPS2375DR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 25 page
background image
TYPICAL CHARACTERISTICS
11.0
11.1
11.2
11.3
−40 −20
0
20
40
60
80
100 120
TA − Free-Air Temperature − °C
0
1
2
3
4
5
6
0
1
2
3
4
5
6
7
8
9
10 11
TA = 125°C
TA = 25°C
TA = −40°C
V(VDD) − V
10
15
20
25
30
35
1
3
5
7
9
11
Specification Limits
V(PI) − V
21.90
21.91
21.92
21.93
21.94
−40 −20
0
20
40
60
80
100
120
TA − Free-Air Temperature − °C
0.100
0.150
0.200
0.250
0.300
0.350
22
27
32
37
42
47
52
57
VDD − V
TA = 125°C
TA = 25°C
TA = −40°C
0.4
0.5
0.6
0.7
0.8
0.9
−40 −20
0
20
40
60
80
100 120
TA − Free-Air Temperature − °C
39.2
39.3
39.4
39.5
−40 −20
0
20
40
60
80
100 120
TA − Free-Air Temperature − °C
2.484
2.485
2.486
2.487
2.488
2.489
−40 −20
0
20
40
60
80
100 120
TA − Free-Air Temperature − °C
30.40
30.44
30.48
30.52
30.56
30.60
−40 −20
0
20
40
60
80
100 120
TA − Free-Air Temperature − °C
data sheet
TPS2375
TPS2376
TPS2377
SLVS525B – APRIL 2004 – REVISED APRIL 2008............................................................................................................................................................ www.ti.com
Graphs over temperature are interpolations between the marked data points.
CLASSIFICATION TURNON
PD DETECTION RESISTANCE
VOLTAGE
vs
vs
I(VDD) + I(RTN) IN DETECTION
V(PI)
TEMPERATURE
Figure 2.
Figure 3.
Figure 4.
CLASSIFICATION TURNOFF
PASS DEVICE
VOLTAGE
I(VDD) CURRENT
RESISTANCE
vs
vs
vs
TEMPERATURE
VDD
TEMPERATURE
Figure 5.
Figure 6.
Figure 7.
TPS2375
TPS2375
TPS2376
UVLO RISING
UVLO FALLING
UVLO RISING
vs
vs
vs
TEMPERATURE
TEMPERATURE
TEMPERATURE
Figure 8.
Figure 9.
Figure 10.
8
Submit Documentation Feedback
Copyright © 2004–2008, Texas Instruments Incorporated
Product Folder Link(s): TPS2375 TPS2376 TPS2377


Similar Part No. - TPS2375DR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2375DR TI-TPS2375DR Datasheet
959Kb / 25P
[Old version datasheet]   IEEE 802.3af PoE POWERED DEVICE CONTROLLERS
More results

Similar Description - TPS2375DR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2375DR TI-TPS2375DR Datasheet
959Kb / 25P
[Old version datasheet]   IEEE 802.3af PoE POWERED DEVICE CONTROLLERS
TPS2375 TI-TPS2375 Datasheet
433Kb / 21P
[Old version datasheet]   IEEE 802.3af PoE POWERED DEVICE CONTROLLERS
TPS2375-1 TI-TPS2375-1 Datasheet
670Kb / 23P
[Old version datasheet]   IEEE 802.3af PoE POWERED DEVICE CONTROLLERS WITH AUTO-RETRY
TPS2375-1 TI1-TPS2375-1_17 Datasheet
1Mb / 27P
[Old version datasheet]   IEEE 802.3af PoE POWERED DEVICE CONTROLLERS WITH AUTO-RETRY
logo
STMicroelectronics
STHS2375A STMICROELECTRONICS-STHS2375A Datasheet
190Kb / 20P
   IEEE 802.3af PoE Powered Device (PD) interface controller
logo
Monolithic Power System...
MP8003A MPS-MP8003A Datasheet
825Kb / 17P
   IEEE 802.3af/at, PoE, Powered Device, Interface Controller
logo
MPS Industries, Inc.
MP8020 MPSIND-MP8020 Datasheet
2Mb / 27P
   IEEE 802.3af/at/bt-Compliant,PoE, Powered Device Interface
Rev. 1.0 2/17/2022
logo
Monolithic Power System...
EV8003A-Q-00A MPS-EV8003A-Q-00A Datasheet
290Kb / 6P
   IEEE 802.3af/at PoE Powered Device Interface Controller Evaluation Board
logo
Maxim Integrated Produc...
MAX5981A MAXIM-MAX5981A Datasheet
1Mb / 16P
   IEEE 802.3af/at-Compliant, Powered Device Interface
Rev 2; 8/11
MAX5982A MAXIM-MAX5982A Datasheet
1Mb / 17P
   IEEE 802.3af/at-Compliant, Powered Device Interface
Rev 0; 6/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com