Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS53114PW Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TPS53114PW
Description  SINGLE SYNCHRONOUS STEP-DOWN CONTROLLER
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS53114PW Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS53114PW Datasheet HTML 2Page - Texas Instruments TPS53114PW Datasheet HTML 3Page - Texas Instruments TPS53114PW Datasheet HTML 4Page - Texas Instruments TPS53114PW Datasheet HTML 5Page - Texas Instruments TPS53114PW Datasheet HTML 6Page - Texas Instruments TPS53114PW Datasheet HTML 7Page - Texas Instruments TPS53114PW Datasheet HTML 8Page - Texas Instruments TPS53114PW Datasheet HTML 9Page - Texas Instruments TPS53114PW Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 27 page
background image
VBST
SS
EN
VO
VFB
GND
CER
DRVH
SW
DRVL
PGND
TRIP
VIN
VREG5
V5FILT
FSEL
16
1
2
3
4
5
6
7
8
10
11
12
13
14
15
9
VBST
SS
EN
VO
VFB
GND
CER
DRVH
SW
DRVL
PGND
TRIP
VIN
VREG5
V5FILT
FSEL
16
1
2
3
4
5
6
7
8
10
11
12
13
14
15
9
TPS53114
SLVS887B – APRIL 2009 – REVISED OCTOBER 2010
www.ti.com
PIN FUNCTIONS
PIN
I/O
DESCRIPTION
NAME
NO.
Supply input for high-side NFET driver. Bypass to SW with a high-quality 0.1-mF ceramic capacitor. An external
VBST
16
I
schottky diode can be added from VREG5 if forward drop is critical to drive the high-side FET.
EN
7
I
Enable. Pull High to enable SMPS.
SS
3
O
Soft start programming pin. Connect capacitor from SS pin to GND to program soft start time.
VO
1
I
Output voltage input for on-time adjustment and output discharge. Connect directory to the output voltage.
VFB
2
I
D-CAP2 feedback input. Connect to output voltage with resistor divider.
GND
4
I
Signal ground pin. Connect to PGND and system ground at a single point.
High-side N-channel MOSFET gate driver output. SW referenced driver switches between SW(OFF) and
DRVH
15
O
VBST(ON).
SW
14
I/O
Switch node connections for both the high-side driver and over current comparator.
DRVL
13
O
Low-side N-Channel MOSFET gate driver output. PGND referenced driver switches between PGND(OFF) and
VREG5(ON).
Power ground connection for both the low-side driver and over current comparator. Connect PGND and GND
PGND
12
I/O
strongly together near the IC.
over current threshold programming pin. Connect to GND with a resister to set threshold for low-side RDS(on)
TRIP
11
I
current limit.
VIN
9
I
Supply Input for 5-V linear regulator. Bypass to GND with a minimum high-quality 0.1-mF ceramic capacitor.
5-V supply input for the control circuitry except the MOSFET drivers. Bypass to GND with a minimum
V5FILT
8
I
high-quality 1.0-mF ceramic capacitor. V5FILT is connected to VREG5 via internal 10-Ω resistor.
VREG5
10
O
Output of 5-V linear regulator and supply for MOSFET driver. Bypass to GND with a minimum high-quality
4.7-mF ceramic capacitor. VREG5 is connected to V5FILT via internal 10-Ω resistor.
Output capacitor select pin. Connect to GND for ceramic output capacitors. Connect to V5FILT for conductive
CER
5
I
polymer electrolyte type output capacitors (SP-CAP, POS-CAP, PXE).
Switching frequency selection pin. Connect to GND for low switching frequency or connect to V5FILT for high
FSEL
6
I
switching frequency.
PIN ASSIGNMENT (TOP VIEW)
Figure 3. HTSSOP 16-Pin PWP
Figure 4. TSSOP 16-Pin PW
6
Submit Documentation Feedback
Copyright © 2009–2010, Texas Instruments Incorporated
Product Folder Link(s) :TPS53114


Similar Part No. - TPS53114PW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS53114PWP TI-TPS53114PWP Datasheet
789Kb / 20P
[Old version datasheet]   SINGLE SYNCHRONOUS STEP-DOWN CONTROLLER FOR LOW VOLTAGE POWER RAILS
TPS53114PWPR TI-TPS53114PWPR Datasheet
789Kb / 20P
[Old version datasheet]   SINGLE SYNCHRONOUS STEP-DOWN CONTROLLER FOR LOW VOLTAGE POWER RAILS
More results

Similar Description - TPS53114PW

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP5212A ONSEMI-NCP5212A Datasheet
336Kb / 19P
   Single Synchronous Step-Down Controller
May, 2009 ??Rev. 0
NCP81045 ONSEMI-NCP81045 Datasheet
302Kb / 17P
   Single Synchronous Step-Down Controller
October, 2012 ??Rev. P0
NCP5217A ONSEMI-NCP5217A_11 Datasheet
279Kb / 16P
   Single Synchronous Step-Down Controller
May, 2011 ??Rev. 2
logo
Texas Instruments
TPS51117 TI-TPS51117 Datasheet
1Mb / 22P
[Old version datasheet]   SINGLE SYNCHRONOUS STEP-DOWN CONTROLLER
logo
ON Semiconductor
NCP5212A ONSEMI-NCP5212A_09 Datasheet
356Kb / 19P
   Single Synchronous Step-Down Controller
August, 2009 ??Rev. 3
logo
Texas Instruments
TPS53219A TI1-TPS53219A_15 Datasheet
1Mb / 35P
[Old version datasheet]   Single Synchronous Step-Down Controller
logo
ON Semiconductor
NCP5217A ONSEMI-NCP5217A Datasheet
314Kb / 16P
   Single Synchronous Step-Down Controller
August, 2009 ??Rev. 1
logo
Texas Instruments
TPS51117RGYR TI-TPS51117RGYR Datasheet
1Mb / 31P
[Old version datasheet]   SINGLE SYNCHRONOUS STEP-DOWN CONTROLLER
TPS51117 TI-TPS51117_15 Datasheet
1Mb / 33P
[Old version datasheet]   TPS51117 Single Synchronous Step-Down Controller
logo
Vishay Siliconix
SIP12202 VISHAY-SIP12202 Datasheet
768Kb / 10P
   Synchronous Step Down Controller
Rev. A, 10-Oct-05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com