Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS40195RGYR Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TPS40195RGYR
Description  4.5-V TO 20-V SYNCHRONOUS BUCK CONTROLLER WITH SYNCHRONIZATION AND
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS40195RGYR Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS40195RGYR Datasheet HTML 2Page - Texas Instruments TPS40195RGYR Datasheet HTML 3Page - Texas Instruments TPS40195RGYR Datasheet HTML 4Page - Texas Instruments TPS40195RGYR Datasheet HTML 5Page - Texas Instruments TPS40195RGYR Datasheet HTML 6Page - Texas Instruments TPS40195RGYR Datasheet HTML 7Page - Texas Instruments TPS40195RGYR Datasheet HTML 8Page - Texas Instruments TPS40195RGYR Datasheet HTML 9Page - Texas Instruments TPS40195RGYR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 44 page
background image
-40 -25 -10
5
20
35
95
50
65
80
110 125
0
1
2
3
10
4
5
6
7
9
8
T
J - Junction Temperature - °C
V
PGOOD = 5 V
V
FB = 590 mV
-10
-9
-6
-5
-3
-1
0
-4
-8
-40 -25 -10
5
20
35
95
125
50
65
80
110
-7
-2
T
J - Junction Temperature - °C
0
1.0
2.0
2.5
3.0
1.5
-40 -25 -10
5
20
35
95
125
50
65
80
110
0.5
V
VDD = 12V
V
VDD = 20V
V
VDD = 12 V
V
VDD = 20 V
T
J - Junction Temperature - °C
150
200
300
350
400
250
100
50
0
-40 -25 -10
5
20
35
95
125
50
65
80
110
V
VDD = 12 V
V
VDD = 20 V
V
EN = 0 V
V
VDD = 12V
V
VDD = 20V
T
J - Junction Temperature - °C
TPS40195
SLUS720E – FEBRUARY 2007 – REVISED JULY 2012
www.ti.com
TYPICAL CHARACTERISTICS
INPUT CURRENT
OPERATING CURRENT IN SHUTDOWN
vs
vs
JUNCTION TEMPERATURE
JUNCTION TEMPERATURE
Figure 1.
Figure 2.
POWERGOOD LEAKAGE CURRENT
CURRENT LIMIT OFFSET VOLTAGE
vs
vs
JUNCTION TEMPERATURE
JUNCTION TEMPERATURE
Figure 3.
Figure 4.
6
Copyright © 2007–2012, Texas Instruments Incorporated


Similar Part No. - TPS40195RGYR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS40195 TI-TPS40195 Datasheet
665Kb / 39P
[Old version datasheet]   4.5-V TO 20-V SYNCHRONOUS BUCK CONTROLLER WITH SYNCHRONIZATION AND POWER GOOD
TPS40195PW TI-TPS40195PW Datasheet
665Kb / 39P
[Old version datasheet]   4.5-V TO 20-V SYNCHRONOUS BUCK CONTROLLER WITH SYNCHRONIZATION AND POWER GOOD
TPS40195PWG4 TI-TPS40195PWG4 Datasheet
665Kb / 39P
[Old version datasheet]   4.5-V TO 20-V SYNCHRONOUS BUCK CONTROLLER WITH SYNCHRONIZATION AND POWER GOOD
TPS40195PWR TI-TPS40195PWR Datasheet
665Kb / 39P
[Old version datasheet]   4.5-V TO 20-V SYNCHRONOUS BUCK CONTROLLER WITH SYNCHRONIZATION AND POWER GOOD
TPS40195PWRG4 TI-TPS40195PWRG4 Datasheet
665Kb / 39P
[Old version datasheet]   4.5-V TO 20-V SYNCHRONOUS BUCK CONTROLLER WITH SYNCHRONIZATION AND POWER GOOD
More results

Similar Description - TPS40195RGYR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS40195 TI-TPS40195 Datasheet
665Kb / 39P
[Old version datasheet]   4.5-V TO 20-V SYNCHRONOUS BUCK CONTROLLER WITH SYNCHRONIZATION AND POWER GOOD
TPS544C25 TI1-TPS544C25 Datasheet
2Mb / 100P
[Old version datasheet]   4.5-V to 18-V, 20-A and 30-A SWIFT Synchronous Buck Converters with PMBus and Frequency Synchronization
TPS40170QRGYRQ1 TI-TPS40170QRGYRQ1 Datasheet
1Mb / 49P
[Old version datasheet]   4.5-V TO 60-V WIDE-INPUT SYNCHRONOUS PWM BUCK CONTROLLER
TPS40170-EP TI-TPS40170-EP_15 Datasheet
1Mb / 50P
[Old version datasheet]   4.5-V TO 60-V WIDE-INPUT SYNCHRONOUS PWM BUCK CONTROLLER
TPS40170 TI1-TPS40170_11 Datasheet
1Mb / 49P
[Old version datasheet]   4.5-V TO 60-V WIDE-INPUT SYNCHRONOUS PWM BUCK CONTROLLER
MARCH2011
TPS40304A TI-TPS40304A_1 Datasheet
527Kb / 20P
[Old version datasheet]   3-V TO 20-V INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40304A TI-TPS40304A_15 Datasheet
726Kb / 19P
[Old version datasheet]   3-V TO 20-V INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40400 TI1-TPS40400 Datasheet
761Kb / 56P
[Old version datasheet]   3.0-V TO 20-V PMBus SYNCHRONOUS BUCK CONTROLLER
TPS40345 TI1-TPS40345 Datasheet
1Mb / 26P
[Old version datasheet]   3-V to 20-V Input Synchronous Buck Controller
TPS40303 TI-TPS40303 Datasheet
1Mb / 29P
[Old version datasheet]   3-V TO 20-V INPUT SYNCHRONOUS BUCK CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com