Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS2831PWPR Datasheet(PDF) 3 Page - Texas Instruments

Part # TPS2831PWPR
Description  FAST SYNCHRONOUS-BUCK MOSFET DRIVERS
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS2831PWPR Datasheet(HTML) 3 Page - Texas Instruments

  TPS2831PWPR Datasheet HTML 1Page - Texas Instruments TPS2831PWPR Datasheet HTML 2Page - Texas Instruments TPS2831PWPR Datasheet HTML 3Page - Texas Instruments TPS2831PWPR Datasheet HTML 4Page - Texas Instruments TPS2831PWPR Datasheet HTML 5Page - Texas Instruments TPS2831PWPR Datasheet HTML 6Page - Texas Instruments TPS2831PWPR Datasheet HTML 7Page - Texas Instruments TPS2831PWPR Datasheet HTML 8Page - Texas Instruments TPS2831PWPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
TPS2830, TPS2831
FAST SYNCHRONOUSBUCK MOSFET DRIVERS
WITH DEADTIME CONTROL
SLVS196C − JANUARY1999 − REVISED JANUARY 2001
3
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
Terminal Functions
TERMINAL
I/O
DESCRIPTION
NAME
NO.
I/O
DESCRIPTION
BOOT
14
I
Bootstrap terminal. A ceramic capacitor is connected between BOOT and BOOTLO terminals to develop the
floating bootstrap voltage for the high-side MOSFET. The capacitor value is typically between 0.1
µF and 1 µF.
A 1-M
Ω resistor should be connected across the bootstrap capacitor to provide a discharge path when the driver
has been powered down.
BOOTLO
11
O
This terminal connects to the junction of the high-side and low-side MOSFETs.
CROWBAR
3
I
CROWBAR can to be driven by an external OVP circuit to protect against a short across the high-side MOSFET.
If CROWBAR is driven low, the low-side driver will be turned on and the high-side driver will be turned off,
independent of the status of all other control terminals.
DT
6
I
Dead-time control terminal. Connect DT to the junction of the high-side and low-side MOSFETs.
ENABLE
1
I
If ENABLE is low, both drivers are off.
HIGHDR
12
O
Output drive for the high-side power MOSFET
IN
2
I
Input signal to the MOSFET drivers (noninverting input for the TPS2830; inverting input for the TPS2831).
LOWDR
10
O
Output drive for the low-side power MOSFET
NC
4, 9, 13
No internal connection
PGND
7
Power ground. Connect to the FET power ground
SYNC
5
I
Synchronous Rectifier Enable terminal. If SYNC is low, the low-side driver is always off; If SYNC is high, the
low-side driver provides gate drive to the low-side MOSFET.
VCC
8
I
Input supply. Recommended that a 1-
µF capacitor be connected from VCC to PGND.
detailed description
low-side driver
The low-side driver is designed to drive low Rds(on) N-channel MOSFETs. The current rating of the driver is
2 A, source and sink.
high-side driver
The high-side driver is designed to drive low Rds(on) N-channel MOSFETs. The current rating of the driver is
2 A, source and sink. The high-side driver can be configured as a GND-reference driver or as a floating bootstrap
driver. The internal bootstrap diode is a Schottky, for improved drive efficiency. The maximum voltage that can
be applied from BOOT to ground is 30 V.
dead-time (DT) control
Dead-time control prevents shoot through current from flowing through the main power FETs during switching
transitions by controlling the turn-on times of the MOSFET drivers. The high-side driver is not allowed to turn
on until the gate drive voltage to the low-side FET is low, and the low-side driver is not allowed to turn on until
the voltage at the junction of the power FETs (Vdrain) is low; the DT terminal connects to the junction of the power
FETs.
ENABLE
The ENABLE terminal enables the drivers. When enable is low, the output drivers are low.
IN
The IN terminal is the input control signal for the drivers. The TPS2830 has a noninverting input; the TPS2831
has an inverting input.
†High-level input voltages on ENABLE, SYNC, CROWBAR, IN, and DT must be greater than or equal to 0.7VCC.


Similar Part No. - TPS2831PWPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2831PWP TI-TPS2831PWP Datasheet
198Kb / 15P
[Old version datasheet]   FAST SYNCHRONOUS-BUCK MOSFET DRIVERS WITH DEADTIME CONTROL
More results

Similar Description - TPS2831PWPR

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP81166 ONSEMI-NCP81166 Datasheet
80Kb / 9P
   Synchronous Buck MOSFET Drivers
January, 2015 ??Rev. 2
NCP81063 ONSEMI-NCP81063 Datasheet
88Kb / 8P
   Synchronous Buck MOSFET Drivers
June, 2016 ??Rev. P1
NCP5269A ONSEMI-NCP5269A Datasheet
186Kb / 11P
   Synchronous Buck MOSFET Drivers
June, 2013 ??Rev. P1
logo
Texas Instruments
TPS2830 TI-TPS2830 Datasheet
198Kb / 15P
[Old version datasheet]   FAST SYNCHRONOUS-BUCK MOSFET DRIVERS WITH DEADTIME CONTROL
logo
Richtek Technology Corp...
RT9603 RICHTEK-RT9603 Datasheet
116Kb / 10P
   Synchronous-Rectified Buck MOSFET Drivers
RT9603 RICHTEK-RT9603_07 Datasheet
128Kb / 10P
   Synchronous-Rectified Buck MOSFET Drivers
logo
Intersil Corporation
HIP6601 INTERSIL-HIP6601_04 Datasheet
234Kb / 8P
   Synchronous-Rectified Buck MOSFET Drivers
logo
Renesas Technology Corp
ISL6625A RENESAS-ISL6625A Datasheet
587Kb / 10P
   Synchronous Rectified Buck MOSFET Drivers
logo
ON Semiconductor
NCP5901 ONSEMI-NCP5901 Datasheet
140Kb / 9P
   Compatible Synchronous Buck MOSFET Drivers
June, 2013 ??Rev. 2
NCP81062 ONSEMI-NCP81062 Datasheet
88Kb / 8P
   Compatible Synchronous Buck MOSFET Drivers
July, 2011 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com