Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS2377DR Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TPS2377DR
Description  IEEE 802.3af PoE POWERED DEVICE CONTROLLERS
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS2377DR Datasheet(HTML) 5 Page - Texas Instruments

  TPS2377DR Datasheet HTML 1Page - Texas Instruments TPS2377DR Datasheet HTML 2Page - Texas Instruments TPS2377DR Datasheet HTML 3Page - Texas Instruments TPS2377DR Datasheet HTML 4Page - Texas Instruments TPS2377DR Datasheet HTML 5Page - Texas Instruments TPS2377DR Datasheet HTML 6Page - Texas Instruments TPS2377DR Datasheet HTML 7Page - Texas Instruments TPS2377DR Datasheet HTML 8Page - Texas Instruments TPS2377DR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
DEVICE INFORMATION
+
10V
Regulator
ThermalShutdown,
Counter,andLatch
Q
S
R
+
+
3
2
12V
22V
1.5V
&10V
2.5V
+
VDD
RTN
45mV
CLASS
DET
Current
Limit Amp.
UVLO
Comp.
EN
Delay
Q
S
R
5
8
6
PG
+
0= Inrush
0=Fault
1=Limiting
PGComparator
Detection
Comparator
Classification
Comparator
0
1
7
UVLO
’76Only
+
2.5V
1
ILIM
1:1
4
VSS
See
Note
Current
Mirror
800 W
0.08 W
150 S
m
data sheet
TPS2375
TPS2376
TPS2377
www.ti.com............................................................................................................................................................ SLVS525B – APRIL 2004 – REVISED APRIL 2008
FUNCTIONAL BLOCK DIAGRAM
Note: For the TPS2376, the UVLO comparator connects to the UVLO pin and not to the UVLO divider.
Copyright © 2004–2008, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): TPS2375 TPS2376 TPS2377


Similar Part No. - TPS2377DR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2377DR-1 TI-TPS2377DR-1 Datasheet
670Kb / 23P
[Old version datasheet]   IEEE 802.3af PoE POWERED DEVICE CONTROLLERS WITH AUTO-RETRY
TPS2377DR-1 TI1-TPS2377DR-1 Datasheet
1Mb / 27P
[Old version datasheet]   IEEE 802.3af PoE POWERED DEVICE CONTROLLERS WITH AUTO-RETRY
TPS2377DR-1G4 TI-TPS2377DR-1G4 Datasheet
670Kb / 23P
[Old version datasheet]   IEEE 802.3af PoE POWERED DEVICE CONTROLLERS WITH AUTO-RETRY
TPS2377DR-1G4 TI1-TPS2377DR-1G4 Datasheet
1Mb / 27P
[Old version datasheet]   IEEE 802.3af PoE POWERED DEVICE CONTROLLERS WITH AUTO-RETRY
More results

Similar Description - TPS2377DR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2375DR TI-TPS2375DR Datasheet
959Kb / 25P
[Old version datasheet]   IEEE 802.3af PoE POWERED DEVICE CONTROLLERS
TPS2375 TI-TPS2375 Datasheet
433Kb / 21P
[Old version datasheet]   IEEE 802.3af PoE POWERED DEVICE CONTROLLERS
TPS2375-1 TI-TPS2375-1 Datasheet
670Kb / 23P
[Old version datasheet]   IEEE 802.3af PoE POWERED DEVICE CONTROLLERS WITH AUTO-RETRY
TPS2375-1 TI1-TPS2375-1_17 Datasheet
1Mb / 27P
[Old version datasheet]   IEEE 802.3af PoE POWERED DEVICE CONTROLLERS WITH AUTO-RETRY
logo
STMicroelectronics
STHS2375A STMICROELECTRONICS-STHS2375A Datasheet
190Kb / 20P
   IEEE 802.3af PoE Powered Device (PD) interface controller
logo
Monolithic Power System...
MP8003A MPS-MP8003A Datasheet
825Kb / 17P
   IEEE 802.3af/at, PoE, Powered Device, Interface Controller
logo
MPS Industries, Inc.
MP8020 MPSIND-MP8020 Datasheet
2Mb / 27P
   IEEE 802.3af/at/bt-Compliant,PoE, Powered Device Interface
Rev. 1.0 2/17/2022
logo
Monolithic Power System...
EV8003A-Q-00A MPS-EV8003A-Q-00A Datasheet
290Kb / 6P
   IEEE 802.3af/at PoE Powered Device Interface Controller Evaluation Board
logo
Maxim Integrated Produc...
MAX5981A MAXIM-MAX5981A Datasheet
1Mb / 16P
   IEEE 802.3af/at-Compliant, Powered Device Interface
Rev 2; 8/11
MAX5982A MAXIM-MAX5982A Datasheet
1Mb / 17P
   IEEE 802.3af/at-Compliant, Powered Device Interface
Rev 0; 6/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com